|
|
|
Texas Instruments |
Part No. |
TLC5955DCA
|
Description |
48ch, 16bit PWM LED Driver with Dot-Correction, Brightness Control, Open/Short Detection 56-HTSSOP -40 to 85
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
|
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
Part No. |
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC AM2147-45PCB AM2147-45DC AM2147-45/BUA AM2147-45LC AM2147-55LC AM2147-55DC AM2147-55PC AM2147-55/BYC AM21L47-45DCB AM21L47-45LCB AM21L47-45PCB AM21L47-55DCB AM21L47-70DCB AM21L47-70PCB AM21L47-55LCB AM21L47-55PCB AM21L47-70LCB AM2147-35LCB AM2147-70/BUA AM2147-55/BUA AM9147-80DMB
|
Description |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
File Size |
225.01K /
9 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
TMS320C6455DCTZA8
|
Description |
C64x+ fixed point DSP- up to 1.2GHz, 64-Bit EMIFA, 32/16 Bit DDR2, 1 Gbps Ethernet 697-FCBGA 0 to 0
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
TLC5955DCAR
|
Description |
48ch, 16bit PWM LED Driver with Dot-Correction, Brightness Control, Open/Short Detection 56-HTSSOP -40 to 85
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Analog Devices |
Part No. |
ADP1055DC1-EVALZ
|
Description |
ADP1055 DAUGHTER CARD
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|