|
|
|
AKM
|
Part No. |
ak4588
|
OCR Text |
ak4588] rev0.9 2003/09 - 1 - general description the ak4588 is a single chip codec that includes two channels of adc and eight channels of dac. the adc outputs 24bit data and the dac accepts up to 24bit input data. the adc... |
Description |
High Performance 2/8-channel 24-bit CODEC with DIR/DIT for Digital A/V Equipment
|
File Size |
821.32K /
77 Page |
View
it Online |
Download Datasheet |
|
|
|
AKM[Asahi Kasei Microsystems]
|
Part No. |
AKD4588
|
OCR Text |
ak4588
FEATURE The AKD4588 is an evaluation board for the ak4588, a single chip 24bit CODEC that includes two channels of ADC and eight channels of DAC with internal DIR, DIT. The AKD4588 has the interface with AKM's A/D converter evaluati... |
Description |
Evaluation board Rev.C for ak4588
|
File Size |
582.68K /
46 Page |
View
it Online |
Download Datasheet |
|
|
|
AKM[Asahi Kasei Microsystems]
|
Part No. |
AK4589
|
OCR Text |
...9
192kHz 24 bit DIR 8 AK4589 ak4588 * (AC-3)
(DIR) Non-PCM
(DIT)
Dolby Laboratories
ADC, DAC * 2ch 24bit ADC -64 : 96kHz -S/(N+D): 92dB , S/N: 102dB HPF 2 S, TDM -I/F : ,I * 8ch 24bit DAC -128 : 192kHz -24 8 SCF -S/(N+D): 94d... |
Description |
2/8 CHANNEL AUDIO CODEC WITH DIR
|
File Size |
796.50K /
76 Page |
View
it Online |
Download Datasheet |
|
|
|
AKM[Asahi Kasei Microsystems]
|
Part No. |
AKD4589-B AKD4589
|
OCR Text |
... "H". [LE1] (INT0): Indicate of ak4588's INT0 pin output. [LE2] (INT1): Indicate of ak4588's INT1 pin output.
Serial Control
AK4589 can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect printer port (pa... |
Description |
AK4589 Evaluation Board Rev.2
|
File Size |
2,272.46K /
51 Page |
View
it Online |
Download Datasheet |
|
|
|
AKM[Asahi Kasei Microsystems]
|
Part No. |
AKD4683 AK4683 AK4683EQ
|
OCR Text |
... XTI CDTI
Compatibility with ak4588
Functions DAC, ADC Asynchronous operation DAC ch# HP-Amp ADC Input selector ak4588 NOT Available 8ch AK4683 Available 4ch 2ch 6:1
MS0427-E-01 -4-
2005/11
ASAHI KASEI
[AK4683]
PIN/FUNCTI... |
Description |
Asynchronous Multi-Channel Audio CODEC with DIR/T
|
File Size |
1,244.90K /
82 Page |
View
it Online |
Download Datasheet |
For
ak4588 Found Datasheets File :: 11 Search Time::3.625ms Page :: | <1> | 2 | |
▲Up To
Search▲ |
|
Price and Availability
|