Part Number Hot Search : 
AQV210 F2002ERW MA1U152K EIN12 TC1952 74LS39 1E475 MA1U152K
Product Description
Full Text Search
  AAT3518 Datasheet PDF File

For AAT3518 Found Datasheets File :: 2+       Page :: | <1> |   

    AAT3519 AAT3510 AAT3510IGV-2.63-C-C-T1 AAT3510IGV-2.93-C-C-T1 AAT3510IGV-3.08-C-C-T1 AAT3510IGV-4.38-C-C-T1 AAT3511 AAT3

AAT[Advanced Analog Technology, Inc.]
Advanced Analogic Technologies
Part No. AAT3519 AAT3510 AAT3510IGV-2.63-C-C-T1 AAT3510IGV-2.93-C-C-T1 AAT3510IGV-3.08-C-C-T1 AAT3510IGV-4.38-C-C-T1 AAT3511 AAT3511IGV-2.63-C-C-T1 AAT3512 AAT3512IGV-2.63-A-C-T1 AAT3512IGV-2.63-C-C-T1 AAT3513 AAT3515 AAT3515IGV-2.63-C-T1 AAT3515IGV-2.93-B-T1 AAT3515IGV-2.93-C-T1 AAT3515IGV-3.08-C-T1 AAT3515IGV-4.38-C-T1 AAT3515IGV-4.63-C-T1 AAT3516 AAT3517 AAT3517IGV-2.63-C-C-T1 AAT3517IGV-2.8-B-C-T1 AAT3517IGV-2.93-C-C-T1 AAT3518 AAT351006 AAT351XIGV-3.70AA AAT351XIGV-3.70AB AAT351XIGV-3.70AC AAT351XIGV-3.70BB AAT351XIGV-3.70BC AAT351XIGV-3.70CA AAT351XIGV-3.70BA AAT351XIGV-3.70CB AAT351XIGV-2.63CB AAT351XIGV-2.70AB AAT351XIGV-2.70BB AAT351XIGV-2.63AA AAT351XIGV-2.63AB AAT351XIGV-2.63AC AAT351XIGV-2.63BA AAT351XIGV-2.63BB AAT351XIGV-2.63BC AAT351XIGV-2.63CA AAT351XIGV-2.63CC AAT351XIGV-2.70AA AAT351XIGV-2.70AC AAT351XIGV-2.70BA AAT351XIGV-2.70BC AAT351XIGV-2.70CA AAT351XIGV-2.70CB AAT351XIGV-2.70CC AAT351XIGV-2.80AA AAT351XIGV-2.80AB AAT351XIGV-2.80AC AAT351XIGV-3.50CA AAT351XIGV-4.50CA AAT351XIGV-3.50CB AAT351XIGV-4.50CB AAT351XIGV-3.50CC AAT351XIGV-4.50CC AAT351XIGV-3.30CB AAT351XIGV-3.30CC AAT351XIGV-3.30CA AAT351XIGV-4.00CA AAT351XIGV-4.00CB AAT351XIGV-4.00CC AAT351XIGV-5.00CC AAT351X
Description Micropower μP Reset with Watchdog Timer
Micropower 渭P Reset with Watchdog Timer
Micropower 楼矛P Reset with Watchdog Timer
Micropower uP Reset with Watchdog Timer
Micropower レP Reset with Watchdog Timer

File Size 107.24K  /  11 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    ANALOGICTECH[Advanced Analogic Technologies]
Electronic Theatre Controls, Inc.
Advanced Analogic Technologies, Inc.
Part No. AAT3510 AAT3518 AAT3519 AAT3512 AAT3511 AAT3517 AAT3510IGV-2.63-A-A-T1 AAT3510IGV-2.63-A-B-T1 AAT3510IGV-2.63-B-A-T1 AAT3510IGV-2.63-B-B-T1 AAT3510IGV-2.63-B-C-T1 AAT3510IGV-2.63-C-B-T1 AAT3510IGV-2.63-C-C-T1 AAT3510IGV-2.70-A-A-T1 AAT3510IGV-2.70-A-C-T1 AAT3510IGV-2.70-B-A-T1 AAT3510IGV-2.70-B-B-T1 AAT3510IGV-2.70-C-C-T1 AAT3510IGV-2.80-A-A-T1 AAT3510IGV-2.80-A-B-T1 AAT3510IGV-2.80-B-A-T1 AAT3510IGV-2.80-B-C-T1 AAT3510IGV-2.93-A-A-T1 AAT3510IGV-2.93-A-B-T1 AAT3510IGV-2.63-C-A-T1 AAT3519IGV-5.00-C-C-T1 AAT3510IGV-2.63-A-C-T1 AAT3510IGV-2.70-A-B-T1 AAT3510IGV-2.70-B-C-T1 AAT3510IGV-2.70-C-A-T1 AAT3510IGV-2.70-C-B-T1 AAT3510IGV-2.80-A-C-T1 AAT3510IGV-2.80-B-B-T1 AAT3510IGV-2.80-C-A-T1 AAT3510IGV-2.80-C-B-T1 AAT3510IGV-2.80-C-C-T1 AAT3510IGV-2.93-A-C-T1 AAT3510IGV-2.93-B-A-T1 AAT3510IGV-2.93-B-B-T1 AAT3510IGV-2.93-B-C-T1 AAT3510IGV-2.93-C-A-T1 AAT3510IGV-2.93-C-B-T1 AAT3510IGV-2.93-C-C-T1 AAT3510IGV-3.00-A-A-T1 AAT3510IGV-3.00-A-B-T1 AAT3510IGV-3.00-A-C-T1 AAT3510IGV-3.00-B-A-T1 AAT3510IGV-3.00-B-B-T1 AAT3510IGV-3.00-B-C-T1 AAT3510IGV-3.00-C-A-T1 AAT3510IGV-3.00-C-B-T1 AAT3510IGV-3.00-C-C-T1 AAT3510IGV-3.08-A-A-T1 AAT3510IGV-3.08-A-B-T1 AAT3510IGV-3.08-A-C-T1 AAT3510IGV-3.08-B-A-T1 AA
Description MicroPower Microprocessor Reset Cicruit with Watchdog Timer
MicroPower Microprocessor Reset Circuit with Watchdog Timer
Low Power, High Precision Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: Industrial
Voltage-Continuity Tester; Approval Bodies:UL; Voltage Rating:1500V
SMT LN X-Y SOIC-20
Miniature Power Relay, 2 Form A, 10A 250VAC 10A 30VDC, 2 Coil Latching
HOT STICK
LC2MOS ±15 V Quad SPST Switch; Package: PLCC; No of Pins: 20; Temperature Range: Commercial
3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: Industrial
OSCILLATORS 50PPM -40 85 3.3V 4 9.000MHZ PD HCMOS 2X2.5 4PAD SMD
3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial
Isolated 2, 3, or 4-Wire RTD Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial
128K FLASH HCS12 MCU
9S12C64 (KOI)
SMA R/A CRIMP PLUG RG 142,400 RoHS Compliant: Yes
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial
Touch Screen Digitizer; Package: QSOP; No of Pins: 16; Temperature Range: Industrial
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial
AIGEAS LOW G X-LATERIAL
3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial
2.5V to 5.5V, 115µA Parallel Interface Single Voltage Output 10-Bit DAC; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial
± 15 V /12 V Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD
Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial
PUSHBUTTON, PU, 1POLE, NO, BLUE; Switch function type:SPNO; Voltage, contact DC max:24V; Temp, op. max:65(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Colour:Blue; Configuration, contact:NO; Dielectric RoHS Compliant: Yes
± 15 V /12 V Quad SPST NC Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD
2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 10-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
±80°/sec Yaw Rate Gyro with SPI Interface; Package: LGA/CASON/CH ARRY SO NO LD; No of Pins: 16; Temperature Range: Industrial
PHASE SEQUENCE & MOTOR ROTATION TESTER
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55, 142, 223, 400; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
RECALIBRATION SERVICE FOR RS-3 AMPROBE Test Analog multimeter
Global Limit Switches Series GLS: Top Plunger, 2NC 2NO DPDT Snap Action, 20 mm
SMA CRIMP PLUG FOR RD316 CABLE RoHS Compliant: Yes
RECALIBRATION SERVICE FOR AMPROBE RS-1007
RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Right Angle Adapter, Plug-Jack RoHS Compliant: Yes
2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output,12-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
ROCKER SWITCH, DPST, ILLUM RED; Switch function type:DPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Red (illuminated); Current, contact @ contact RoHS Compliant: Yes
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Right Angle Jack RoHS Compliant: Yes
Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD
± 150 deg/sec Angular Rate Sensor; No of Pins: 32; Temperature Range: Industrial
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:174, 316 RoHS Compliant: Yes
40-Channel, 14-Bit, Serial Input, Voltage Output DAC; Package: LQFP (12x12x1.4mm); No of Pins: 80; Temperature Range: Industrial
ROCKER SWITCH, DPST, GREY; Switch function type:DPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Grey Body, Chrome Actuator; Current, contact @ contact RoHS Compliant: Yes
Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD
RECALIBRATION SERVICE FOR AMPROBE RS-1000
Quad SPDT ±15 V/ 12 V Switch; Package: SSOP; No of Pins: 20; Temperature Range: TBD
SMA R/A PLUG RD 316 NICKEL PLA RoHS Compliant: Yes
LC2MOS Precision Quad SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial
Digital Pen Multimeter and Clamp-on Head Adapter, 300 A Capability AC and AC Current
± 15 V /12 V Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD
± 150 deg/sec Angular Rate Sensor; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial
SMA R/A PLUG RD 316 GOLD PLATE RoHS Compliant: Yes
ROTARY-SCALE AC CLAMP-ON MULTIMETERS VOLT-AMP METERS
Power Relay, 3A
±80°/sec Yaw Rate Gyro with SPI Interface; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
SWITCH, SPNO, ROUND, BLACK; Switch function type:SPNO; Voltage, contact AC max:20V; Voltage, contact DC max:48V; Temp, op. max:125(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes
RESISTOR PACK,10K,10 PIN SIP
DIG SLING PSYCHROMETER W/DEW & WET BULB READ
SWITCH, SPNO, ROUND, BLUE; Switch function type:SPNO; Voltage, contact AC max:20V; Voltage, contact DC max:48V; Temp, op. max:125(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes
Temperature, Test, Range -10 To 50 Degree Celsius
RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:BNC Jack RoHS Compliant: Yes
Type-K Temperature Adapter; Calibrated:No
SOUND METER
HYGROMETER, THERMO; RoHS Compliant: NA
COAXIAL INTER SERIES ADAPTOR RoHS Compliant: Yes
SMA SLDER CLP PLG RG58 RoHS Compliant: Yes
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Receptacle; Series:SMA RoHS Compliant: Yes
RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:BNC Jack RoHS Compliant: Yes
RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter; Body Plating:Gold; Pack Quantity:1000; Color:Red; Stud Size:#8; Wire Size (AWG):22-18 RoHS Compliant: Yes
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial
Low Power, High Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: TBD
CAT5E PATCH CABLES SNAGLESS BLACK 25 FT
Low Power, 5V CMOS RS-232 100kBPS Transceiver with 2 Drivers/Receivers; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial
Micropower uP Reset with Watchdog Timer 微功μP 复位和看门狗定时
8-Channel, 14-Bit, Serial Input, Voltage-Output DAC; Package: LQFP (10x10mm); No of Pins: 52; Temperature Range: Industrial 微功耗P复位和看门狗定时
Low Power, 5V CMOS RS-232 Transceiver with 2 Drivers and 2 Receivers; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial 微功耗P复位和看门狗定时
Isolated Volt Input; 3 Hz Bandwidth Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 微功耗P复位和看门狗定时
Miniature Switch, High Precision 微功耗μP复位和看门狗定时
Programmable Low Power Gyroscope; Package: LGA; No of Pins: 20; Temperature Range: Industrial 微功耗μP复位和看门狗定时
Test, Electromagnetic Field 微功耗μP复位和看门狗定时
Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching 微功耗μP复位和看门狗定时
Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching, Reverse Polarity 微功耗μP复位和看门狗定时
32-Channel 14-Bit Serial/Parallel Bipolar D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial 微功耗μP复位和看门狗定时
40-Channel 14-Bit Bipolar Voltage-Output D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial 微功耗μP复位和看门狗定时
&#177; 15 V /12 V Quad SPST NC Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD 微功耗μP复位和看门狗定时
Quad SPDT &#177;15 V/ 12 V Switch; Package: SSOP; No of Pins: 20; Temperature Range: TBD 微功耗μP复位和看门狗定时
Digital Multimeter 微功耗μP复位和看门狗定时
2.5 V to 5.5 V, 250 &#181;A, 2-Wire Interface, Dual Voltage Output, 10-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时
ANEMOMETER, REMOTE VANE; RoHS Compliant: NA 微功耗μP复位和看门狗定时
Versatile Miniature Switch, High Performance 微功耗μP复位和看门狗定时
REMCON RELAY SWITCH 微功耗μP复位和看门狗定时
THERMOMETER, DUAL INPUT; RoHS Compliant: NA 微功耗μP复位和看门狗定时
Voltage-Continuity Tester; Approval Bodies:UL 微功耗μP复位和看门狗定时
RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:BNC Plug RoHS Compliant: Yes 微功耗μP复位和看门狗定时
Low Capacitance, Triple SPDT &#177;15 V/12 V iCMOS&trade; Switch; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 微功耗μP复位和看门狗定时
LC2MOS Precision Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: Industrial 微功耗μP复位和看门狗定时
High-performance Dual Core Processor 微功耗μP复位和看门狗定时
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack RoHS Compliant: Yes 微功耗μP复位和看门狗定时
X- AXIS 100G 微功耗μP复位和看门狗定时
2.5V to 5.5V, 115&#181;A Parallel Interface Single Voltage Output 10-Bit DAC; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 微功耗μP复位和看门狗定时
PHASE SEQUENCE & MOTOR ROTATION TESTER 微功耗μP复位和看门狗定时
Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-3/4 微功耗μP复位和看门狗定时
THERMOMETER, IMMERSION; RoHS Compliant: NA 微功耗μP复位和看门狗定时
Low Power, High Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时
Low Power, High Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:316DB RoHS Compliant: Yes 微功耗μP复位和看门狗定时
Bead Type-K Thermocouple Probe; Calibrated:No RoHS Compliant: NA 微功耗μP复位和看门狗定时
RF Coaxial Connector Adapter; Convert From:BNC Plug; Convert To:SMA Plug; Body Plating:Nickel; Body Style:Straight RoHS Compliant: Yes 微功耗μP复位和看门狗定时
Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-5/6 微功耗μP复位和看门狗定时
Isolated Thermocouple Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 微功耗μP复位和看门狗定时
Connector Adapter; Convert From:AMC Jack; Convert To:SMA Reverse Polarity Bulkhead Mount Jack; Body Plating:Gold; Insulator Material:PTFE; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 微功耗μP复位和看门狗定时
2.5 V to 5.5 V, 250 &#181;A, 2-Wire Interface, Dual Voltage Output,12-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
&#177; 15 V /12 V Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD
USB Adapter; Connector Type A:USB; Connector Type B:USB Adapter Cable; Cable Length:6.8" RoHS Compliant: NA
Low Capacitance, Triple SPDT &#177;15 V/12 V iCMOS&trade; Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD

File Size 154.96K  /  12 Page

View it Online

Download Datasheet

For AAT3518 Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: AAT3522IGY-2.32-200-T1
Maker: ANALOGIC
Pack: SOT-23
Stock: 1841
Unit price for :
    50: $0.53
  100: $0.51
1000: $0.48

Email: oulindz@gmail.com

Contact us

 
Price & Availability of AAT3518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0580568313599