Part Number Hot Search : 
6708QUM 4ACT5 QEA95DD0 NTE1882 30KPA60A 2SC41 50005 06006
Product Description
Full Text Search
  90.9k-ohm Datasheet PDF File

For 90.9k-ohm Found Datasheets File :: 93    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    IR3080 IR3080M IR3080MTR

IRF[International Rectifier]
Part No. IR3080 IR3080M IR3080MTR
OCR Text ....8V V(IIN) 5.5V Note 1 -31 90 4 0.4 0.7 125 30 -8 0.8 1 -2.0 -29.5 100 7 0.6 1.2 250 100 0 6 10 -0.75 -28 105 0.8 1.7 375 150 8 5...9k RROSC = 41.9k RROSC = 41.9k MIN 255 70 11 TYP 300 71 14 MAX 345 74 16 UNIT kHz % % -5mA I(VBI...
Description XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT

File Size 1,031.81K  /  41 Page

View it Online

Download Datasheet





    PA21A PA21 PA26 PA25 PA25A

List of Unclassifed Man...
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. PA21A PA21 PA26 PA25 PA25A
OCR Text ... A V/s F V V V V 30 45 40 90 * * * * * V mA 5.0 3.4 3.7 2.4 30 Meets full range specifications -25 85 -25 * * * 85 C/W C/W C/W C/W C/W C The specification of PA21A/PA25A is identical to the specification for PA...
Description    POWER DUAL OPERATIONAL AMPLIFIERS
POWER DUAL OPERATIONAL AMPLIFIERS 功耗双运算放大

File Size 83.30K  /  5 Page

View it Online

Download Datasheet

    ARX4404 ARX4404-001-1 ARX4404-001-2 ARX4404-201-1 ARX4404-201-2 ARX4407-001-1 ARX4407-001-2 ARX4407-201-1 ARX4407-201-2

AEROFLEX[Aeroflex Circuit Technology]
Aeroflex Inc.
Part No. ARX4404 ARX4404-001-1 ARX4404-001-2 ARX4404-201-1 ARX4404-201-2 ARX4407-001-1 ARX4407-001-2 ARX4407-201-1 ARX4407-201-2 ARX4467 ARX4467-FP ARX4440-FP ARX4440
OCR Text ...vel Rise and fall times (10% to 90% of p-p output) Output offset at point A-A' on Fig 5., 2.5 S after midpoint crossing of the parity bit of...9K resistor to GND, Pin 12 with a 6.65K resistor to GND, 1MHZ Sinewave applied to point A-A" VTH 0.6...
Description ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 & 4407 Transceivers for MACAIR A3818 A5690 A5232 A4905 & MIL-STD-1553
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 & 4407 Transceivers for MACAIR A3818/ A5690/ A5232/ A4905 & MIL-STD-1553
Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:22-9 RoHS Compliant: No
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553

File Size 93.83K  /  6 Page

View it Online

Download Datasheet

    HV9906DB3

Supertex Inc
SUTEX[Supertex, Inc]
Supertex Inc
Part No. HV9906DB3
OCR Text ...&C5A 0.2uFd C8&C8A 0.2uFd 90.9K 4.7V R3 100K D8 1N4148 0.47 15uFd C4&C4A, C5&C5A, C8&C8A are two 0.1uF capacitors in parallel. 2 09/05/2002 Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744...
Description Off-Line PFC Current Source Controller

File Size 198.38K  /  3 Page

View it Online

Download Datasheet

    CT2511 CT2511-FP CT2510 CT2510-FP CT2512-FP CT2513 CT2513-FP CT2512

Aeroflex Circuit Techno...
AEROFLEX[Aeroflex Circuit Technology]
Aeroflex Inc.
Aeroflex, Inc.
Part No. CT2511 CT2511-FP CT2510 CT2510-FP CT2512-FP CT2513 CT2513-FP CT2512
OCR Text ... 2 Note 3 Note 3 60 60 30 50 90 70 200 80 44 70 130 100 260 C/W C mA mA mA mA mA Note 1: Decreases linearly to zero at zero duty cy...9K 20V 10V 40 Typ Max Units V Vpeak Vpeak dB Vth 0.8 1.1 Vp-p Electrical Ch...
Description CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B CT2512 / CT2513 / CT2510 / CT2511的军用双冗余远程终端- STD - 1553B总线

File Size 252.25K  /  17 Page

View it Online

Download Datasheet

    HMC121C8

Hittite Microwave Corporation
Part No. HMC121C8
OCR Text ... DC - 10 GHz : tRISE, tFALL (10/90% RF): tON, tOFF (50% CTL to 10/90% RF): Input Power for 0.25 dB C ompre ssion (0.5 - 10 GHz) Input Third ...9K 500 3.9K TL321 OR EQUIVALENT -5V External op-amp control circuit maintains impedance mat...
Description From old datasheet system
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz

File Size 189.04K  /  6 Page

View it Online

Download Datasheet

    HMC121G8

Hittite Microwave Corpo...
Hittite Microwave Corporation
Part No. HMC121G8
OCR Text ...: DC - 8 GHz: tRISE, tFALL ( 10/90% RF): tON, tOFF (50% CTL to 10/90% RF): Min. Atten: Atten. > 2dB: Min. Atten: Atten. > 2dB: DC - 4 GHz: D...9K 500 3.9K TL321 OR EQUIVALENT -5V External op-amp control circuit maintains impedance mat...
Description GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz

File Size 103.43K  /  6 Page

View it Online

Download Datasheet

    International Rectifier, Corp.
International Rectifier Corp.
IRF[International Rectifier]
Part No. IRS2153D IRS2153DPBF IRS2153DSPBF IRS2153DSTRPBF
OCR Text ...Waveform Deadtime Waverform 90% tr 90% tf LO DTLO 10% DTHO HO 90% HO LO 10% 10% 7 IRS2153D(S)PbF Functional Description Under-voltage Lock-Out Mode (UVLO) The under-voltage lockout mode (UVLO) is de...
Description SELF-OSCILLATING HALF-BRIDEGE DRIVER IC 自激式半BRIDEGE驱动IC
Self Oscillating Half Bridge Driver IC
600V self-oscillating half-bridge electronic ballast IC

File Size 268.23K  /  12 Page

View it Online

Download Datasheet

For 90.9k-ohm Found Datasheets File :: 93    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 90.9k-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73821783065796