Part Number Hot Search : 
71M16X25 SD882 71M16X25 EMG408 MAX983 025NL DSDATA2 SD880S
Product Description
Full Text Search
  9.1pf Datasheet PDF File

For 9.1pf Found Datasheets File :: 26    Search Time::1.156ms    
Page :: | <1> | 2 | 3 |   

    M66516FP M66516

MITSUBISHI[Mitsubishi Electric Semiconductor]
Part No. M66516FP M66516
OCR Text ... S/H 20 PD 23 LD 16 CD 91pF DATA 17 ENB 6 Data stream Control signal (3) Peak-holding internal APC circuit The following figure is a configuration example of peak-holding internal APC circuit. In this example, the...
Description From old datasheet system
LASER-DIODE DRIVER/CONTROLLER

File Size 228.77K  /  10 Page

View it Online

Download Datasheet





    DMD1009 DMD1009-A

Seme LAB
Part No. DMD1009 DMD1009-A
OCR Text ...d 100uF 100 10nF L1 3K T2 91pF L2 T4 DMD1009 T1 2-18pF 2-18pF T3 DMD1009 30pF 30pF 2-18pF 680pF T5 680pF 91pF 5 x 5mm contact pad 5 x 5 mm contact pad T6 2-18pF DMD1009 TEST FIXTURE Substrate 1.6mm PT...
Description ROHS COMPLIANT METAL GATE RF SILICON FET

File Size 73.42K  /  5 Page

View it Online

Download Datasheet

    NIC[NIC-Components Corp.]
Part No. NMC-L0805NPO100J50TRPF NMC-L NMC-L0402NPO100J100TRPF NMC-L0402NPO100J50TRPF NMC-L0603NPO100J100TRPF NMC-L0603NPO100J50TRPF NMC-L0805NPO100J100TRPF
OCR Text ...ce 0.5pF 0.68pF 0.75pF 0.82pF 0.91pF 1.0pF 1.1pF 1.2pF 1.3pF 1.5pF 1.6pF 1.8pF 2.0pF 2.2pF 2.4pF 2.7pF 3.0pF 3.3pF 3.6pF 3.9pF 4.3pF 4.7pF 5.1pF 5.6pF 6.2pF 6.8pF 7.5pF 8.2pF 9.1pf 10pF 11pF (R) 0402 1.0 0.05 0.5 0.05 0.60 max. 0.2 0.1 0...
Description Multilayer Ceramic Chip Capacitors

File Size 102.55K  /  2 Page

View it Online

Download Datasheet

    SEME-LAB[Seme LAB]
Part No. D1010UK
OCR Text ...d 100uF 100 10nF L1 3K T2 91pF L2 T4 D1009UK T1 2-18pF 2-18pF T3 D1009UK 30pF 30pF 2-18pF 680pF T5 680pF 91pF 5 x 5mm contact pad 5 x 5 mm contact pad T6 2-18pF D1010UK TEST FIXTURE Substrate 1.6mm PT...
Description METAL GATE RF SILICON FET

File Size 49.94K  /  5 Page

View it Online

Download Datasheet

    D1009UK

TT electronics Semelab, Ltd.
Seme LAB
Part No. D1009UK
OCR Text ...d 100uF 100 10nF L1 3K T2 91pF L2 T4 D1009UK T1 2-18pF 2-18pF T3 D1009UK 30pF 30pF 2-18pF 680pF T5 680pF 91pF 5 x 5mm contact pad 5 x 5 mm contact pad T6 2-18pF D1009UK TEST FIXTURE Substrate 1.6mm PT...
Description METAL GATE RF SILICON FET 2 CHANNEL, UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET

File Size 49.90K  /  5 Page

View it Online

Download Datasheet

    TT electronics Semelab Limited
SEME-LAB[Seme LAB]
Part No. D1015UK
OCR Text ...-1 8 p F T4 680pF 10nF 3K 91pF T1 2 -1 8 p F 91pF 5 x 5m m c o n ta c t p a d T6 2 -1 8 p F D1015UK Test Fixture T1 T2, 3 T4,5 T6 L1 L2 12cm 50 ohm UT85 semi-rigid coax on ferrite core 7.5cm 15 ohm UT85-15 semi-rigid c...
Description METAL GATE RF SILICON FET

File Size 59.22K  /  4 Page

View it Online

Download Datasheet

    DMD1010 DMD1010-A

Seme LAB
Part No. DMD1010 DMD1010-A
OCR Text ... t1 2-18pf 2-18pf 5.6k 3k t2 t3 91pf 100nf 5x5mm contact pad 5x5mm contact pad 100uf t4 l1 100nf 100 91pf dmd1010 dmd1010 +28v gate-bias substrate 1.6mm ptfe/ glass, er= 2.5 all microstrip lines w= 4.4mm dmd1010 test fixture t1 12cm 50 u...
Description ROHS COMPLIANT METAL GATE RF SILICON FET

File Size 70.50K  /  5 Page

View it Online

Download Datasheet

    ISL6560 ISL6560_62EVAL1 ISL656062EVAL1 ISL6560CB ISL6560CB-T ISL6560CBZ ISL6560CBZ-T ISL6560EVAL1 ISL6562EVAL1 ISL6560/6

Intersil, Corp.
Intersil Corporation
Part No. ISL6560 ISL6560_62EVAL1 ISL656062EVAL1 ISL6560CB ISL6560CB-T ISL6560CBZ ISL6560CBZ-T ISL6560EVAL1 ISL6562EVAL1 ISL6560/62EVAL1 INTERSILCORPORATION-ISL6562EVAL1
OCR Text ...AX) fCT ICT ICT TA = 25oC, CT = 91pF TA = 25oC, VFB in Regulation TA = 25oC, VFB = 0V 2.0 430 130 26 500 150 36 570 170 46 MHz kHz A A VIL(VID) VIH(VID) IVID VIDx = 0V or VIDx = 3V 2.2 10 4.5 20 5.0 0.6 40 5.5 V V A V VFB VFB VFB VFB VCROWB...
Description Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller 微处理器核心电压调节两相降压PWM控制

File Size 385.19K  /  14 Page

View it Online

Download Datasheet

    TSX10A-26057

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
ETC
TOYOCOM
Part No. TSX10A-26057
OCR Text ....0 pF typ. 15 ppm / pF min. (at 91pF) 1 ppm max. / year (at +25 C 2C) Package Outlines [Dimensions in mm] 4.00.15 Footprint [Dimensions in mm] 2.50.15 Marking 0.7max. 2.0 #1 C 0.3 min. 0.9 #2 0.7 0.8 1.6 1....
Description FOR THE CSR BLUETOOTH PRODUCTS

File Size 53.67K  /  1 Page

View it Online

Download Datasheet

    NIC[NIC-Components Corp.]
Part No. NMC NMC0805X7R102K50TRPLP3KF NMC0201X7R102K100TRP3KF NMC0201X7R102K100TRPLP3KF NMC0201X7R102K10TRP3KF NMC0201X7R102K10TRPLP3KF NMC0201X7R102K16TRP3KF NMC0201X7R102K16TRPLP3KF NMC0201X7R102K25TRP3KF NMC0201X7R102K25TRPLP3KF NMC0201X7R102K50TRP3KF NMC0201X7R102K50TRPLP3KF NMC0402X7R102K100TRP3KF NMC0402X7R102K100TRPLP3KF NMC0402X7R102K10TRP3KF NMC0402X7R102K10TRPLP3KF NMC0402X7R102K16TRP3KF NMC0402X7R102K16TRPLP3KF NMC0402X7R102K25TRP3KF NMC0402X7R102K25TRPLP3KF NMC0402X7R102K50TRP3KF NMC0402X7R102K50TRPLP3KF NMC0603X7R102K100TRP3KF NMC0603X7R102K100TRPLP3KF NMC0603X7R102K10TRP3KF NMC0603X7R102K10TRPLP3KF NMC0603X7R102K16TRP3KF NMC0603X7R102K16TRPLP3KF NMC0603X7R102K25TRP3KF NMC0603X7R102K25TRPLP3KF NMC0603X7R102K50TRP3KF NMC0603X7R102K50TRPLP3KF NMC0805X7R102K100TRP3KF NMC0805X7R102K100TRPLP3KF NMC0805X7R102K10TRP3KF NMC0805X7R102K10TRPLP3KF NMC0805X7R102K16TRP3KF NMC0805X7R102K16TRPLP3KF NMC0805X7R102K25TRP3KF NMC0805X7R102K25TRPLP3KF NMC0805X7R102K50TRP3KF
OCR Text ...on Width (P) Capacitance 47pF ~ 91pF 100pF ~ 470pF 510pF 560pF 620pF 680pF 750pF 820pF 910pF 0.001F 0.0012F 0.0015F 0.0018F 0.0022F 0.0027F 0.0030F 0.0033F 0.0039F 0.0047F 0.0056F 0.0068F 0.0075F 0.0082F 0.01F 0.012F 0.015F 0.018F 0.022F 0....
Description Multilayer Ceramic Chip Capacitors

File Size 356.97K  /  3 Page

View it Online

Download Datasheet

For 9.1pf Found Datasheets File :: 26    Search Time::1.156ms    
Page :: | <1> | 2 | 3 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 9.1pf

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3848509788513