Part Number Hot Search : 
ST62T00C 1N4448W MT26310 CLV1050E TG40E60 AD836 HPR120W AL5DA142
Product Description
Full Text Search
  8160 Datasheet PDF File

For 8160 Found Datasheets File :: 182    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    015-38-8160 70430-0155

Molex Electronics Ltd.
Part No. 015-38-8160 70430-0155
OCR Text this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0015388160 status: active overview: cgrid__sl_products description: 2.54mm (.100") c-grid sl? sin...
Description 2.54mm (.100) C-Grid SL?/a> Single Row, Female, Version G Receptacle, 16 Circuits
2.54mm (.100) C-Grid SL Single Row, Female, Version G Receptacle, 16 Circuits

File Size 143.21K  /  3 Page

View it Online

Download Datasheet





    14-56-8160 0014568160

Molex Electronics Ltd.
Part No. 14-56-8160 0014568160
OCR Text This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0014568160 Active cgrid__sl_products 2.54mm (.100") Pitch SLTM Insulation Displacement Conn...
Description 2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm (30μ) Gold (Au), 16 Circuits
2.54mm (.100) Pitch SL?/a> Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm (30μ) Gold (Au), 16 Circuits

File Size 163.87K  /  3 Page

View it Online

Download Datasheet

    3CX10-000A7

Communications & Power Industries, Inc.
Part No. 3CX10-000A7
OCR Text 8160 cpi|4cW50,000J 3cx10,000a7/8160 The 3CX10,000A7/8160 is a high-mu power triode and is intended for use as a zero bias Class B amplifier an audio or RF applications, or as a Class C amplifier, CW or modulated. Operation in a Class B...
Description Cathode driven RF amplifier

File Size 121.27K  /  1 Page

View it Online

Download Datasheet

    APT14F100S APT14F100B09

Microsemi, Corp.
Microsemi Corporation
MICROSEMI POWER PRODUCTS GROUP
Part No. APT14F100S APT14F100B09
OCR Text ... - http://www.microsemi.com 050-8160 rev c 5-2009 static characteristics t j = 25c unless otherwise specifed dynamic characteristics t j = 25c unless otherwise specifed source-drain diode characteristics 1 repetitive rating:...
Description Power FREDFET; Package: D3 [S]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 14 A, 1000 V, 0.98 ohm, N-CHANNEL, Si, POWER, MOSFET
N-Channel FREDFET
14 A, 1000 V, 0.98 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD

File Size 274.39K  /  4 Page

View it Online

Download Datasheet

    CPH3331

Sanyo Semicon Device
Part No. CPH3331
OCR Text ...N D1004PE TS IM TB-00000385 No.8160-1/4 CPH3331 Continued from preceding page. Parameter Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Qg Qgs Qgd VSD Conditions VDS=--100V, VGS=--10...
Description Medium Output MOSFETs
P-Channel Silicon MOSFET General-Purpose Switching Device

File Size 35.13K  /  4 Page

View it Online

Download Datasheet

    TDA8160

STMICROELECTRONICS[STMicroelectronics]
Part No. TDA8160
OCR Text ...astic Package) ORDER CODE : TDA 8160 PIN CONNECTIONS DESCRIPTION The TDA8160 is a monolithic integrated circuit in-lead minidip plastic package specially designed to amplify the infrared signals in remote controlled TV, Radio or VCR sets...
Description INFRARED REMOTE CONTROL RECEIVER

File Size 50.30K  /  4 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. ML64168
OCR Text ...(@700khz). the ml64168 contains 8160-byte program memory, 512-nibble data memory, three 4-bit input-output ports, 4-bit input port, 4-bit output port, 2-channel rc oscillation type a/d converter, lcd driver for up to 120 segments, and buzze...
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver 4内置RC振荡型的A / D转换器和LCD驱动器位微控制器

File Size 317.77K  /  49 Page

View it Online

Download Datasheet

    OKI electronic components
Part No. ML64P168
OCR Text ...@700khz). the ml64p168 contains 8160-byte program memory, 512-nibble data memory, three 4-bit input-output ports, 4-bit input port, 4-bit output port, 2-channel rc oscillation type a/d converter, lcd driver for up to 120 segments, and buzze...
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

File Size 297.95K  /  51 Page

View it Online

Download Datasheet

    OKI electronic components
Part No. ML64168
OCR Text ...(@700khz). the ml64168 contains 8160-byte program memory, 512-nibble data memory, three 4-bit input-output ports, 4-bit input port, 4-bit output port, 2-channel rc oscillation type a/d converter, lcd driver for up to 120 segments, and buzze...
Description 4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver

File Size 312.33K  /  49 Page

View it Online

Download Datasheet

    FILTRAN[Filtran LTD]
Part No. 8150 8155 8163 8151 8152 8153 8154 8156 8157 8158 8159 8160 8161 8162
OCR Text ...18 LXT317/318 LXT317/318 LXT331 8160 8155 8160 8152 8153 8160 8158 T1,E1 8158 3V QUAD 8157 5V QUAD 8158 8160 8160 QUAD E1 8154 T1 8158 CEPT 8158 8160 T1 8155 PCM-30/75/120 8154 8157 T1/E1 8160 T1/E1 8159 T1/E1 8157 E1 8157 T1 & PCM-30 T1 E1...
Description T1/CEPT Quad Port T1/E1

File Size 264.34K  /  2 Page

View it Online

Download Datasheet

For 8160 Found Datasheets File :: 182    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 8160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.8814160823822