|
|
|
IRF[International Rectifier]
|
Part No. |
80EPS16 80EPS 80EPS08 80EPS12
|
OCR Text |
80A
IFSM = 1450A VRRM 800 to 1600V
Description/Features
The 80EPS rectifier SAFEIR series has been optimized for very low forward voltage drop, with moderate leakage. The glass passivation technology used has reliable operation up to... |
Description |
1200V 80A Std. Recovery Diode in a TO-247ACpackage INPUT RECTIFIER DIODE
|
File Size |
78.00K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
IRF[International Rectifier]
|
Part No. |
87CNQ020A 87CNQ020ASM 87CNQ020ASL
|
OCR Text |
...mA mA mA V m pF nH V/ s @ 40A @ 80A @ 40A @ 80A @ 40A @ 80A
Conditions
TJ = 25 C TJ = 125 C TJ = 150 C VR = rated VR VR = 5V VR = 3.3V VR = 10V
IRM
Max. Reverse Leakage Current (Per Leg) (1)
5.5 550 90 70 480
TJ = 25 C TJ = ... |
Description |
20V 80A Schottky Common Cathode Diode in a D61-8-SL package 20V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER
|
File Size |
201.57K /
8 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|