Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
  802.3at Datasheet PDF File

For 802.3at Found Datasheets File :: 97    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    AN313

http://
Silicon Laboratories
Part No. AN313
OCR Text ...cations, such as multi-band and 802.11n access points, often require more power than the 12.95 W specified by the IEEE 802.3af. This applica...3at subcommittee. While this note attempts to be consistent with the general direction in discussion...
Description USING THE Si3400 AND Si3401 IN HIGH POWER APPLICATIONS

File Size 99.85K  /  6 Page

View it Online

Download Datasheet





    PD64001

Microsemi Corporation
Part No. PD64001
OCR Text ...llows for the detection of IEEE 802.3af2003 and IEEE802.3at/D3.0 powered devices, ensuring safe power feeding and monitoring of Ethernet ports. With a minimum of external components, the PD64001 integrates in a one-port or two- port PoE-por...
Description 1-Port PoE Manager

File Size 510.20K  /  9 Page

View it Online

Download Datasheet

    PD64012GH

Microsemi Corporation
Part No. PD64012GH
OCR Text ...IC allows the detection of IEEE 802.3af-2003 powered devices, ensuring safe power feeding and removal over Ethernet ports. It also supports pre-standard IEEE802.3at devices consuming up to 59.5W. With full digital control via a serial commu...
Description 12-PORT HPoE PSE MANAGER

File Size 51.75K  /  1 Page

View it Online

Download Datasheet

    LTC4269-1 LTC4269-2 LTC4266 LT4275 LTC4290 LTC4270 LTC4271 LTC4274 LTC4274C LTC4274A LTC4267-3 LTC4266A

Linear Technology
Part No. LTC4269-1 LTC4269-2 LTC4266 LT4275 LTC4290 LTC4270 LTC4271 LTC4274 LTC4274C LTC4274A LTC4267-3 LTC4266A
OCR Text ...-pin compatible family of ieee 802.3 and ltpoe ++ powered device (pd) controllers. the lt4275 a employs a proprietary ltpoe ++ cl...3at compliant, type 2 (poe + ) pd delivering up to 25.5 w. the lt4275c is an ieee 802.3 af comp...
Description LTPoE /PoE /PoE PD Controller

File Size 206.91K  /  12 Page

View it Online

Download Datasheet

    NCP1083 NCP1083DEG NCP1083DER2G

ON Semiconductor
Part No. NCP1083 NCP1083DEG NCP1083DER2G
OCR Text ...D interface supporting the IEEE 802.3af and the upcoming draft IEEE 802.3at (D3.0) standard and a flexible and configurable DC-DC converter controller. The NCP1083's exceptional capabilities enable applications to smoothly transition from n...
Description Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support

File Size 244.59K  /  17 Page

View it Online

Download Datasheet

    LTC4278CDKD LTC4278CDKDPBF LTC4278CDKDTRPBF LTC4278IDKD LTC4278IDKDPBF LTC4278IDKDTRPBF LTC4278

Linear Technology
Part No. LTC4278CDKD LTC4278CDKDPBF LTC4278CDKDTRPBF LTC4278IDKD LTC4278IDKDPBF LTC4278IDKDTRPBF LTC4278
OCR Text 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support DESCRIPTION The LTC(R)4278 is an integrated Powered Device (PD) controller and switching regulator intended for high power IEEE 802.3at and 802.3af applications. Wi...
Description IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support

File Size 398.84K  /  40 Page

View it Online

Download Datasheet

For 802.3at Found Datasheets File :: 97    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 802.3at

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.5617110729218