|
|
|
|
![](images/bg04.gif) |
AVX, Corp. NXP Semiconductors N.V.
|
Part No. |
M39014/02-1277 M39014/01-1547 M39014/02-1409 M39014/01-1529 M39014/01-1549 M39014/02-1317 M39014/01-1495 M39014/02-1350 M39014/01-1467
|
Description |
CAP 0.27UF 50V 50V X7R RAD.20 .30X.30 BULK P-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 50 V, 0.27 uF, THROUGH HOLE MOUNT CAP 0.047UF 50V 50V X7R RAD.20 .20X.20 BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 50 V, 0.047 uF, THROUGH HOLE MOUNT CAP 0.68UF 50V 50V X7R RAD.20 .30X.30 BULK P-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 50 V, 0.68 uF, THROUGH HOLE MOUNT CAP 4700PF 100V 100V X7R RAD.20 .20X.20 BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 100 V, 0.0047 uF, THROUGH HOLE MOUNT CAP 0.056UF 50V 50V X7R RAD.20 .20X.20 BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 50 V, 0.056 uF, THROUGH HOLE MOUNT CAP 0.27UF 50V 50V X7R RAD.20 .30X.30 BULK R-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 50 V, 0.27 uF, THROUGH HOLE MOUNT CAP 0.01UF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 100 V, 0.01 uF, THROUGH HOLE MOUNT CAP 0.1UF 100V 100V X7R RAD.20 .30X.30 BULK S-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 100 V, 0.1 uF, THROUGH HOLE MOUNT CAP 0.047UF 50V 50V X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAPACITOR, CERAMIC, MULTILAYER, 50 V, 0.047 uF, THROUGH HOLE MOUNT
|
File Size |
99.97K /
4 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
MILL-MAX MFG CORP
|
Part No. |
800-90-050-10-001 800-90-030-10-001 801-93-027-10-001 801-99-047-20-001 801-99-047-10-001 801-99-031-20-001 800-90-038-10-001 801-93-003-20-001 801-99-023-20-001 800-90-047-20-001 801-93-005-10-001 801-99-004-10-001 801-93-015-10-001 800-10-028-20-001 800-10-014-10-001 801-99-005-20-001 800-90-043-20-001
|
Description |
50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 27 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 47 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 47 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 31 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 23 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 47 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 43 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
175.11K /
1 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
AVX, Corp.
|
Part No. |
M39014/22-0945 M39014/22-0944
|
Description |
CAP 15PF 200V 10% C0H DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAPACITOR, CERAMIC, MULTILAYER, 200 V, CH, 0.000015 uF, THROUGH HOLE MOUNT CAP 15PF 200V 5% C0H DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAPACITOR, CERAMIC, MULTILAYER, 200 V, CH, 0.000015 uF, THROUGH HOLE MOUNT
|
File Size |
86.73K /
6 Page |
View
it Online |
Download Datasheet
|
|
![](images/bom2buy.png)
Bom2Buy.com
![](images/findchips_sm.gif)
Price and Availability
|