Part Number Hot Search : 
CQ543 3DG64 S25FL032 STTA1206 195AFP WW4TC20 100PG B1200CA
Product Description
Full Text Search
  8.2v Datasheet PDF File

For 8.2v Found Datasheets File :: 192    Search Time::2.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MIP301

PANASONIC[Panasonic Semiconductor]
PANASONIC CORP
Part No. MIP301
OCR Text ...IC = 3mA IC = 3mA ID = 1A VDS = 82V Output MOS FET disabled ID = 0.25mA Output MOS FET disabled 92 0.1 0.1 16 10 5.5 IC = 3mA Output MOS FET disabled 5.4 0.5 5.7 0.8 130 2.3 typ 200 80 3 -16 2.5 15 MIP301 max Unit 220 83 5 kHz % % ...
Description    Silicon MOS IC

File Size 32.11K  /  2 Page

View it Online

Download Datasheet





    ICS9248-150 ICS9248YG-150-T

ICST[Integrated Circuit Systems]
Part No. ICS9248-150 ICS9248YG-150-T
OCR Text ...6V @ 60 0.47V @ 50 0.99V @ 60 0.82V @ 50 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 30 (DC equiv) 25 (DC equiv) 30 (DC equiv) 25 (DC equiv) 30 (DC equiv) 25 (DC equiv) 30 (DC equiv) 25 (DC equiv) Ioh = 5*Iref Ioh = 5*Iref Ioh = 6*Iref Ioh ...
Description Frequency Generator for Multi - Processor Servers

File Size 151.95K  /  10 Page

View it Online

Download Datasheet

    MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX8860EUA28 MAX8860EUA30 MAX8860EUA33

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
Maixm
MAXIM - Dallas Semiconductor
Part No. MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX8860EUA28 MAX8860EUA30 MAX8860EUA33
OCR Text ...tages (+1.8V, +2.5V, +2.77V, +2.82V, +3.0V, and +3.3V), the Dual ModeTM feature allows the device to be configured as an adjustable output regulator from +1.25V to +6.5V. Designed with an internal P-channel MOSFET pass transistor, the MAX88...
Description Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8
Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8
Low-Dropout, 300mA Linear Regulator in µMAX
Low-Dropout, 300mA Linear Regulator in ??AX
Low-Dropout, 300mA Linear Regulator in μMAX
Low-Dropout, 300mA Linear Regulator in MAX
Low-Dropout / 300mA Linear Regulator in MAX

File Size 134.67K  /  8 Page

View it Online

Download Datasheet

    ICS9250-22 ICS9250YG-22-T ICS9250YG-22LF-T

Power-One, Inc.
Integrated Device Technology, Inc.
ICST[Integrated Circuit Systems]
Part No. ICS9250-22 ICS9250YG-22-T ICS9250YG-22LF-T
OCR Text ...6V @ 60 0.47V @ 50 0.99V @ 60 0.82V @ 50 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 30 (DC equiv) 25 (DC equiv) 30 (DC equiv) 25 (DC equiv) 30 (DC equiv) 25 (DC equiv) 30 (DC equiv) 25 (DC equiv) Ioh = 5*Iref Ioh = 5*Iref Ioh = 6*Iref Ioh ...
Description 133 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 6.10 MM, 0.50 MM PITCH, TSSOP-56
Frequency Generator for P IV⑩
Frequency Generator for P IV?/a>

File Size 105.69K  /  11 Page

View it Online

Download Datasheet

    PRC201 PRC201100K150M PRC201100K150MR PRC201100K150MT PRC201101K101M PRC201101K101MR PRC201101K101MT PRC201101K151M PRC2

http://
CALMIRCO[California Micro Devices Corp]
California Micro Devices Corporation
Part No. PRC201 PRC201100K150M PRC201100K150MR PRC201100K150MT PRC201101K101M PRC201101K101MR PRC201101K101MT PRC201101K151M PRC201101K151MR PRC201101K151MT PRC201330K101M PRC201330K101MR PRC201330K101MT PRC201330K251M PRC201330K251MR PRC201330K251MT PRC201330K470M PRC201330K470MR PRC201330K470MT PRC201390K221M PRC201390K221MR PRC201390K221MT PRC201470K470M PRC201470K470MR PRC201470K470MT PRC201750K500M PRC201750K500MR PRC201750K500MT PRC211 PRC211100K150M PRC211100K150MR PRC211100K150MT PRC211101K101M PRC211101K101MR PRC211101K101MT PRC211101K151MR PRC211101K151MT PRC211330K101M PRC211330K101MR PRC211330K101MT PRC211330K251M PRC211330K251MR PRC211330K251MT PRC211330K470M PRC211330K470MR PRC211330K470MT PRC211390K221M PRC211390K221MR PRC211390K221MT PRC211470K470M PRC211470K470MR PRC211470K470MT PRC211750K500M PRC211750K500MR PRC211750K500MT PRC221
OCR Text ...50 Breakdown Voltage (max) 296V 82V 29V 94V 33V 94V 191V 82V 46V RC Code 100/150F 330/101F 330/251F 330/470F 390/221F 470/470F 750/500F 101/101F 101/151F fc @ 3bd* 1062MHz 48MHz 19MHz 103MHz 19MHz 72MHz 42MHz 16MHz 11MHz S TA N D A R D S...
Description 5015 RR 2#12 2#16 SKT RECP
5015 RR 3#12 SKT RECP 的EMI / RFI滤波器挖
EMI/RFI TAPPED FILTER 的EMI / RFI滤波器挖

File Size 42.61K  /  2 Page

View it Online

Download Datasheet

    AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L03M AN77L04 AN77L045 AN77L045M AN77L04M AN77L05 AN77L05M AN77L06 AN77L0

Panasonic, Corp.
Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L03M AN77L04 AN77L045 AN77L045M AN77L04M AN77L05 AN77L05M AN77L06 AN77L06M AN77L07 AN77L07M AN77L08 AN77L08M AN77L09 AN77L09M AN77L10M AN77L12 AN77L12M AN77L10 AN77L00/AN77L00M AN77L00MSERIES
OCR Text ...Vno VO/Ta Tj=25C VI= 8.82 to 18.82V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI=7.2V, IO= 0mA, Tj=25C VI= 8.82 to 10.82V, f=120Hz VI=7.2V, IO=50mA, Tj= 25C VI=7.2V, IO=100mA, Tj= 25C f=10Hz to 100kHz Tj= -30 to ...
Description Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3
3-pin Low Power Loss Voltage Regulato r(100mA Type)
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation
Series 3-Pin Low Power Loss Voltage Regulator
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation
3-pin Low Power Loss Voltage Regulato (100mA Type)

File Size 79.70K  /  8 Page

View it Online

Download Datasheet

    MAX3667 MAX3667ECJ 1796 MAX3667E_D MAX3667E/D

Maxim Integrated Products, Inc.
MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX3667 MAX3667ECJ 1796 MAX3667E_D MAX3667E/D
OCR Text ...IH IDIL 1 4 VIN = 2.14V VIN = 1.82V 2.0 0.8 4.5 2 RMODSET = 2k, open loop (Note 8) RMODSET = 33.2k, open loop (Note 8) RBIASSET = 2k RMODSET = 2k (Note 10) RBIASSET = 2k RBIASSET = 33.2k RMODSET = 2k (Note 10) RMODSET = 33.2k (Note 10) RAPC...
Description 3.3V / 622Mbps SDH/SONET Laser Driver with Automatic Power Control
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
From old datasheet system

File Size 137.46K  /  12 Page

View it Online

Download Datasheet

For 8.2v Found Datasheets File :: 192    Search Time::2.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 8.2v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.44746994972229