Part Number Hot Search : 
9290X02 MAX81405 P328G EHS2Z1 MTZJ18 MAX815N EHS2Z1 MC20A
Product Description
Full Text Search
  8-odfn Datasheet PDF File

For 8-odfn Found Datasheets File :: 62    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

    ISL29001 ISL29001IROZ

Intersil Corporation
Part No. ISL29001 ISL29001IROZ
OCR Text ...00 lux OUTPUT CODE (COUNTS) 8 6 4 2 0 2.0 Ta = 27oC COMMAND = 00H 0 lux 200 lux 264 250 2.0 2.3 2.6 2.9 3.2 SUPPLY VOLTAGE (...ODFN package does not require a custom reflow soldering profile, and is qualified to 260C. A standar...
Description Ambient Light Sensor

File Size 356.07K  /  10 Page

View it Online

Download Datasheet





    ISL29000 ISL29000IROZ

Intersil Corporation
Part No. ISL29000 ISL29000IROZ
OCR Text ...27 78 80 35 50 110 110 50 0.6 1.8 75 MAX UNIT A A A A A V s s s s V V DESCRIPTION IL1 IL2 ILEAK VO-MAX TR TF TD TS VLO VHI Light Current Light Current Dark Current Maximum Output Compliance Voltage Rise Time (See Note) Fall Time (S...
Description
File Size 252.13K  /  5 Page

View it Online

Download Datasheet

    Intersil
Part No. ISL29002
OCR Text ...is packaged in a clear, Pb-free 8 Ld ODFN package. Features * I2C interface fast mode at 400kHz * 88A disabled current * Adjustable max lux range: 10,000 to 100,000lux * Up to 15-bit effective resolution * Adjustable resolution: 0.15 to...
Description Light-to-Digital I2C Sensor

File Size 206.88K  /  10 Page

View it Online

Download Datasheet

    ISL29000IROZ-T7 ISL2900007 ISL29000IROZ

Intersil Corporation
Part No. ISL29000IROZ-T7 ISL2900007 ISL29000IROZ
OCR Text ...27 78 80 35 50 110 110 50 0.6 1.8 75 MAX UNIT A A A A A V s s s s V V DESCRIPTION IL1 IL2 ILEAK VO(MAX) tR tF tD tS VLO VHI NOTE: L...ODFN) Rev 0, 9/06 2.10 A 6 PIN 1 INDEX AREA B 1 6 PIN 1 INDEX AREA 0.65 2.00 1 . 35 ...
Description Ambient Light Photo Detect IC

File Size 148.88K  /  7 Page

View it Online

Download Datasheet

    ISL29001IROZ-T7 ISL29001IROZ ISL29001

INTERSIL[Intersil Corporation]
Part No. ISL29001IROZ-T7 ISL29001IROZ ISL29001
OCR Text 8, 2007 FN6166.5 Light-to-Digital Sensor The ISL29001 is an integrated ambient light sensor with ADC and I2C interface. With a spectral ...ODFN package. Features * Human eye response * Temperature compensated * IR rejection * 15-bit ef...
Description Light-to-Digital Sensor
Ambient Light Sensor

File Size 209.58K  /  11 Page

View it Online

Download Datasheet

    ISL29002 ISL29002IROZ ISL29002IROZ-T7

Intersil, Corp.
Intersil Corporation
Part No. ISL29002 ISL29002IROZ ISL29002IROZ-T7
OCR Text ...is packaged in a clear, Pb-free 8 Ld ODFN package. Features * I2C interface fast mode at 400kHz * 88A disabled current * Adjustable max lux range: 10,000lux to 100,000lux * Up to 15-bit effective resolution * Adjustable resolution: 0.15...
Description Light-to-Digital I2C Sensor(???I2C浼????
Light-to-Digital I2C Sensor SPECIALTY ANALOG CIRCUIT, PDSO8

File Size 188.10K  /  10 Page

View it Online

Download Datasheet

    ISL29003IROZ-T7 ISL29003IROZ-EVAL ISL29003

Intersil Corporation
Part No. ISL29003IROZ-T7 ISL29003IROZ-EVAL ISL29003
OCR Text ...r (fosc), and the n-bit (n = 4, 8, 12,16) counter inside the ADC. In External Timing Mode, integration time is determined by the time betwee...ODFN package does not require a custom reflow soldering profile, and is qualified to +260C. A standa...
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

File Size 196.45K  /  15 Page

View it Online

Download Datasheet

    ISL29004 ISL29004IROZ ISL29004IROZ-EVALZ ISL29004IROZ-T7

Intersil Corporation
Part No. ISL29004 ISL29004IROZ ISL29004IROZ-EVALZ ISL29004IROZ-T7
OCR Text ...nterface. The ISL29004 is in an 8 Ld ODFN package and has two I2C address pins for multiple devices on the same bus. The ISL29003 is a similar light sensor with a hardwired I2C address that is available in ODFN6 package. Designed to operate...
Description Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

File Size 284.63K  /  17 Page

View it Online

Download Datasheet

    EL7900ILCZ-T7 EL790007 EL7900ILCZ EL7900

INTERSIL[Intersil Corporation]
Part No. EL7900ILCZ-T7 EL790007 EL7900ILCZ EL7900
OCR Text ...todiode and amplifier * 1lux to 8,000lux range * Converts light intensity to current * 2.5V to 5.5V supply range * Low supply current: 1A * ...ODFN) TOP VIEW Applications * Mobile phones * Notebook PCs * PDAs VCC OUTPUT * Video ca...
Description Ambient Light Photo Detect IC

File Size 155.20K  /  7 Page

View it Online

Download Datasheet

    EL7900 EL7900ILCZ

Intersil Corporation
Part No. EL7900 EL7900ILCZ
OCR Text ...170 165 65 125 225 200 85 0.6 1.8 82 MAX UNIT A A A A A V s s s s V V DESCRIPTION IL1 IL2 ILEAK VO-MAX TR TF TD TS VLO VHI Light Current Light Current Dark Current Maximum Output Compliance Voltage Rise Time (See Note) Fall Time (S...
Description Ambient Light Photo Detect IC

File Size 251.55K  /  5 Page

View it Online

Download Datasheet

For 8-odfn Found Datasheets File :: 62    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 8-odfn

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.34325313568115