|
|
|
METHODE ELECTRONICS INC
|
Part No. |
3160-8-211-02 3107-1-116-101 3160-1-122-33 3100-3-123-38 3160-1-104-33 3100-3-123-63 3107-3-115-18 3167-1-110-100 3102-1-216-11 3100-11-216-11 3100-1-110-100 3100-8-106-86 3100-8-105-86 3100-8-105-80 3102-1-103-94 3162-1-103-94 3102-3-106-38 3102-8-113-30 3107-3-103-38 3107-11-103-33 3107-1-103-31 3107-1-203-34 3107-11-103-31 3107-1-110-93 METHODEELECTRONICSINC-3162-1-110-93 3167-14-123-A 3102-1-209-84 3160-1-209-84 3160-14-123-A 3107-8-220-72 3107-1-220-72 3100-8-220-72 3100-1-105-57 3100-1-205-54 3100-1-105-05 3100-1-105-54 METHODEELECTRONICSINC-3100-1-105-07 3100-1-205-57 3100-1-105-01 3100-1-121-30 3100-1-120-60 3100-8-120-60 3160-14-111-B 3167-14-105-A 3160-14-105-A 3102-3-112-86 3107-1-112-86 3162-8-112-86 3162-3-120-50 3107-1-102-93 3100-8-105-58 3100-11-105-58 3102-1-105-58 3162-1-205-99 3107-1-205-99 3162-1-105-99 3162-3-105-38 3167-1-109-67 3167-8-104-14 3107-8-104-14 3102-8-104-14 3100-8-111-49 3162-9-104-37 3102-1-205-92 3160-1-105-92 3160-1-206-10 3107-1-105-92 3160-3-104-84 3102-3-104-84 3100-1-206-16 3167-1-103-67 3100-3-105-82 3100-1-105-82 3162-1-105-98 3100-3-119-76 3107-1-122-72 3107-8-108-31 3102-1-102-96 3167-1-102-96 3102-9-102-91 3107-11-122-11 METHODEELECTRO
|
OCR Text |
...headers part number legend 31xx-8-xxx-xx pin number (see table ii) number of positions (see table i) pin style: 1 is .045 sq., 2 is...lane, jurong town ? singapore 638610 65-68615444 ? fax: 65-68614777 email: sales@methode.com.sg... |
Description |
11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MALE, RIGHT ANGLE; STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
1,034.96K /
9 Page |
View
it Online |
Download Datasheet |
|
|
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
Part No. |
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
|
OCR Text |
...2, TO-220, SOT-89, TO-263, & SO-8
APPLICATIONS
* SCSI-II Active Terminator * Portable/ Palm Top / Notebook Computers * Battery Charger...Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390 Rev. 9/14/99
AS1117
ABSOLUTE ... |
Description |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
File Size |
75.37K /
11 Page |
View
it Online |
Download Datasheet |
|
|
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
Part No. |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-33 AMS1117-50 AMS1117CD AMS1117CD-15 AMS1117CD-18 AMS1117CD-25 AMS1117CD-285 AMS1117CD-33 AMS1117CD-50 AMS1117-B18 AMS1117CD-B18 AMS1117-285 AMSB1117-15 AMSB1117-18 AMSB1117-285 AMSB1117-33 AMSB1117-50 AMSB1117CD-15 AMSB1117CD-25 AMSB1117CD-285 AMSB1117CD-33 AMSB1117CD-50 AMS1117-1.5 AMS1117-1.8 AMS1117-2.5 AMS1117-2.85 AMS1117-3.3 AMS1117-5.0 AMS1117CD-1.5 AMS1117CD-1.8 AMS1117CD-2.5 AMS1117CD-2.85
|
OCR Text |
...1117-1.5 0 to 125 C AMS1117CD-1.8 AMS1117-1.8 0 to 125 C AMS1117CD-2.5 AMS1117-2.5 0 to 125 C AMS1117CD-2.85 AMS1117-2.85 0 to 125 C AMS1117...Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1117
ABSOLUTE MAXIMUM RATINGS ... |
Description |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
File Size |
65.17K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|