Part Number Hot Search : 
IZ1278U G4BC20 MAX9326 ZMM55C43 HCF4532 EDZ27B2 L65610 GS864436
Product Description
Full Text Search
  7R2A474J Datasheet PDF File

For 7R2A474J Found Datasheets File :: 1+       Page :: | <1> |   

    C1608C0G2A102J C1608C0G2A102JB C4532C0G2E474J C4532C0G2E474JB C4532C0G2E474K C4532C0G2E474KT C5750X7R2A474JT C5750X7R2A4

TDK, Corp.
TDK Corporation
TDK[TDK Electronics]
Part No. C1608C0G2A102J C1608C0G2A102JB C4532C0G2E474J C4532C0G2E474JB C4532C0G2E474K C4532C0G2E474KT C5750X7R2A474JT C5750X7R2A474J C5750X7R2A474JB C5750X7R2A474K C5750X7R2A474KB C5750X7R2A474KT C5750X7R2A474M C5750X7R2A474MB C5750X7R2A474MT C5750XXXX C1608C0G2A102JT C1608C0G2A102K C1608C0G2A102KB C1608C0G2A102KT C1608C0G2A102M C1608C0G2A102MB C1608C0G2A102MT C1608C0G2A333J C1608C0G2A333JB C1608C0G2A333JT C1608C0G2A333K C1608C0G2A333KB C1608C0G2A333KT C1608C0G2A333M C1608C0G2A333MB C1608C0G2A333MT C1608C0G2A474J C1608C0G2A474JB C1608C0G2A474JT C1608C0G2A474K C1608C0G2A474KB C1608C0G2A474KT C1608C0G2A474M C1608C0G2A474MB C1608C0G2A474MT C1608C0G2E102J C1608C0G2E102JB C1608C0G2E102JT C1608C0G2E102K C1608C0G2E102KB C1608C0G2E102KT C1608C0G2E102M C1608C0G2E102MB C1608C0G2E102MT C1608C0G2E333J C1608C0G2E333JB C1608C0G2E333JT C1608C0G2E333K C1608C0G2E333KB C1608C0G2E333KT C1608C0G2E333M C1608C0G2E333MB C1608C0G2E333MT C1608C0G2E474J C1608C0G2E474JB C1608C0G2E474JT C1608C0G2E474K C1608C0G2E474KB C1608C0G2E474KT C1608C0G2E474M C1608C0G2E474MB C1608C0G2E474MT C1608C0G2J102J C1608C0G2J102JB C1608C0G2J102JT C1608C0G2J102K C1608C0G2J102KB C1608C0G2J102KT C1608C0G2J102M C1608C0G2J102MB C1608C0G2J102MT
Description    Ceramic Capacitors For Mid Voltage SMD
Wraparound Chip Resistor Thick Film Industrial 陶瓷电容器中电压贴片
Ceramic Multilayer Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:100V; Dielectric Characteristic:C0G/NP0; Package/Case:0805; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount 陶瓷电容器中电压贴片
12 bit 275 MSPS Dual Digital to Analog Converter 48-TQFP -40 to 85 陶瓷电容器中电压贴片
Precision Low Power 2.048 V SOT-23 Voltage Reference; Package: SOT-23; No of Pins: 3; Temperature Range: Automotive 陶瓷电容器中电压贴片
High Precision Shunt Mode Voltage Reference (2.048 V); Package: SOT-23; No of Pins: 3; Temperature Range: Automotive 陶瓷电容器中电压贴片
12-Bit Quad Voltage Output Digital-to-Analog Converter w/ I<sup>2</sup>C Interface 10-MSOP -40 to 105 陶瓷电容器中电压贴片
2.048 V Micropower, Low Noise Precision Voltage References with Shutdown; Package: TSOT; No of Pins: 5; Temperature Range: Industrial 陶瓷电容器中电压贴片
12-Bit, Dual, Ultralow Glitch, Voltage Output Digital to Analog Converter 16-QFN -40 to 105 陶瓷电容器中电压贴片
High Precision Shunt Mode Voltage Reference (3.0 V); Package: SOT-23; No of Pins: 3; Temperature Range: Automotive 陶瓷电容器中电压贴片
Ceramic Capacitors For Mid Voltage SMD 陶瓷电容器中电压贴片
10-bit, Quad, Digital-to-Analog Converter with I2C interface 10-MSOP -40 to 85
10-Bit, Quad DAC with I2C Interface 16-TSSOP -40 to 85
Low-Power Rail-To-Rail Output 12-Bit I2C Input DAC 6-SOT-23 -40 to 105
Ceramic Multilayer Capacitor; Capacitance:4700pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:200V; Dielectric Characteristic:X7R; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
Ceramic Multilayer Capacitor; Capacitance:100000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0612; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount

File Size 71.64K  /  8 Page

View it Online

Download Datasheet

For 7R2A474J Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of 7R2A474J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.44374108314514