|
|
|
http://
|
Part No. |
BYV27-600
|
OCR Text |
...0 100 150 200 250 300 350 25 50 75 100 125 150 175 14360 160 k/w 100 k/w 45 k/w r thja = p r - rever s e power di ss ipation (mw) t j - j...600 ultra fast avalanche sinterglass diode vishay semiconductors document number: 86041 for tec... |
Description |
Ultra Fast Avalanche Sinterglass Diode
|
File Size |
110.64K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
ROHM[Rohm]
|
Part No. |
1SR139-600
|
OCR Text |
...cteristic curves (Ta=25C)
1 Ta=75
REVERSE CURRENT:IR(nA) FORWARD CURRENT:IF(A)
100000
100 Ta=150 Ta=125
CAPACITANCE BETWEEN TERMINA...600 800 1000 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 1200
1 0 100 200 300 400 500 REVERSE VOL... |
Description |
Rectifier diode
|
File Size |
153.87K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
ROHM[Rohm]
|
Part No. |
1SR154-600
|
OCR Text |
...cteristic curves (Ta=25C)
1 Ta=75 100000 100 Ta=150 Ta=125 f=1MHz
REVERSE CURRENT:IR(nA)
FORWARD CURRENT:IF(A)
0.1
Ta=150
Ta...600 800 1000 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 1200
1 0 100 200 300 400 500 REVERSE VOL... |
Description |
Rectifier diode
|
File Size |
148.38K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
http:// PHILIPS[Philips Semiconductors]
|
Part No. |
BYR29X-600
|
OCR Text |
... IF(AV) 8 A s VF 1.5 V s trr 75 ns
2. Pinning information
Table 1: Pin 1 2 mb Pinning - SOD113, simplified outline and symbol Descrip...600
Rectifier diode ultrafast
3. Ordering information
Table 2: Ordering information Package Nam... |
Description |
Rectifier diode ultrafast
|
File Size |
68.42K /
10 Page |
View
it Online |
Download Datasheet |
|
|
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
Part No. |
BYM11-600-E3/96 BYM11-600HE3/96 RGL41M-E3/96
|
OCR Text |
...ermal resistance r ? ja (1) 75 c/w r ? jt (2) 30 ordering information (example) preferred p/n unit weight (g) preferred package code ...600-e3/96 0.114 96 1500 7" diam eter plastic tape and reel bym11-600-e3/97 0.114 97 5000 13" diam et... |
Description |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB ROHS COMPLIANT, PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB
|
File Size |
83.63K /
5 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|