Part Number Hot Search : 
FB1005L 1CGKW BA5415 ZL30107 ATS040 SF5008 E0052 FMC1K7B3
Product Description
Full Text Search
  70w Datasheet PDF File

For 70w Found Datasheets File :: 548    Search Time::0.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Future Designs, Inc.
ST Microelectronics
Part No. DB-960-70w
OCR Text 70w 70w / 26V / 925-960 MHz PA using 2x PD57045S The LdmosST FAMILY PRELIMINARY DATA N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETs * EXCELLENT THERMAL STABILITY * COMMON SOURCE CONFIGURATION * POUT = 70 W min. with 13 dB gain over 925-960...
Description 70w / 26V / 925-960 MHZ PA USING 2X PD57045S 70w的功 26V 925-960兆赫功率放大器用2倍PD57045S
70w / 26V / 925-960 MHZ PA USING 2X PD57045S

File Size 304.04K  /  5 Page

View it Online

Download Datasheet





    LC35V256ET-70W LC35V256EM LC35V256EM-70W

Sanyo Electric Co., Ltd.
Sanyo Electric Co.,Ltd.
Sanyo Semicon Device
Part No. LC35V256ET-70w LC35V256EM LC35V256EM-70w
OCR Text 70w 256K (32K words x 8 bits) SRAM Control pins: OE and CE Overview The LC35V256EM-70w and LC35V256ET-70w are asynchronous silicon-gate CMOS SRAMs with a 32768word by 8-bit structure. These are full-CMOS devices with 6 transistors per ...
Description 256K (32K words x 8 bits) SRAM Control pins: OE and CE 256K2K字8位)的SRAM控制引脚:OE和行政长

File Size 45.72K  /  6 Page

View it Online

Download Datasheet

    Fairchild Semiconductor Corporation
Part No. M0765RG
OCR Text ... 50w 65w 40w 50w fscm0765rj 65w 70w 50w 60w fscm0565ri 50w 65w 40w 50w fscm0765ri 65w 70w 50w 60w fscm0565rg 70w 85w 60w 70w fscm0765rg 85w 95w 70w 85w drain gnd vfb vcc pwm ac in dc out i limit fscm0765r green mode fairchild power switch (...
Description Green Mode Fairchild Power Switch (FPS)

File Size 491.52K  /  20 Page

View it Online

Download Datasheet

    W770

Lumins Inc.
Part No. W770
OCR Text .... 39W H.I.D. G12/T6 120 V 277 V 70w . 150W H.I.D. G12/T6 FS: PH1: PH2: ANSI Lamp code 39W: 70w: 150W: M130 M139 M142 120 V 277 V 347V (Lamps by others) Luminaires may be altered for design improvements or discontinued without p...
Description Post top mount

File Size 181.78K  /  4 Page

View it Online

Download Datasheet

    LEDTRONICS INC
Part No. S1040-881-02N
OCR Text ...es: notes: power watts (typ) 1.70w 1.70w 1.70w 1.70w 2.50w 2.50w 2.50w 2.50w 2.50w 2.50w 1.70w 1.70w 1.70w power watts (typ) 1.70w 1.70w 1.70w 1.70w 1.70w 1. not all possible combinations of voltage, intensity and angle are available 2. ...
Description 1 ELEMENT, INFRARED LED, 880 nm

File Size 254.67K  /  1 Page

View it Online

Download Datasheet

    BAS70-02W

INFINEON[Infineon Technologies AG]
Part No. BAS70-02W
OCR Text ... capacitance CT = f = 1MHz BAS 70w/BAS 170w f = 10 kHz EHB00044 2.0 CT pF 10 3 rf BAS 70w/BAS 170w EHB00045 1.5 10 2 1.0 10 1 0.5 0.0 0 20 40 60 V VR 80 10 0 0.1 1 10 mA 100 ...
Description SENSOR VACUUM GAGE 1PSID
Silicon Schottky Diode
Schottky Diodes - Silicon AF Schottky diode for high-speed switching

File Size 45.45K  /  4 Page

View it Online

Download Datasheet

    BAS70-04S Q62702-A3468 BAS7004S

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. BAS70-04S Q62702-A3468 BAS7004S
OCR Text ...) T A = Parameter 10 2 BAS 70w/BAS 170w EHB00042 TA = Parameter 10 2 BAS 70w/BAS 170w EHB00043 F mA 10 1 R A 10 1 TA = 150 C 10 0 85 C 10 0 10 -1 TA = -40 C 25 C 85 C 150 C 10 -1 10 -2 25 C ...
Description CSCA-A Series Hall-effect based, open-loop current sensor, Molex-type connector, 100 A rms nominal, ±300 A range
Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
From old datasheet system

File Size 44.73K  /  4 Page

View it Online

Download Datasheet

    BAS70-04T BAS70-05 BAS70-04 BAS70-02L BAS70-05W BAS70-06 BAS70-04S BAS70-07W BAS170W BAS70-02W BAS70-04W BAS70-06W BAS70

INFINEON[Infineon Technologies AG]
Part No. BAS70-04T BAS70-05 BAS70-04 BAS70-02L BAS70-05W BAS70-06 BAS70-04S BAS70-07W BAS170w BAS70-02W BAS70-04W BAS70-06W BAS70-07
OCR Text ... capacitance CT = f = 1MHz BAS 70w/BAS 170w f = 10 kHz EHB00044 2.0 CT pF 10 3 rf BAS 70w/BAS 170w 1.5 10 2 1.0 10 1 0.5 0.0 0 20 40 60 V VR 80 10 0 0.1 1 T A = Parameter BAS 70w/BA...
Description SENSOR VACUUM GAGE .3PSI
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 400 A rms nominal, ±900 A range
CSCA-A Series Hall-effect based, open-loop current sensor, Molex-type connector, 200 A rms nominal, ±600 A range
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 100 A rms nominal, ±300 A range
Silicon Schottky Diode
Latest Silicon Discretes - Schottky Diode for switching applications

File Size 553.12K  /  12 Page

View it Online

Download Datasheet

    BAS70-06S Q62702-A3469 BAS7006S

http://
SIEMENS[Siemens Semiconductor Group]
SIEMENS AG
Part No. BAS70-06S Q62702-A3469 BAS7006S
OCR Text ...) T A = Parameter 10 2 BAS 70w/BAS 170w EHB00042 TA = Parameter 10 2 BAS 70w/BAS 170w EHB00043 F mA 10 1 R A 10 1 TA = 150 C 10 0 85 C 10 0 10 -1 TA = -40 C 25 C 85 C 150 C 10 -1 10 -2 25 C ...
Description From old datasheet system
Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)

File Size 45.70K  /  4 Page

View it Online

Download Datasheet

For 70w Found Datasheets File :: 548    Search Time::0.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 70w

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.38287496566772