|
|
|
Molex, Inc.
|
Part No. |
70543-0251 70543-0045 70543-0248 70543-0278 70543-0272 70543-0166 70543-0167 70543-0058 70543-0201
|
Description |
CGRID SL VHDR TIN 5 CKT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR TIN 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 150 30 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR SR 30 GOLD 4CKT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd VHdr SR 120 Tin 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 120 15 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
535.13K /
3 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
TPS70248PWP
|
Description |
Dual-Output, 250-mA/500-mA Low Dropout Voltage Regulators with Integrated SVS 20-HTSSOP -40 to 125
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
TPS70248PWPR
|
Description |
Dual-Output, 250-mA/500-mA Low Dropout Voltage Regulators with Integrated SVS 20-HTSSOP -40 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
68705-433HLF
|
Description |
BergStik®, Board to Board connector, Unshrouded Header, Through Hole, Single Row, 33 Positions, 2.54 mm Pitch, Vertical, 5.08 mm (0.2 in.) Mating, 2.41 mm (0.095 in.) Tail
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
68705-435HLF
|
Description |
BergStik®, Board to Board connector, Unshrouded Header, Through Hole, Single Row, 35 Positions, 2.54 mm Pitch, Vertical, 5.08 mm (0.2 in.) Mating, 2.41 mm (0.095 in.) Tail
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
68705-432HLF
|
Description |
BergStik®, Board to Board connector, Unshrouded Header, Through Hole, Single Row, 32 Positions, 2.54 mm Pitch, Vertical, 5.08 mm (0.2 in.) Mating, 2.41 mm (0.095 in.) Tail
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
68705-430HLF
|
Description |
BergStik®, Board to Board connector, Unshrouded Header, Through Hole, Single Row, 30 Positions, 2.54 mm Pitch, Vertical, 5.08 mm (0.2 in.) Mating, 2.41 mm (0.095 in.) Tail
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
68705-431HLF
|
Description |
BergStik®, Board to Board connector, Unshrouded Header, Through Hole, Single Row, 31 Positions, 2.54 mm Pitch, Vertical, 5.08 mm (0.2 in.) Mating, 2.41 mm (0.095 in.) Tail
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
61127-0543LF
|
Description |
Header, Top Mount, Upper Deck(68Pins), VTB, 3.3V, 4.3mm s/o
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
94937-0543LF
|
Description |
Header, Top Mount, Upper Deck(68Pins), 5V, 4.3mm s/o
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
68705-434HLF
|
Description |
BergStik®, Board to Board connector, Unshrouded Header, Through Hole, Single Row, 34 Positions, 2.54 mm Pitch, Vertical, 5.08 mm (0.2 in.) Mating, 2.41 mm (0.095 in.) Tail
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|