|
|
|
Molex Electronics Ltd.
|
Part No. |
70246-2602 0702462602
|
Description |
2.54mm (.100") Pitch C-Grid庐 Header, Low Profile, Dual Row, Vertical, Shrouded, 26 Circuits, 0.76渭m (30渭") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating 2.54mm (.100) Pitch C-Grid? Header, Low Profile, Dual Row, Vertical, Shrouded, 26 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
|
File Size |
175.78K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol Communications Solutions |
Part No. |
70246-001LF
|
Description |
Metral® Accessories, Backplane Connectors, Hybrid Cable Connector Cover, 6 Position, LF.
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
|
|
Molex, Inc. SIEMENS AG
|
Part No. |
70246-3402 70246-2602 70246-2002 70246-0802 70246-3002 70246-1202 70246-1002 70246-4002 70246-4012 70246-1601 70246-3401 70246-4401 70246-2501 70246-1004
|
Description |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
146.09K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
5962-9452602MPA
|
Description |
Low Power Low Offset Voltage Dual Comparator 8-CDIP -55 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
5962R9452602V9A
|
Description |
Low Power Low Offset Voltage Dual Comparator 0-DIESALE -55 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
TE Connectivity, Ltd.
|
Part No. |
EHA2-2602/883B EHA7-2602-2 EHA7-2602/883B EHA7-2622-2 EHA7-2622/883B EHA2-2622-2
|
Description |
39µA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp; Temperature Range: Full-Range Ind; Package: 10-uTQFN T&R Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
File Size |
1,108.89K /
15 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
5962R0722602VZA
|
Description |
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output 10-CFP -55 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
V62/03626-02XE
|
Description |
Enhanced Product 3.3 V Dual Uart With 64-Byte Fifo 48-LQFP -55 to 110
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
V62/09626-02YE
|
Description |
Enhanced product 16-channel 24-bit analog-to-digital converter (ADC) 48-HTQFP -40 to 105
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Molex, Inc.
|
Part No. |
70246-4021
|
Description |
Header; No. of Contacts:40; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
147.81K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
TPS92602QPWPRQ1
|
Description |
Automotive 2 channel High side current sense switching mode LED driver 28-HTSSOP -40 to 125
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
V62/12602-01XE
|
Description |
Enhanced Product DDR1, DDR2, DDR3 Switcher and LDO 20-HTSSOP -55 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
V62/09626-02XE
|
Description |
Enhanced product 16-channel 24-bit analog-to-digital converter (ADC) 48-HTQFP -40 to 105
|
Tech specs |
|
|
Get Free Sample |
Official Product Page
|
|
|
|
Texas Instruments |
Part No. |
5962R9452602VPA
|
Description |
Low Power Low Offset Voltage Dual Comparator 8-CDIP -55 to 125
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|