Part Number Hot Search : 
90BAI BUT12 MS8GE NJL0302D IRKD5608 02426 151007 IRF9510
Product Description
Full Text Search
  7.9999 Datasheet PDF File

For 7.9999 Found Datasheets File :: 888    Search Time::1.657ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICM7217 ICM7217CIPL FN3167 ICM7217AIPI ICM7217IJI LCM7217BLJL

INTERSIL[Intersil Corporation]
Part No. ICM7217 ICM7217CIPL FN3167 ICM7217AIPI ICM7217IJI LCM7217BLJL
OCR Text ...is circuit provides multiplexed 7 segment LED display outputs, with common anode or common cathode configurations available. Digit and segme...9999, while the ICM7217B (common anode) and ICM7217C (common cathode) are intended for timing purpos...
Description From old datasheet system
4-Digit LED Display, Programmable Up/Down Counter

File Size 136.17K  /  19 Page

View it Online

Download Datasheet





    M410.A02 M410.A01 M410A

Baumer IVO GmbH & Co. KG
Part No. M410.A02 M410.A01 M410A
OCR Text ...of digits 5-digits digit height 7 mm reset manual by reset lever. do not let snap or make jerky movements. ptb approval 1.5 / 87.05 count m...9999.99 m/cm operating temperature 0...+60 c housing type surface mount housing with mounting plate...
Description Totalizers mechanic

File Size 288.59K  /  2 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. D63696475024 D63696475023
OCR Text 7-segment LED-display with sign Freely scaleable 2 relay limit outputs (HI, LO) 2 NPN transistor limit outputs (HIHI, LOLO) LED-indication f...9999 to +9999 (4 digits) LED 14.2 mm Red Yes Configurable by keys Yes Yes Yes 3 1/2, 4-digit BCD, 8 ...
Description Display Receiver with Limit Outputs

File Size 90.85K  /  3 Page

View it Online

Download Datasheet

    ABRACON CORP
Part No. ASDMB-FREQ-LR-40 ER5-T ASDMB-1.0000MHZ-X-25
OCR Text ...m see options v 6. 3 + ~ 7. 1 + :)dd v ( e g atlov y lpp u s output load: 15, 25 , or 40 pf see options 10 k? ...9999 mhz ----- 8 15 ma 125.0 to 150mhz ----- 9 15 ma 1.0 to 39.99 99m hz ----- 7 15 ma...
Description CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 150 MHz, CMOS OUTPUT
CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS OUTPUT
CRYSTAL OSCILLATOR, CLOCK, 1 MHz, CMOS OUTPUT

File Size 1,973.17K  /  4 Page

View it Online

Download Datasheet

    DLEL-101

NXP Semiconductors
Part No. DLEL-101
OCR Text ...or range source weight 16.7 million (24-bit) additive red, green, and blue colors; continuously variable intensity output range High b...9999 * Fax 617 423 9998 * info@colorkinetics.com * www.colorkinetics.com DLE L-101 -- 6" photome...
Description digital light engine

File Size 837.67K  /  6 Page

View it Online

Download Datasheet

    F112450KC5B F112450KC5D F112450KC9B F112450KC9D F112450KC8B F112450KC8D F102450LC3B F102450LC3D F102450LC5B F102450LC5D

Baumer IVO GmbH & Co. KG
Part No. F112450KC5B F112450KC5D F112450KC9B F112450KC9D F112450KC8B F112450KC8D F102450LC3B F102450LC3D F102450LC5B F102450LC5D F102450LC8B F102450LC8D F102450LC9B F102450LC9D F102600NC3B F102600NC3D F102600NC5B F102600NC5D F102600NC8B F102600NC8D F102600NC9B F102600NC9D F112600MC3B F112600MC3D F112600MC5B F112600MC5D F112600MC8B F112600MC8D F112600MC9B F112600MC9D F112450KC3B F112450KC3D F122450NC3B F122450NC3D F122450NC5B F122450NC5D F122450NC8B F122450NC8D F122450NC9B F122450NC9D
OCR Text ...% 5.5 VA 50 ms 120 ms 30 % max. 7 min 24/110 VAC 10 % 3 VA 50 ms 50 ms 100 % 24 VDC 10 % 2.3 W 25 ms 25 ms 100 % White numbers on black 4...9999 and 999 999 Manual by reset button 0...+60 C -20...+70 C 80 % non-condensing IP 41 Built-in hou...
Description Totalizers electromechanic

File Size 523.93K  /  4 Page

View it Online

Download Datasheet

    ABRACON CORP
Part No. ASEMB-14.3181MHZ-X-25-T
OCR Text ... see options v 6.3 + ~ 7 . 1+ :)dd v ( eg atlov y lpp u s output load: 15, 25 , or 4 0 pf see options 10 k?...9999 mhz ----- 8 15 ma 125.0 to 150mhz ----- 9 15 ma 1.0 to 39.99 99m hz ----- 7 15 ma...
Description CRYSTAL OSCILLATOR, CLOCK, 14.3181 MHz, CMOS OUTPUT

File Size 1,965.91K  /  4 Page

View it Online

Download Datasheet

    Intersil
Part No. LCM7217BLJL
OCR Text ...r ? directly drives multiplexed 7 segment common anode or common cathode led displays ? on-board multiplex scan oscillator ? schmitt trigger...9999, while the icm7217b (common anode) and icm7217c (common cathode) are intended for timing purpos...
Description 4-Digit LED Display / Programmable Up/Down Counter

File Size 140.34K  /  19 Page

View it Online

Download Datasheet

For 7.9999 Found Datasheets File :: 888    Search Time::1.657ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 7.9999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0080230236053