Part Number Hot Search : 
CSN105B BR0540 C1206 XC6108 SR40150P IFD08845 BU402 A8423KL
Product Description
Full Text Search
  7.5k-ohm Datasheet PDF File

For 7.5k-ohm Found Datasheets File :: 1215    Search Time::2.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LAS-32001HLF LAS-32001DLF LAS-32001FLF LAS-32001JLF

IRC - a TT electronics Company.
Part No. LAS-32001HLF LAS-32001DLF LAS-32001FLF LAS-32001JLF
OCR Text ... Range (ohms) Min. 0.1 0.1 Max. 7.5K 18K Non-Inductive Range (ohms) Min. 0.1 0.2 Max. 3.8K 7.5K Available Resistance (ohms) 0.5%, 1% 1 - 7.5K 1 - 18K 3%, 5% 0.1 - 7.5K 0.1 - 18K Environmental Data Test Condition (@ 25C) Load Life 1000 h...
Description Low Cost Semi-Precision Power Wirewound Resistor

File Size 182.67K  /  3 Page

View it Online

Download Datasheet





    美国讯泰微波有限公司上海代表
Part No. 290E
OCR Text 7 - 4.0 GHz Typical Applications Features 2 dB LSB Steps to 6 dB Single Positive Control Per BIT +/-0.2 dB Typical Bit Error Miniatur...5K Ohm resistor is required. Occupying less than 9 mm2, this is the smallest 2 - bit digital attenua...
Description 2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz

File Size 234.30K  /  6 Page

View it Online

Download Datasheet

    CM6800A CM6800AGIP CM6800AGIS

Champion Microelectronic Corp.
Part No. CM6800A CM6800AGIP CM6800AGIS
OCR Text ...-16 (P16) Top View 1 2 3 4 5 6 7 8 IEAO IAC ISENSE VRMS SS VDC RAM P1 RAM P2 VEAO VFB VREF VCC PFC OUT PW M OUT GND DC ILIMIT 16 15 14 13 1...5K 3 7 RAMP1 350 DUTY CYCLE SW SPST 8 RAMP2 6 VDC Vcc S Q 20uA 350 SS ...
Description LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO

File Size 387.75K  /  18 Page

View it Online

Download Datasheet

    SP6645UEB SP6644EB SP6644UEB SP6644 SP6644EU SP6645 SP6645EU

SIPEX[Sipex Corporation]
Part No. SP6645UEB SP6644EB SP6644UEB SP6644 SP6644EU SP6645 SP6645EU
OCR Text ...ut load step is shown in figure 7. Finally, in figure 8, SP6644 output ripple of 60mV is improved with the addition of the SP6201 LDO achiev...5K Figure 2. Efficiency Vs Output Current (Vout = 3.3V) Rlim=5K 3.33 3.33 3.32 3.32 Vout (...
Description Evaluation Board Manual

File Size 143.52K  /  5 Page

View it Online

Download Datasheet

    HMC273MS10G

HITTITE[Hittite Microwave Corporation]
Part No. HMC273MS10G
OCR Text 7 - 3.7 GHz Features 1 dB LSB Steps to 31 dB Single Positive Control Per BIT +/- 0.5 dB Typical Bit Error Miniature MSOP 10 Package: 14.8m...5K Ohm resistor is required. Electrical Specifications, TA = +25 C, Vdd = +3V to +5V & Vctl = 0/...
Description 1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz

File Size 184.64K  /  6 Page

View it Online

Download Datasheet

    HMC290

HITTITE[Hittite Microwave Corporation]
Part No. HMC290
OCR Text 7 - 4.0 GHz Features 2 dB LSB Steps to 6 dB Single Positive Control Per BIT +/-0.2 dB Typical Bit Error Miniature SOT 26 Package: 9 mm2 ...5K Ohm resistor is required. Occupying less than 9 mm, this is the smallest 2 - bit digital attenuat...
Description 2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR 0.7 - 4.0 GHz

File Size 138.93K  /  6 Page

View it Online

Download Datasheet

    HMC306MS1006

Hittite Microwave Corporation
Part No. HMC306MS1006
OCR Text 7 - 3.8 GHz Designer's Kit Available Typical Applications Features RoHS-Compliant Product 0.5 dB LSB Steps to 15.5 dB Single Positiv...5K Ohm resistor is required. Electrical Specifications, TA = +25 C, Vdd= +3V to +5V & VCTL= 0/Vd...
Description 0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz

File Size 316.61K  /  6 Page

View it Online

Download Datasheet

    HMC29106

Hittite Microwave Corporation
Part No. HMC29106
OCR Text 7 - 4.0 GHz Designer's Kit Available Typical Applications Features RoHS Compliant Product 4 dB LSB Steps to 12 dB Single Positive Co...5K Ohm resistor is required. Electrical Specifications, TA = +25 C, Vdd = +3V to +5V & Vctl = 0/...
Description 4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz

File Size 266.54K  /  6 Page

View it Online

Download Datasheet

    HITTITE[Hittite Microwave Corporation]
Part No. HMC291
OCR Text 7 - 4.0 GHz Features 4 dB LSB Steps to 12 dB Single Positive Control Per BIT, 0/+3V +/-0.2 dB Typical Bit Error Miniature SOT 26 Package: ...5K Ohm resistor is required. Electrical Specifications, TA = +25 C, Vdd = +3V to +5V & Vctl = 0/...
Description 4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR 0.7 - 4.0 GHz

File Size 143.44K  /  6 Page

View it Online

Download Datasheet

For 7.5k-ohm Found Datasheets File :: 1215    Search Time::2.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 7.5k-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1458539962769