Part Number Hot Search : 
AA1716 AT49L 330MD 6N138 Z1051 XG02L01 05SH3 CL7107
Product Description
Full Text Search
  7.02v Datasheet PDF File

For 7.02v Found Datasheets File :: 567    Search Time::0.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GTLP2T152 GTLP2T152K8X GTLP2T152M GTLP2T152MX

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP2T152 GTLP2T152K8X GTLP2T152M GTLP2T152MX
OCR Text ... Min Typ (Note 6) 2.9 2.0 2.5 2.7 1.5 1.8 2.5 2.2 7.3 4.5 4.4 5.0 Max Unit ns ns ns ns ns ns Transition Time, B Outputs (20% to 80%) Transition Time, B Outputs (80% to 20%) Transition Time, A Outputs (10% to 90%) Transition Time, A Outpu...
Description 2-Bit LVTTL/GTLP Transceiver GTLP SERIES, 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
From old datasheet system

File Size 113.08K  /  7 Page

View it Online

Download Datasheet





    GTLP36T612 GTLP36T612G GTLP36T612GX

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP36T612 GTLP36T612G GTLP36T612GX
OCR Text ...ts 3-STATE Outputs Active (Note 7) DC Output Sink Current into A Port IOL DC Output Source Current from A Port IOH DC Output Sink Current in...02V 3.15V to 3.45V -48 mA -24 mA +24 mA +50 mA -40C to +85C -50 mA -50 mA +50 mA >2000V -65...
Description 36-Bit LVTTL/GTLP Universal Bus Transceiver

File Size 77.84K  /  8 Page

View it Online

Download Datasheet

    GTLP6C816A GTLP6C816AMTC GTLP6C816APMTCX

FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP6C816A GTLP6C816AMTC GTLP6C816APMTCX
OCR Text ...2 2.0 2.9 2.4 3.6 3.5 4.8 4.4 5.7 5.3 ns ns ns 4.0 4.3 4.1 4.1 ns ns ns TTLIN Extended Electrical Characteristics Over recommended ranges of supply voltage and operating free-air temperature VREF = 1.0V (unless otherwise noted). CL = 30...
Description LVTTL-to-GTLP Clock Driver

File Size 51.83K  /  7 Page

View it Online

Download Datasheet

    GTLP6C816 GTLP6C816MTC

FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP6C816 GTLP6C816MTC
OCR Text ...mA 80 mA -48 mA 48 mA -0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V Recommended Operating Conditions (Note 3) Supply Volta...02V 4.75V to 5.25V Note 1: Absolute Maximum continuous ratings are those values beyond which dama...
Description GTLP-to-TTL 1:6 Clock Driver

File Size 44.77K  /  7 Page

View it Online

Download Datasheet

    GTLP6C817 GTLP6C817MTC

FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP6C817 GTLP6C817MTC
OCR Text ...mA 80 mA -24 mA 24 mA -0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V Recommended Operating Conditions (Note 3) Supply Volta...02V 4.75V to 5.25V 3.15V to 3.45V Note 1: Absolute Maximum continuous ratings are those values be...
Description Low Drive GTLP-to-LVTTL 1:6 Clock Driver

File Size 50.04K  /  7 Page

View it Online

Download Datasheet

    MAX100 1012

MAXIM - Dallas Semiconductor
Maxim Integrated Products
Part No. MAX100 1012
OCR Text 7/94 K ATION EVALU BLE AVAILA IT 250Msps, 8-Bit ADC with Track/Hold ____________________________Features o o o o o o o o o o o o ...02V, VARB = -1.02V, TMIN to TMAX = 0C to +70C, TA = +25C, unless otherwise noted.) (Note 3) PARAMETE...
Description From old datasheet system
250Msps, 8-Bit ADC with Track/Hold
250Msps / 8-Bit ADC with Track/Hold

File Size 122.31K  /  16 Page

View it Online

Download Datasheet

    SP6213 SP6213EC5-1.8 SP6213EC5-2.5 SP6213EC5-2.7 SP6213EC5-2.85 SP6213EC5-3.0 SP6213EC5-3.3 SP6213EC5-5.0

SIPEX[Sipex Corporation]
Part No. SP6213 SP6213EC5-1.8 SP6213EC5-2.5 SP6213EC5-2.7 SP6213EC5-2.85 SP6213EC5-3.0 SP6213EC5-3.3 SP6213EC5-5.0
OCR Text ...(IGND) Ground Pin Current, Note 7, (IGND) 0.01 65 65 100 135 Power Supply Rejection Ratio, (PSRR) Current Limit, (ICL) Thermal Limit T...02V. (c) Copyright 2003 Sipex Corporation Rev. 9/22/03 SP6213 Micropower, SC-70, 100mA CMOS L...
Description Micropower, SC-70, 100mA CMOS LDO Regulator

File Size 677.06K  /  10 Page

View it Online

Download Datasheet

    AIC1638 AIC1638-27CX AIC1638-27CZ AIC1638-30CX AIC1638-30CZ AIC1638-33CX AIC1638-33CZ AIC1638-50CX AIC1638-50CZ

Analog Integrations, Corp.
AIC[Analog Intergrations Corporation]
Analog Integrations Corporation
Part No. AIC1638 AIC1638-27CX AIC1638-27CZ AIC1638-30CX AIC1638-30CZ AIC1638-33CX AIC1638-33CZ AIC1638-50CX AIC1638-50CZ
OCR Text ...T VHOLD IIN IDD1 15 42 50 60 90 7 0.8 V V V A A 0.9 0.7 Supply Current VIN=VOUT + 0.5V Measurement of the IC input current IDD2 A SW Leakage Current SW Switch-On Resistance VSW =10V, VIN=VOUT + 0.5V VIN=VSW x 0.95, V...
Description 3-PIN ONE-CELL STEP-UP DC/DC CONVERTER 3引脚单细胞升压型DC / DC变换

File Size 238.74K  /  15 Page

View it Online

Download Datasheet

    BA892-02L BA892-02V BA592 BA892

INFINEON[Infineon Technologies AG]
Part No. BA892-02L BA892-02V BA592 BA892
OCR Text ....1 k - 0.45 0.36 120 0.7 0.5 - RL = 100 in series configuration, Z = 50 2 Charge carrier life time - WI |S21|2 - 3 -0.1 -0.05 -0.04 -23.5 -10.5 -5.5 - |S21|2 - Feb-04-2003 ns m dB Fo...
Description PIN Diodes - Bandswitching Diode for UHF-/VHF-Tuner
PIN Diodes - Silicon RF switching diode for VHF band switching in TV/VTR tuners

File Size 416.51K  /  4 Page

View it Online

Download Datasheet

    BA892V-02V BA892V-02V-GS08

Vishay Intertechnology,Inc.
VISAY[Vishay Siliconix]
Part No. BA892V-02V BA892V-02V-GS08
OCR Text ...g Codes/Options: GS08 / 3 k per 7" reel (8 mm tape), 3 k/Box A Description The main purpose of the BA892V-02V is the Band Switching. Biased with a DC forward current for signals at frequencies over 100 MHz up to 3 GHz this diode beha...
Description Single Band Switching Diodes for band switching up to 3 GHz

File Size 45.83K  /  4 Page

View it Online

Download Datasheet

For 7.02v Found Datasheets File :: 567    Search Time::0.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 7.02v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.34777808189392