Part Number Hot Search : 
6N137 10051 FS120 MB39A114 STK4362 JT224505 M4269 ADR02BR
Product Description
Full Text Search
  64-kb Datasheet PDF File

For 64-kb Found Datasheets File :: 3251    Search Time::2.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5014 2SC5014-T1 2SC5014-T2

NEC Corp.
NEC[NEC]
Part No. 2SC5014 2SC5014-T1 2SC5014-T2
OCR Text ...8 79.7 77.3 74.1 71.8 68.6 67.1 64.8 62.1 59.8 58.7 55.5 54.0 51.4 S22 ANG 88.8 84.1 72.2 73.5 68.9 63.7 64.9 60.0 60.3 58.1 56.9 58.3 57.5 56.5 55.4 54.0 54.5 52.7 51.6 50.4 51.8 50.2 50.2 48.0 50.0 45.7 45.5 44.2 45.8 42.6 MAG 11....
Description HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 48.18K  /  8 Page

View it Online

Download Datasheet





    2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518

NEC[NEC]
NEC Corp.
Part No. 2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518
OCR Text ...7 79.0 76.2 73.3 70.9 68.7 66.0 64.0 61.1 59.3 56.7 54.9 53.0 50.2 48.6 47.4 44.0 42.6 40.5 MAG .011 .029 .041 .046 .051 .060 .066 .072 .076 .086 .095 .099 .103 .111 .115 .123 .131 .132 .139 .151 .154 .165 .169 .172 .186 .188 .193 .203 .207...
Description Discrete
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 49.94K  /  8 Page

View it Online

Download Datasheet

    BCM1250

ETC
Broadcom Corporation.
Part No. BCM1250
OCR Text 64-BIT MULTIPROCESSOR BCM1250 600 MHz-1 GHz FEATURES SUMMARY * Two 64-bit MIPS CPUs, scalable from * Quad-issue in order pipeline; dual...KB instruction cache, 32-KB data cache * Advanced branch predictors * Connects the CPUs, L2 cache, m...
Description HIGH PERFORMANCE INTEGRATED 64 BIT MULTIPROCESSOR

File Size 136.73K  /  2 Page

View it Online

Download Datasheet

    BCM5646 BCM564603

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM5646 BCM564603
OCR Text ...ted (256 KB) data packet memory 64- or 128-bit-wide SDRAM support Spanning Tree support per VLAN DiffServ compliant Stacking architecture compatible with StrataSwitch ITM IEEE 802.1Q.D support Fast Filter Processor (FFP) - Examines up to th...
Description StrataSwitch® II Integrated Multilayer Switch
STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
INTEGRATED MULTI LAYER SWITCH

File Size 98.36K  /  2 Page

View it Online

Download Datasheet

    BCM5673

Electronic Theatre Controls, Inc.
Broadcom Corporation.
ETC
Part No. BCM5673
OCR Text ...sizes, including jumbo frames (64 - 9216 bytes) * Built-in Double Tagging Engine enables the StrataXGS * Provides hardware support for a number of multicast * Multiple CoSs enable the switch to prioritize latency* Built-in 10 Gigabit Et...
Description 10GIGABIT ETHERNET / HIGIG MULTILAYER SWICH

File Size 157.69K  /  2 Page

View it Online

Download Datasheet

    BCM5700

Electronic Theatre Controls, Inc.
ETC
Part No. BCM5700
OCR Text ... rates Support for PCI v2.2, 32/64-bit, 33/66 MHz, and PCI-X v1.0 * 32/64-bit, 66/133-MHz bus interfaces * 96 KB ultra-deep packet buffer with support for up to 16 MB externally * Support for IEEE 802.3, 802.3u, 802.3z, and 802.3ab standard...
Description PCI - X 10/100/1000 BASE -T CONTROLLER 的PCI - 10/100/1000 Base - T型控制器

File Size 150.29K  /  2 Page

View it Online

Download Datasheet

    BCM5701

Electronic Theatre Controls, Inc.
ETC
Part No. BCM5701
OCR Text ... Host interfaces - PCI v2.2, 32/64-bit, 33/66-MHz - PCI-X v1.0, 64-bit, 133-MHz * MII/GMII/TBI interfaces for external transceivers * Ultra-deep, 96-KB on-chip packet buffer * Dual high-speed RISC cores with 16-KB caches - Programmable, in-...
Description 10/100/1000BASE - T CONTROLLER WITH INTEGRATED TRANSCEIVER

File Size 121.17K  /  2 Page

View it Online

Download Datasheet

    BCM5705

ETC[ETC]
Part No. BCM5705
OCR Text ...2.1q VLAN tagging that supports 64 VLANs * 802.3x flow control * Cable analyzer features detect cabling problems * 3.3V I/Os (5V tolerant) * * * * * JTAG * Industry's smallest 10/100/1000 MAC+PHY solution * Optimized for des...
Description CONTROLLER WITH INTEGRATED TRANSCEIVER

File Size 486.44K  /  2 Page

View it Online

Download Datasheet

    BCM7020 BCM7020R

ETC
Part No. BCM7020 BCM7020R
OCR Text ...lti2 descramblers * Support for 64 PIDs and 64 section filters BCM7020 Advanced Video, Graphics, and Audio Subsystem with Bus Bridge Dual Smart Card MIPS CPU 2-KB Instruction/ Data Cache Video Audio Demod Analog NTSC/PAL Video M...
Description HIGH DEFINITION VIDEO UMA SUBSYSTEM WITH 2D GRAPHICS

File Size 150.78K  /  2 Page

View it Online

Download Datasheet

    BCM7035 BCM7035R

Broadcom
ETC
Part No. BCM7035 BCM7035R
OCR Text ...lti2 descramblers * Support for 64 PIDs and 64 section filters * 24-bit digital HD video input port and internal mixer common to cable an...KB Instruction/ Data Cache ROM/ Flash I/O BCM4413 HPNA/V.90 10/100BASE-TX Silicon Tuner Dup...
Description High-Definition Video Graphics UMA Subsystem and Mixer with DVI
HD VIDEO / GRAPHICS UMA SUBSYSTEM AND MIXER WITH DVI

File Size 152.67K  /  2 Page

View it Online

Download Datasheet

For 64-kb Found Datasheets File :: 3251    Search Time::2.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 64-kb

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.57578682899475