Part Number Hot Search : 
TS424E02 330M3 CP82C88Z ZX55C5V6 TGA45 M35102 BYT54 DM9801
Product Description
Full Text Search
  629 Datasheet PDF File

For 629 Found Datasheets File :: 125989    Search Time::2.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VISHAY DALE
Part No. MMBS22G-29 CMMD1S22G-34
OCR Text ...nc-2a typ. 0.590 [14.99] 0.250 [6.35] ?a? end of connector short turnable screwlocks (sk030) 0.500 [12.70] 0.160 [4.06] 0.540 [13.72] 0.030 ...29] deep typ. 0.1 8 0 [4.57] dia. www.vishay.com for technical questions contact: connectors@v...
Description 29 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
34 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET

File Size 988.11K  /  8 Page

View it Online

Download Datasheet





    29-7552-320-FL 29-7702-320-FL 29-7702-330-FL 29-7552-330-FL 29-7402-350-FL 29-7552-350-FL 29-7702-350-FL 29-7702-400-FL

JDS Uniphase Corporation
Part No. 29-7552-320-FL 29-7702-320-FL 29-7702-330-FL 29-7552-330-FL 29-7402-350-FL 29-7552-350-FL 29-7702-350-FL 29-7702-400-FL 29-7702-420-FL 29-7702-440-FL 29-7702-460-FL 29-7702-480-FL 29-7402-440-FL 29-7552-440-FL 29-7602-440-FL 29-7402-460-FL 29-7552-460-FL 29-7602-460-FL 29-7402-400-FL 29-7602-400-FL 29-7402-360-FL 29-7552-360-FL 29-7602-360-FL 29-7702-360-FL 29-7552-400-FL 29-7402-340-FL 29-7552-340-FL 29-7702-340-FL 29-7552-310-FL 29-7402-480-FL 29-7602-480-FL 29-7402-420-FL 29-7602-420-FL 29-7402-380-FL 29-7552-380-FL 29-7602-380-FL 29-7702-380-FL 29-7702-310-FL 29-7402-500-FL 29-7602-500-FL 29-7702-500-FL 29-7552-480-FL 29-7552-420-FL 29-7602-340-FL 29-7602-310-FL 29-7602-320-FL 29-7602-330-FL 29-7602-350-FL 29-7402-310-FL 29-7402-320-FL 29-7402-330-FL
OCR Text ...EXIBLE <=400 MICRON RECOAT 4.6 4X 2 .5 0 TH RU 1 2X 2 . 5 L E A D S P A C I N G TOLERANCE IS NON-ACCUMULATIVE 14X 0.51 LEAD WIDT...29-xxxx-310-FL 29-xxxx-320-FL 29-xxxx-330-FL 29-xxxx-340-FL 29-xxxx-350-FL 29-xxxx-360-FL 29-xxxx-38...
Description Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules

File Size 257.20K  /  6 Page

View it Online

Download Datasheet

    NLB6448AC33-29 NL6448AC33-29

NEC
Part No. NLB6448AC33-29 NL6448AC33-29
OCR Text ...cd/m2, typ.) * Low reflection * 6-bit digital RGB interface * Data enable (DE) function * Incorporated edge type backlight with lamps (Two l...29 STRUCTURE AND FUNCTIONS A color TFT (thin film transistor) LCD module is comprised of a TFT liq...
Description 26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle

File Size 170.46K  /  28 Page

View it Online

Download Datasheet

    Samtec, Inc.
Part No. HPSTP-29-0500-M-S HPSTP-29-5000-M-S
OCR Text ... (see fig. 1) -29: (8 sig pairs/6 power lines) uses hdmip-29 (see fig. 2) hpstp-xx-xxxx-xx-xx second end -s: standard plug available second end: (19 and 29 position) -standard plug -m: mini plug a...
Description INTERCONNECTION DEVICE LEAD FREE

File Size 651.55K  /  7 Page

View it Online

Download Datasheet

    POWERINT[Power Integrations, Inc.]
Part No. DI-29
OCR Text ...tion and loop compensation. R5 6.8 Operation DPA-Switch greatly simplifies the design compared to a discrete implementation. Resistor ...29 www.powerint.com December 2002 DI-29 Key Design Points * For nominal under-voltage set ...
Description 25 W Flyback DC-DC Converter

File Size 62.45K  /  2 Page

View it Online

Download Datasheet

    TM120-155-07-29

Transcom, Inc.
Part No. TM120-155-07-29
OCR Text ...e Voltage Current Supply MIN 12 6 28 37 TYP 7 0.4 29 38 1.5:1 1.5:1 8 -0.8 300 MAX 15.5 0.5 UNITS GHz dB dB dBm dBm Volt Volt mA 1.7:1 1.7:1 -0.4 320 -1.2 CARRIER: S11 / Z11 TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-...
Description 12 - 15.5 GHz 29 dBm Power Module

File Size 21.82K  /  1 Page

View it Online

Download Datasheet

    Molex, Inc.
Part No. 39-29-1068 39-29-1028 39-29-1048 39-29-1108
OCR Text ... cycles physical housing: 6/6 nylon, ul 94v-2 or 94v-0 contact: brass or phosphor bronze plating: tin, select gold or overall gold ...29-3026 ?39-31-0020 ?39-31-0027 ?39-31-0028 5.40 (.210) 4 ?39-29-3046 ?39-31-0040 ?39-31-0047...
Description 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit STIFTLEISTE LIEGEND 10POL

File Size 44.79K  /  1 Page

View it Online

Download Datasheet

    P521-29 P521-29DC

PhaseLink Corporation
Part No. P521-29 P521-29DC
OCR Text ...5 mil 57.5 mil 19 20 22 1 2 3 4 6 13 14 11 17 16 15 12 10 9 8 7 5 gndbuf pecl peclbar vddbuf vddbuf vddana oe xout xin vcon gndosc gndbuf gn...29 low phase noise lvds vcx o (100mhz to 200mhz) 47745 fremont blvd., fremont, california 94538 ...
Description Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: –40°C to 85°C
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-QFN; Temperature Range: –40°C to 85°C

File Size 97.02K  /  6 Page

View it Online

Download Datasheet

    M85049-29-08N01A M85049-29-08N02A M85049-29-08N03A M85049-29-08N04A M85049-29-08N05A M85049-29-18A02A M85049-29-24W08A M

Glenair, Inc.
Part No. M85049-29-08N01A M85049-29-08N02A M85049-29-08N03A M85049-29-08N04A M85049-29-08N05A M85049-29-18A02A M85049-29-24W08A M85049-29-24W05A M85049-29-24A08A M85049-29-24A05A M85049-29-22W08A M85049-29-22W04A M85049-29-20W10A M85049-29-20N08A M85049-29-20N03A M85049-29-20A09A M85049-29-20A04A M85049-29-18W03A M85049-29-18N04A M85049-29-18A07A M85049-29-16N06A M85049-29-16N05A M85049-29-16A03A M85049-29-14W05A M85049-29-14W04A M85049-29-14N09A M85049-29-14N05A M85049-29-14A07A M85049-29-14A04A M85049-29-12W09A M85049-29-12N02A M85049-29-10N09A M85049-29-10N08A M85049-29-10N07A M85049-29-08W07A M85049-29-08W05A M85049-29-08N07A M85049-29-08A07A M85049-29-08A05A M85049-29-14N03A M85049-29-12A09A M85049-29-22A09A M85049-29-10W10A M85049-29-12N08A M85049-29-22N08A M85049-29-16N08A M85049-29-12A10A M85049-29-12A04A M85049-29-12W05A M85049-29-22W05A M85049-29-24N04A M85049-29-12A01A M85049-29-14W01A M85049-29-14W02A M85049-29-14W03A M85049-29-24W02A M85049-29-24W07A M85049-29-24A10A M85049-29-24W03A M85049-29-24N09A M85049-29-24N06A M85049-29-20W02A M85049-29-22A06A M85049-29-22A01A M85049-29-20W08A M85049-29-20W05A M85049-29-24N01A M85049-29-20W01A M85049-29-20N10A M85049-29-20N09A M85049-29-
OCR Text ...UNEF B Dia +.000 (0.0) -.062 (1.6) .567 (14.4) .704 (17.9) .829 (21.1) .954 (24.2) 1.079 (27.4) 1.203 (30.6) 1.329 (33.8) 1.454 (36.9) 1.579...29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) 1.750 (44.5) 1.875 (47.6) TABLE III 1....
Description Non-Environmental Strain Relief Backshells

File Size 67.96K  /  1 Page

View it Online

Download Datasheet

    POWERINT[Power Integrations, Inc.]
Part No. EPR-29
OCR Text .................................. 6 4.1 Input EMI Filtering......................................................................................29 11.5.3 Ripple Measurements at 230 VAC...............................................................
Description Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P

File Size 2,605.27K  /  36 Page

View it Online

Download Datasheet

For 629 Found Datasheets File :: 125989    Search Time::2.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 629

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4414360523224