Part Number Hot Search : 
MAX9726 MS6853 4LVCH IRFZ34 MAX9726 IDTQS S24IZ 0M10V6
Product Description
Full Text Search
  6080 Datasheet PDF File

For 6080 Found Datasheets File :: 89228    Search Time::3.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1N6637US 1N5969US 1N5968US 1N6632US 1N6633US 1N6634US 1N6635US 1N6636US

CDI-DIODE[Compensated Deuices Incorporated]
Compensated Devices Incorporated
Part No. 1N6637US 1N5969US 1N5968US 1N6632US 1N6633US 1N6634US 1N6635US 1N6636US
OCR Text ...N6637US 1N5968US 1N5969US 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 mA 380 350 320 290 260 240 220 220 OHMS 3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 OHMS 500 5...08 5.72 0.03MIN. INCHES MIN MAX .137 .148 0.019 0.028 .200 .225 .001MIN. REGULATION v VZ IR...
Description 5 WATT ZENER DIODES
Zener Diodes(齐纳二极
surface mount silicon Zener diodes

File Size 58.47K  /  2 Page

View it Online

Download Datasheet





    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ...-10 V, IE = 0, f = 1 MHz VCE = -6 V, I C = -0.1 mA, Rg = 500 , f = 120 Hz Min -30 -30 -5 -- -- 100 -- -- 200 -- -- Typ -- -- -- -- -- ...08 -0.04 0 -1 -2 -5 -10 -20 -50 -100 Collector Current IC (mA) IC = 10 IB = Ta C 75 25 5 ...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK

Leshan Radio Company, Ltd.
乐山无线电股份有限公
Part No. 2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK
OCR Text ...ER 1 2 CASE 318-08, STYLE 6 MAXIMUM RATINGS Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Collector power dissipation Junction temperature Storage temperature Symbol V...
Description General Purpose Transistors(PNP Silicon) 通用晶体管(民进党硅
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No

File Size 143.20K  /  3 Page

View it Online

Download Datasheet

    2SA1194 2SA1194K

Hitachi,Ltd.
HITACHI[Hitachi Semiconductor]
Part No. 2SA1194 2SA1194K
OCR Text ...acteristics P c= .0 -0.8 8W -1 .6 TC = 25C -0 4 -0. DC Current Transfer Ratio vs. Collector Current 100,000 DC current transfer ratio hFE 30...08 -0.06 0.04 - -0.02 -200 -0.01 mA -0.01 0 IB = 0 -2 -4 -6 -8 -10 Collector to emitter...
Description Silicon PNP Epitaxial

File Size 34.49K  /  5 Page

View it Online

Download Datasheet

    2SA2097

Toshiba Corporation
TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2097
OCR Text ...IC = -0.5 A VCE = -2 V, IC = -1.6 A IC = -1.6 A, IB = -53 mA IC = -1.6 A, IB = -53 mA See Figure 1 circuit diagram VCC ~ -24 V, RL = 15 W IB...08-21 2SA2097 VCC RL Output IB2 IB1 20 ms Duty cycle < 1% Input IB1 IB2 Figure 1 Marking...
Description High-Speed Swtching Applications DC-DC Converter Applications

File Size 119.11K  /  5 Page

View it Online

Download Datasheet

    2SB1073

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1073
OCR Text ... nA V V V -30 -20 -7 120 - 0.6 120 40 *2 315 -1 V MHz pF Pulse measurement VCE(sat) *1h FE Rank classification Rank hFE Q 120 ~ 205 IQ R 180 ~ 315 IR Marking Symbol 2.50.1 +0.25 1 Transistor PC -- Ta 1.6...
Description Silicon PNP epitaxial planer type(For low-frequency amplification)

File Size 34.72K  /  2 Page

View it Online

Download Datasheet

    2SB1091

HITACHI[Hitachi Semiconductor]
Part No. 2SB1091
OCR Text ...-3 V Pulse Ta =7 5C -25 C -6 IB = -0.5 mA -4 Ta = 25C Pulse 2 5C -2 0 -1 -2 -3 -4 -5 Collector to emitter Voltage VCE (V...08 +0.1 4.44 0.2 1.26 0.15 6.4 +0.2 -0.1 18.5 0.5 15.0 0.3 1.27 2.7 MAX 14...
Description Silicon PNP Triple Diffused

File Size 34.50K  /  6 Page

View it Online

Download Datasheet

    2SB1103

HITACHI[Hitachi Semiconductor]
Part No. 2SB1103
OCR Text ...8 -1.5 Ta =7 5C -6 -1.0 -25 C -4 -0.5 mA VCE = -3 V Pulse -2 TC = 25C IB = 0 0 -1 -2 -3 -4 Coll...08 +0.1 4.44 0.2 1.26 0.15 6.4 +0.2 -0.1 18.5 0.5 15.0 0.3 1.27 2.7 MAX 14...
Description Silicon PNP Darlington Transistor
Silicon PNP Triple Diffused

File Size 35.86K  /  7 Page

View it Online

Download Datasheet

    2SB562

Hitachi Semiconductor
Part No. 2SB562
OCR Text ...ollector Current IC (mA) -8 -7 -6 -5 -4 -400 -3 -2 -200 -1 mA IB = 0 0 100 150 50 Ambient Temperature Ta (C) 0 -0.4 -0.8 -1.2 -1.6 -2.0 Collector Emitter Voltage VCE (V) -800 PC = 9 0. 0.8 -600 W 0.4 Typical Transfer Ch...
Description Silicon PNP Epitaxial

File Size 29.50K  /  6 Page

View it Online

Download Datasheet

    2SB566 2SB566A 2SB566AK 2SB566K HITACHILTD.-2SB566AK

HITACHI[Hitachi Semiconductor]
Part No. 2SB566 2SB566A 2SB566AK 2SB566K HITACHILTD.-2SB566AK
OCR Text ...0.1 -0.05 -0.02 0 -2 -4 IB = 0 -6 -8 -10 Typical Transfer Characteristics VCE = -4 V Collector current IC (A) -4 -3 -2 -1 ...08 +0.1 4.44 0.2 1.26 0.15 6.4 +0.2 -0.1 18.5 0.5 15.0 0.3 1.27 2.7 MAX 14...
Description Silicon PNP Triple Diffused

File Size 32.51K  /  6 Page

View it Online

Download Datasheet

For 6080 Found Datasheets File :: 89228    Search Time::3.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 6080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7925970554352