Part Number Hot Search : 
MX566AKQ FRK9260R 47C201P BIM212 LB101 QOU110 B32332 SDR6TTXV
Product Description
Full Text Search
  60603-2 Datasheet PDF File

For 60603-2 Found Datasheets File :: 95    Search Time::2.579ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    pmc
Part No. 1990330
OCR Text ...ns for Microcomputers using IEC 60603-2 Connectors", IEEE 1101.1-1998 PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE 3 PRELIMINARY REFERENCE DESIGN PMC-990330 ISSUE 2 ATM SWITCHING ATM S...
Description From old datasheet system

File Size 918.58K  /  59 Page

View it Online

Download Datasheet





    85719-0001

Molex Electronics Ltd.
Part No. 85719-0001
OCR Text ...es with: Plugs according to IEC 60603-7 (series 95043, 44915, 85568) Designed-In: Millimeters Electrical Hipot isolation: 2250.0V DC OCL: 350H at 24.0mA min. Insertion loss: -0.8dB at 100 MHz (typical) Return loss: -13.5dB at 100 MHz (ty...
Description HyperJack PoE Integrated Connector Module
HyperJack垄芒 PoE Integrated Connector Module

File Size 313.07K  /  2 Page

View it Online

Download Datasheet

    PT-05E88-50UL PT-110OOX

ETC
Part No. PT-05E88-50UL PT-110OOX
OCR Text ...etry meets fcc 68.500 and iec 60603-7 specifications for modular plugs.  for both stranded & solid wire. ptc-rj45x-55(cc) ptc-rj45x-61(cc) 5.5 mm i.d. cc: bk, bl, gn, gr, rd, yw 6.1 mm i.d. cc: bk, bl, gn, gr, rd, yw ...
Description (PT-xxx) Modular Plugs and Boots

File Size 67.44K  /  1 Page

View it Online

Download Datasheet

    HARTING Inc.
Part No. 09-00-000-5157
OCR Text ...p 67 to ip 20 x cg 7 iec 60603.7 modular jack generic cabling identifcation part number drawing dimensions in mm harting gener...2, twisted pair, shielded sheath material pur, halogen-free lszh wiring 8-pole, 1:1 transmissio...
Description
File Size 2,042.99K  /  122 Page

View it Online

Download Datasheet

    PHOENIX CONTACT Deutschland GmbH
Part No. 1.70111E12 1.70411E12 1.7051E12 1.70631E12 1.72111E12 1.72411E12 1.7251E12 1.70622E12 1.72306E12 1.70306E12 1.70115E12
OCR Text ...pular din connec- tor (iec & en 60603-2) is quite significant, 96 to 240 contacts. the enhanced or 5-row din compatible connector (har-busa 64) originated by harting, has 160 contacts on a 2.54 mm pitch. the iec 61076-4-101 hard metric conn...
Description PLUG BUS TYPE A MALE 110WAY 5ROW
PLUG BUS TYPE B MALE 110WAY 5ROW
PLUG BUS TYPE B MALE 95WAY 5ROW
PLUG BUS TYPE 47 308WAY
SOCKET BUS TYPE A FEMALE R/A 110WAY
SOCKET BUS TYPE B FEMALE R/A 110WAY
SOCKET BUS TYPE B FEMALE R/A 95WAY
PLUG BUS TYPE 47 220WAY
插座总线C型女R /5WAY
插头总线C型螺5WAY 5ROW
PLUG BUS TYPE A MALE 150WAY 7ROW 总线插头类男50WAY 7ROW

File Size 5,233.69K  /  36 Page

View it Online

Download Datasheet

    Panduit, Corp.
PANDUIT CORP
Part No. PUP6004YL-UY PUR6504YL-UY PUP6504YL-U PUR6004YL-UY UTPSP30BU
OCR Text ...mance iec compliance: meets iec 60603-7 key features and benefits applications technical information specifications category 6/class e eight...2-1 category 6 and iso 11801 class e standards, these systems are ideal for today's high performanc...
Description INTERCONNECTION DEVICE

File Size 76.93K  /  2 Page

View it Online

Download Datasheet

    Panduit, Corp.
PANDUIT CORP
Part No. PUR6A04YL-UG PUP6A04YL-UG CPP24FMWBLY CPPA24FMWBLY CPP48FMWBLY CPPA48FMWBLY CPP72FMWBLY
OCR Text ...liant iec compliance: meets iec 60603-7 poe compliance: meets requirements of ieee 802.3af and ieee 802.3at for poe applications ul rated: u...2 ru: cppa48fmwbly mini-com ? flat flush mount modular patch panels 24-port, 1 ru: cpp24fmwbly 48-p...
Description INTERCONNECTION DEVICE ROHS COMPLIANT

File Size 97.45K  /  2 Page

View it Online

Download Datasheet

    ADC Telecommunications
Part No. TP6TZJ-YL15 TP6TZJ-YL25 TP6TZJ-YL35 TP6TZJP-YL07 TP6TZJP-YL15 TP6TZJ-YL30 TP6TZJ-YL50 TP6TZJP-IV50 TP6TZJ-IV07 TP6TZJP-IV25 TP6TZJP-IV15 TP6TZJ-IV50 TP6TZJP-IV30 TP6TZJP-IV35 TP6TZJ0IV07 TP6TZJ-IV15 TP6TZJ-IV25 TP6TZJ-IV30 TP6TZJP-IV07 TP6TZJ0IV15 TP6TZR-BK50 TP6TZJ-BK50 TP6TZJP-BK50 TP6TZP-BK50 TP6TZJP-GN30 TP6TZJ-OR07 TP6TZJ-OR50 TP6TZJ0OR50 TP6TZJ-VT35
OCR Text ...interface according to: iec 60603-7 transmission performance and reliability: tia/eia 568-b.2-1 category 6 iso 11801 class e standard number of plug insertion cycles: 750 (iec/en 60603-7) conductor: 23 awg nomi...
Description INTERCONNECTION DEVICE

File Size 129.60K  /  2 Page

View it Online

Download Datasheet

    Panduit, Corp.
Intel, Corp.
Part No. PVQ-MIQPS24 PVQ-MIQAPU24 PVQ-MIQPU24 PVQ-MIQAPS24 PVQ-BIU6C10BU
OCR Text ...mance iec compliance: meets iec 60603-7 ul rated: meets ul 1863 poe compliance: meets draft requirements of ieee 802.3at for poe plus key fe...2, 3, 5, or 10) change the length designation in part number to the desired length. for standard cab...
Description INTERCONNECTION DEVICE

File Size 126.99K  /  2 Page

View it Online

Download Datasheet

For 60603-2 Found Datasheets File :: 95    Search Time::2.579ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 60603-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.1733920574188