Part Number Hot Search : 
NK60ZFP MBRF2 CDB5334 FX419J ST1151A ACT401 74F158 MBRF2
Product Description
Full Text Search
  6.3mm Datasheet PDF File

For 6.3mm Found Datasheets File :: 11506    Search Time::3.454ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LTC6410-6 LTC6410CUD-6-PBF LTC6410CUD-6-TRPBF LTC6410IUD-6-PBF LTC6410IUD-6-TRPBF LTC6410-6-15

Linear Technology
Part No. LTC6410-6 LTC6410CUD-6-PBF LTC6410CUD-6-TRPBF LTC6410IUD-6-PBF LTC6410IUD-6-TRPBF LTC6410-6-15
OCR Text 6 Low Distortion, Low Noise Differential IF Amplifier with Configurable Input Impedance DESCRIPTION The LTC(R)6410-6 is a low distortion, l...3mm x 3mm QFN package and operates over a -40C to 85C temperature range. L, LT, LTC and LTM are reg...
Description Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance

File Size 342.26K  /  16 Page

View it Online

Download Datasheet





    LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6402IUD-6-TRPBF LT6402CUD-6-TRPBF LT6402-6 LT6402-6-15

Linear Technology
Part No. LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6402IUD-6-TRPBF LT6402CUD-6-TRPBF LT6402-6 LT6402-6-15
OCR Text 6 300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 6dB) DESCRIPTION The LT(R)6402-6 is a low distortion, low noise...3mm x 3mm QFN package and operates over a -40C to 85C temperature range. 300 MHz -3dB Bandwidth F...
Description 300MHz Low Distortion, Low Noise Differential Amplifier
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)

File Size 230.50K  /  16 Page

View it Online

Download Datasheet

    MAXIM INTEGRATED PRODUCTS INC
Part No. MAX1556AETB
OCR Text ...products 1 top view lx out shdn 6 7 8 9 10 inp d1 3 2 1 ss gnd in 5 pgnd d2 4 tdfn max1556 max1556a max1557 pin configuration ordering information lx ss on off shdn gnd input 2.6v to 5.5v voltage select output 0.75v to v in pgnd out inp in ...
Description 2.25 A SWITCHING REGULATOR, 1100 kHz SWITCHING FREQ-MAX, DSO10

File Size 249.97K  /  12 Page

View it Online

Download Datasheet

    LT8611EUDDPBF LT8611-15

Linear Dimensions Semiconductor
Linear Technology
Part No. LT8611EUDDPBF LT8611-15
OCR Text .................................. 6 v operating junction temperature range ( note 2) lt 86 11 e ......................................3mm 5mm) plastic qfn 11 12 6 5 4 3 2 1 15 16 17 18 19 20 sync tr/ss rt en/uv v in v in pgnd pgnd fb...
Description 42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5μA Quiescent Current
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current

File Size 333.48K  /  24 Page

View it Online

Download Datasheet

    SCHURTER INC
Part No. SCHURTERINC-GSP1.8501.2 GSP1.6105.1 GSP1.6518.2 GSP1.9107.1 GSP1.9104.1 GSP1.9105.1 GSP1.9101.2 GSP1.9102.2
OCR Text ...r/quick-connect ground terminal 6.3x0.8mm, 90? to connector axis right-angle appliance connector for pcb mounting black insulation cover, mo...3mm screws (4 included) 6 = with holes for self-tapping 3mm screws (2 included) 7 = mount with self-...
Description MALE, MAINS POWER CONNECTOR, SOLDER

File Size 36.35K  /  1 Page

View it Online

Download Datasheet

    74LS138 DM74LS138 DM74LS138M DM74LS138N DM74LS138SJ DM74LS139M DM74LS139N DM74LS139SJ 74138

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. 74LS138 DM74LS138 DM74LS138M DM74LS138N DM74LS138SJ DM74LS139M DM74LS139N DM74LS139SJ 74138
OCR Text ...(Note 4) VCC = Max (Note 5) -20 6.3 2.7 3.4 0.35 0.25 0.5 0.4 0.1 20 -0.36 -100 10 Min Typ (Note 3) Max -1.5 Units V V V mA A mA mA mA No...3mm Wide Package Number M16D www.fairchildsemi.com 6 DM74LS138 * DM74LS139 Decoder/Demultip...
Description Decoder/Demultiplexer

File Size 81.03K  /  7 Page

View it Online

Download Datasheet

    POWER-ONE INC
Part No. SIE501.2LT SIP502.5LT
OCR Text ...ging from 1.2 to 3.3v and up to 6 amps of output current. the sie model has power ok and remote sense pins for added flexibility and improv...3mm) 0.10" typ. 0.28" 2.50" 1.90" (0.64mm) 0.025" sq. (2.30mm) (6.90mm) (3.3mm) (14.0mm) (63.5mm) (4...
Description 1-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE

File Size 67.99K  /  2 Page

View it Online

Download Datasheet

    UNITED CHEMI-CON INC
Part No. AM06651JAH AM06651JAB AM06651JAJ AM08801JCI
OCR Text ...3 46.5 59t 32.0 11.3 am08501jbh 6 970 800 94 45.0 75t 30.5 8.5 am06801jbh 5 1500 1200 140 45.5 92t 31.5 7.1 am05122jbh 6 740 650 87 41.0 69t...3mm, -3mm) soldering boundary (a)* : 0mm (+4mm, -0mm) * the bottom of the core or coil ( )is defin...
Description 1 ELEMENT, 740 uH, AMORPHOUS MAGNETIC-CORE, GENERAL PURPOSE INDUCTOR
2 ELEMENT, 1000 uH, AMORPHOUS MAGNETIC-CORE, GENERAL PURPOSE INDUCTOR

File Size 220.00K  /  2 Page

View it Online

Download Datasheet

    TS21RV ADTSM61NVTR ADTSM21NV AKTSC61

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. TS21RV ADTSM61NVTR ADTSM21NV AKTSC61
OCR Text ... k, y unavailable> dimension h: 6 x 6mm: 1 = 4.3mm 2 = 5.0mm 3 = 7.0mm 44= 7.3mm (sq.) x 2.4mm 48= 7.3mm (sq.) x 2.8mm 5 = 9.5mm 6 = 13mm 12 x 12mm: 1 = 4.3mm 4 = 7.3mm (sq.) x 3.8mm 5 = 8.5mm prod. size 6 = 6.6mm 2 = 12 x 12mm = none pos...
Description KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, THROUGH HOLE-STRAIGHT
MECHANICAL CONTACT STYLE
KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, SURFACE MOUNT-STRAIGHT

File Size 228.68K  /  5 Page

View it Online

Download Datasheet

For 6.3mm Found Datasheets File :: 11506    Search Time::3.454ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 6.3mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1687269210815