Part Number Hot Search : 
XW6822 PS2651L2 PL3502JP 10A20 SIZ916DT ZMM7V5 11001 MAX44
Product Description
Full Text Search
  5x8 Datasheet PDF File

For 5x8 Found Datasheets File :: 262    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AN-E-2266A M204SD02AJ

ETC
List of Unclassifed Manufacturers
Part No. AN-E-2266A M204SD02AJ
OCR Text ..., produces 20 digitsx4rows with 5x8 dot matrix. Consisting of a VFD, one chip controller, DC-DC/AC converter, the module can be operated by a parallel interface or a synchronous serial interface, and only 5 voltage power source is required ...
Description VACUUM FLUORESCENT DISPLAY MODULE

File Size 324.08K  /  22 Page

View it Online

Download Datasheet





    HD66724 HD66725

HITACHI[Hitachi Semiconductor]
Part No. HD66724 HD66725
OCR Text ...0 x 8 9,600 64 x 8 16 x 8 240 8 5x8 -- External resistor (270 kHz) Incorporated, external LP display mode HD66720 8 characters x 2 lines -- 42 -- 5x6 2 -- 2.7 V to 5.5 V 3 V to 11 V Clock-synchronized serial -- Possible 1/9, 17 1/4 to 1/5 B...
Description (Graphics LCD Controller/Driver with Key Scan Function)

File Size 818.29K  /  117 Page

View it Online

Download Datasheet

    OKY2-T_10-D12N-C OKY2-T_10-D12P-C OKY2-T_16-D12N-C OKY2-T_16-D12P-C OKY-T_10-D12N-C OKY-T_16-D12N-C OKY-T_10 OKY-T_10-D1

Murata Power Solutions Inc.
Part No. OKY2-T_10-D12N-C OKY2-T_10-D12P-C OKY2-T_16-D12N-C OKY2-T_16-D12P-C OKY-T_10-D12N-C OKY-T_16-D12N-C OKY-T_10 OKY-T_10-D12P-C OKY-T_16-D12 OKY-T_16-D12P-C OKY-T101 OKY-T/16-D12 OKY-T/16-D12N-C OKY2-T/16-D12N-C OKY2-T/10-D12N-C OKY2-T/10-D12P-C OKY2-T/16-D12P-C OKY-T/10 OKY-T/10-D12N-C OKY-T/10-D12P-C OKY-T/16-D12P-C
OCR Text ...% Case 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) 1.3x0.53x0.33 (33x13.5x8.4) Pi...
Description Programmable DOSA-SMT 10/16-Amp DC/DC Converters

File Size 641.81K  /  17 Page

View it Online

Download Datasheet

    Shenzhen
Part No. LMB202DDC-2
OCR Text ...- n=1, 2-line display - f=0, 5x8 dots font - d=1, display on note: *1. these setting/commands should issue to the lcd module while start up. *2. see the display commands section for details. 4.2 resetting the lcd module when tu...
Description LCD Module

File Size 240.44K  /  11 Page

View it Online

Download Datasheet

    LMR67802

List of Unclassifed Manufacturers
Part No. LMR67802
OCR Text ...512K x 16 bit) Address: 0~3FFF: 5x8 character font like English and Japanese (can't be erased) Address: 4000~7FFF: 5x8 character font like English European character (can't be erased) Address: 8000~BFFF: 5x8 character font like English Euro...
Description LIQUID CRYSTAL DISPLAY MODULE

File Size 309.18K  /  22 Page

View it Online

Download Datasheet

    185PPR102KJ 223PPR102KE 223PPR202KG 223PPR162KG 153PPR102KE 334PPR102KH

Illinois Capacitor, Inc.
Illinois Capacitor, Inc...
Part No. 185PPR102KJ 223PPR102KE 223PPR202KG 223PPR162KG 153PPR102KE 334PPR102KH
OCR Text ...022 1600 223ppr162ke 6000 18x14.5x8.5 15 0.8 0.022 1600 223ppr162kg 3000 26.5x15x6 22.5 0.8 0.022 2000 223ppr202kg 3500 26.5x17x8.5 22.5 0.8 0.022 2000 223ppr202kh 2300 32x17x9 27.5 0.8 0.033 630 333ppr630ke 2500 18x12x6 15 0.8 0.033 1000 3...
Description Small size Radial leaded metallized polypropylene film capacitors for Pulse applications

File Size 404.73K  /  3 Page

View it Online

Download Datasheet

    NEZB224Z55V135X75F NEZB104Z55V135X75F NEZB105Z55V215X8F NEZB474Z55V215X8F NEZB334Z55V135X75F NEZB155Z55V215X8F NEZB473Z5

NIC-Components Corp.
Part No. NEZB224Z55V135X75F NEZB104Z55V135X75F NEZB105Z55V215x8F NEZB474Z55V215x8F NEZB334Z55V135X75F NEZB155Z55V215x8F NEZB473Z55V135X75F
OCR Text ...nutes 75 nezb474z5.5v21.5x8f 21.5x8 0.47 4.0 216 @ 30 minutes 30 nezb105z5.5v21.5x8f 21.5x8 1.0 4.0 315 @ 30 minutes 30 nezb155z5.5v21.5x8f 21.5x8 1.5 4.0 450 @ 60 minutes 30 rated voltage range 5.5vdc rated capacitance range 0.047f ~ 1.0f ...
Description Memory Back-Up Capacitors
   Memory Back-Up Capacitors

File Size 115.01K  /  2 Page

View it Online

Download Datasheet

    NP291-04812-2-AC-14680 NP291-04812-2-G4-BF NP291-04812AC-15741 NP291-04805-3AC-16001 NP291-28807 NP291-07210-2AC-08338 N

Yamaichi Electronics Co., Ltd.
Part No. NP291-04812-2-AC-14680 NP291-04812-2-G4-BF NP291-04812AC-15741 NP291-04805-3AC-16001 NP291-28807 NP291-07210-2AC-08338 NP291-07210-2AC-08904 NP291-04013 NP291-07210-2-G4-BF NP291-07428 NP291-04002-2AC-11318 NP291-03617 NP291-04002-2-G4-BF NP291-04009-2-G4-BF NP291-04019 NP291-04414 NP291-04805-1 NP291-04805-3 NP291-04805-4 NP291-04805-5 NP291-04805-8 NP291-04808-2-G4-BF NP291-04808-AC-13177 NP291-04842 NP291-04843 NP291-04848 NP291-04851 NP291-04852 NP291-04878 NP291-05658 NP291-05670 NP291-07773
OCR Text ...0.75 0.75 Grid Size 6x6 6x8 5x8 5x8 5x8 6x11 6x11 6x11 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 6x8 8x9 7x8 8x9 7x8 8x9 7x16 7x11 22x22 IC Dimensions AxB 6.5x10.50 6x8 7.628x9.228 5.74x7.48 5.857x7.508 5.55x9.10 6...
Description Fine Ball Grid Array (FBGA, 0.75mm Pitch)

File Size 32.42K  /  1 Page

View it Online

Download Datasheet

    OKY-T_10-W5N-C OKY-T_10-W5P-C OKY-T_16-W5N-C OKY-T_16-W5P-C OKY-T10 OKY-T16-W5 OKY2-T_16-W5N-C OKY2-T_10-W5N-C OKY2-T_10

Murata Power Solutions Inc.
Part No. OKY-T_10-W5N-C OKY-T_10-W5P-C OKY-T_16-W5N-C OKY-T_16-W5P-C OKY-T10 OKY-T16-W5 OKY2-T_16-W5N-C OKY2-T_10-W5N-C OKY2-T_10-W5P-C OKY2-T_16-W5P-C OKY-T/16-W5N-C OKY2-T/16-W5N-C OKY-T/16-W5P-C OKY2-T/16-W5P-C OKY2-T/10-W5N-C OKY2-T/10-W5P-C OKY-T/10-W5N-C OKY-T/10-W5P-C
OCR Text ...% Case 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) 1.3x0.53x0.33 (33x13.5x8.3) Pi...
Description Programmable DOSA-SMT 10/16-Amp DC/DC Converters

File Size 156.66K  /  3 Page

View it Online

Download Datasheet

    Shenzhen
Part No. LMB402CBC
OCR Text ...ng - N=1, 2-line display - F=0, 5x8 dots font - D=1, display on Note: *1. These setting/commands should issue to the LCD module while start up. *2. See the Display Commands section for details. www.DataSheet4U.comResetting 4.2 the LCD m...
Description LCD Module

File Size 218.36K  /  11 Page

View it Online

Download Datasheet

For 5x8 Found Datasheets File :: 262    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 5x8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3522629737854