Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
  51v. Datasheet PDF File

For 51v. Found Datasheets File :: 235    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ADS-51V-1000

Merrimac Industries, Inc.
Part No. ADS-51V-1000
OCR Text 51V-1000 31 dB DIGITAL ATTENUATOR 50 to 1500 MHz / 0 to 31 dB Attenuation / Monotonic / 5-Bit Direct TTL Drive / +5V Supply V Package Outline - 24 pin Dual In Line TRUTH TABLE Attenuation Setting, dB Reference 1 2 4 8 16 Control I...
Description 31 dB DIGITAL ATTENUATOR

File Size 120.48K  /  1 Page

View it Online

Download Datasheet





    DMR20-10-DCM-R-C DMR20-3-KP

Murata Manufacturing Co., Ltd.
Part No. DMR20-10-DCM-R-C DMR20-3-KP
OCR Text ...h 0.01v in the lo range (below 51v), or 0.1v resolution in the hi range (above 51 v). a built-in resettable fuse assures long term reliability. all dmr20-10-dcms employ a 13-bit a/d converter and precision metal-? lm resistors to achieve...
Description 2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor

File Size 266.73K  /  4 Page

View it Online

Download Datasheet

    IRFR3806PBF IRFU3806PBF

International Rectifier
Part No. IRFR3806PBF IRFU3806PBF
OCR Text ... 25C, IS = 25A, VGS = 0V f VR = 51V, TJ = 25C IF = 25A TJ = 125C di/dt = 100A/s f TJ = 25C Notes: Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25C, L = 0.23mH RG = 25, IAS = 25A, ...
Description HEXFET Power MOSFET

File Size 504.79K  /  10 Page

View it Online

Download Datasheet

    NTE[NTE Electronics]
Part No. NTE1882
OCR Text ...le Time for Shorted Load (VCC = 51V RL = 8, f = 50Hz, PO = 100W), ts . . . . . . . . . 1sec Recommended Operating Conditions: (TA = 25C unless otherwise specified) Recommended Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . ...
Description Integrated Circuit Module - AF Power Amp, 100W Min, Dual Power Supplies
Integrated Circuit Module - AF Power Amp / 100W Min / Dual Power Supplies

File Size 22.17K  /  2 Page

View it Online

Download Datasheet

    SL Power Electronics
Part No. MAX-504-1205AP MAX-504-1212AV MAX-504-1224 MAX-504-1205AF MAX-500
OCR Text ... f a 5 0 2 1 - 4 0 5 - x a m0 0 51v 5 +a 0 81 p a 5 0 2 1 - 4 0 5 - x a m2v 2 1 +k p a 6 1 / 0 11 3v 2 1 -a 0 11 4v 2 . 5a 21 v a 2 1 2 1 - 4 0 5 - x a m0 0 51v 5 +a 0 81 2v 2 1 +k p a 6 1 / 0 11 3v 2 1 -a 0 11 4v 2 1a 21 4 2 2 1 - ...
Description MAX-500 Multiple Watt Output

File Size 115.31K  /  2 Page

View it Online

Download Datasheet

    STK404-140N-E

Sanyo Semicon Device
Part No. STK404-140N-E
OCR Text ...ating v cc (6 ) 30v 41v 51v package size 44.0mm 25.6mm 8.5mm 46.6mm 25.5mm 8.5mm 59.2mm 25.5mm 8.5mm ordering number : ena2100 thick-film hybrid ic 1ch class-ab audio power ic 180w stk404-140n-e no.a2100-2/11 ...
Description 1ch class-AB Audio Power IC

File Size 206.31K  /  11 Page

View it Online

Download Datasheet

    ASTEC[Astec America, Inc]
Part No. DS657-9-3
OCR Text ...MHz bandwidth. Voltage(V) +48V/+51V 12V 12V Regulation 5% 5% 5% Minimum Load (A) 0.0 0.0 0.0 Maximum Load (A) 10.0 12.0 0.5 Ripple(peak-peak) p 500mV 120mV 120mV DS657-9-3 Mechanical Drawings: 93 PSU Connector: FCI 51720-10202402AA 1 ...
Description 657 Watts

File Size 203.12K  /  4 Page

View it Online

Download Datasheet

    SANYO
Part No. STK404-140S
OCR Text ...upply voltage (6 ) 37v 43v 46v 51v 59v 64v 73v recommended supply voltage (6 ) 26v 30v 32v 35v 41v 45v 51v remarks built-in thermal protection circuit package 44.0mm 25.6mm 8.5mm 46.6mm 25.5mm 8.5mm 59.2mm 25.5mm 8.5mm series...
Description Single-channel AF Power Amplifiers

File Size 58.98K  /  5 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. LF33CPT-TR LF50CPT-TR LF52ABPT-TR LF60CPT LF35AB LF55CDT-TR LF85CDT-TR LF27AB LF50ABPT LF50ABV LF80CPT LF90CPT-TR LF52CDT-TR LF80CPT-TR LF50CDT LF50CDT-TR LF50CV LF90ABPT-TR LF85ABPT-TR LF80ABPT-TR LF18C LF18AB LF33CDT-TR LF90ABDT-TR LF90CDT-TR
OCR Text ...age rejection i o =5ma v i =3.51v f = 120 hz 82 db f=1khz 77 f=10khz 65 en output noise voltage b = 10 hz to 100 khz 50 v v d dropout voltage i o = 200 ma 1.25 v v il control input logic low t a = -40 to 125c 0.8 v v ih control input logi...
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

File Size 443.78K  /  34 Page

View it Online

Download Datasheet

For 51v. Found Datasheets File :: 235    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 51v.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56780004501343