Part Number Hot Search : 
SI3477DV SPLSI1 FST3245 MDP1601 ICS553MT MMUN2213 36M06 AD20202
Product Description
Full Text Search
  50ma. Datasheet PDF File

For 50ma. Found Datasheets File :: 25499    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC3944 2SC3944A

PANASONIC[Panasonic Semiconductor]
Part No. 2SC3944 2SC3944A
OCR Text ...5V, IC = 500mA IC = 500mA, IB = 50mA IC = 500mA, IB = 50mA VCB = 10V, IE = -50mA, f = 10MHz VCB = 10V, IE = 0, f = 1MHz min typ max 10 10 Unit A 150 180 5 95 50 160 100 0.5 1 200 30 50 2 2 220 V V Emitter to base voltag...
Description Silicon NPN epitaxial planar type(For low-frequency driver and high power amplification)

File Size 41.17K  /  2 Page

View it Online

Download Datasheet





    MICREL[Micrel Semiconductor]
Part No. MIC2245YML MIC2245
OCR Text ...rent LDO Dropout Voltage IOUT = 50mA Note 5 0.5 VFB = 0.9 * VNOM VOUT > 2V; VIN = VOUT+300mV to 5.5V; ILOAD= 100mA VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA 20mA < ILOAD < 300mA 100A < ILOAD < 50mA VLOWQ = 0V VFB 0.4V ISW = 50mA VFB = 0....
Description 4MHz PWM Synchronous Buck Regulator with LDO Standby Mode

File Size 554.94K  /  14 Page

View it Online

Download Datasheet

    TY Semiconductor Co., Ltd
Part No. WPT2N32-6 WPT2N32-6TR
OCR Text ... v ce(sat) i c =-0.5a, i b =-50ma -0.1 -0.35 v base-emitter satura tion voltage v be(sat) i c =-0.5a, i b =-50ma -0.9 -1.5 v base-emitter forward voltage v be(on) i c =-0.5a, v ce =-2v -0.7 -1.1 v dc current gain h fe i c...
Description Single, PNP, -30V, -1A, Power Transistor with 20V N-MOSFET

File Size 400.63K  /  7 Page

View it Online

Download Datasheet

    AS134004 AS1340A-BTDT-10

austriamicrosystems AG
ams AG
Part No. AS134004 AS1340A-BTDT-10
OCR Text ... - 100ma @ 12v from 3.3v v in - 50ma @ 24v from 3.3v v in - 30ma @ 36v from 3.3v v in ?? efficiency: up to 93% ?? switching frequency: 1mhz ?? output disconnect ?? power-ok output ?? operating supply current: 30a ?? shutdown current: 0.1a ?...
Description 50V, Micropower, DC-DC Boost Converter

File Size 406.32K  /  17 Page

View it Online

Download Datasheet

    SBT5401F

KODENSHI KOREA CORP.
Part No. SBT5401F
OCR Text ...ain h fe (3) v ce =-5v, i c =-50ma 50 - - collector-emitter saturation voltage v ce(sat)(1) * i c =-10ma, i b =-1ma - - -0.2 v collector-emitter saturation voltage v ce(sat)(2) * i c =-50ma, i b =-5ma - - -0.5 v base-emitter sat...
Description PNP Silicon Transistor
General purpose amplifier

File Size 258.86K  /  5 Page

View it Online

Download Datasheet

    2SA1128

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1128
OCR Text ..., IC = -1A*2 IC = -500mA, IB = -50mA*2 IC = -500mA, IB = -50mA*2 VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz min typ max -100 -1 Unit nA A V V V -25 -20 -7 90 25 - 0.4 -1.2 150 15 *2 220 V V MHz 2...
Description Silicon PNP epitaxial planer type

File Size 35.79K  /  2 Page

View it Online

Download Datasheet

    MICREL[Micrel Semiconductor]
Part No. MIC2285YML
OCR Text ...rent LDO Dropout Voltage IOUT = 50mA Note 5 0.5 VFB = 0.9 * VNOM VOUT > 2V; VIN = VOUT+300mV to 5.5V; ILOAD= 100mA VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA 20mA < ILOAD < 300mA 100A < ILOAD < 50mA VLOWQ = 0V VFB 0.4V ISW = 50mA VFB = 0....
Description 8MHz PWM Synchronous Buck Regulator with LDO Standby Mode

File Size 556.00K  /  14 Page

View it Online

Download Datasheet

    Semelab PLC
SEME-LAB[Seme LAB]
Part No. MCA104
OCR Text ...) VEB = 3V (off) IB = 15mA IB = 50mA IB = 15mA IC = 50mA VCE = 10V VCE = 10V VCE = 10V VCE = 10V VCE = 10V VCE = 1V VCE = 10V IC = 0 VCE = 60V VCB = 60V Min. 40 75 6 V V 10 10 10 10 20 0.3 1 nA nA mA nA nA V V 0.6 35 50 75 35 ...
Description Multi-Chip Array Two NPN and Two PNP High Speed / Medium Power Switching Transistors
MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE

File Size 32.50K  /  3 Page

View it Online

Download Datasheet

    MICREL INC
Micrel Semiconductor,Inc.
MICREL[Micrel Semiconductor]
Part No. MIC5311-GMBML MIC5311 MIC5311-DKBML
OCR Text ...70 PSRR (dB) PSRR (dB) 60 50 40 50mA 150mA Ripple Rejection LowQ Mode 90 80 70 60 50 40 . 30 VOUT=1.85V VIN=VOUT+1V 20 =10mA I LOAD 10 C = 2.2 F Ceramic 0 10 OUT Output Voltage vs. Temperature 2.7 OUTPUT VOLTAGE (V) 2.65 2.6 2.55 2...
Description LowQ Mode Dual 300mA LDO

File Size 341.15K  /  11 Page

View it Online

Download Datasheet

   
Part No. PVO402AP
OCR Text ...ate resistance @t a =+25 c for 50ma pulsed load, 5ma control (see fig.4) 22 ? max. off-state leakage @t a =+25 c, 400v (see fig.5) 1.0 a max. turn-on time @t a =+25 c (see fig. 7) for 50ma, 100 v dc load, 5ma control 1.0 ms max. turn-of...
Description 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR)

File Size 89.16K  /  6 Page

View it Online

Download Datasheet

For 50ma. Found Datasheets File :: 25499    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 50ma.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69232320785522