Part Number Hot Search : 
BAV19 8NC60KD 8NC60KD 150N6 HVP03 B120A 5A100 MAX162
Product Description
Full Text Search
  50.5 Datasheet PDF File

For 50.5 Found Datasheets File :: 175227    Search Time::3.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PSD-05-05 PSD-05-12 PSD-05-24 PSD-05-SPEC

Mean Well Enterprises Co., Ltd.
Part No. PSD-05-05 PSD-05-12 PSD-05-24 PSD-05-SPEC
OCR Text 5W Single Output DC-DC Converter P S D - 0 5 series Features : 2:1 wide input range Protections:Short circuit/Over load /Over voltage/Ov...05-05 5V 1A 0 ~ 1A PSD-05-12 12V 0.45A 0 ~ 0.5A 5.4W 100mVp-p 2.0% 1.0% 1.0% PSD-05-24 24V 0.22A 0 ~...
Description 5W Single Output DC-DC Converter

File Size 283.59K  /  2 Page

View it Online

Download Datasheet





    48IMS7-05-05-9 70IMX7-15-15-8 20IMX7-15-15-8 40IMX7-15-15-8 70IMX7-05-05-8 70IMX7-05-8 70IMX7-12-12-8 110IMX7-05-8G

Power-One
Part No. 48IMS7-05-05-9 70IMX7-15-15-8 20IMX7-15-15-8 40IMX7-15-15-8 70IMX7-05-05-8 70IMX7-05-8 70IMX7-12-12-8 110IMX7-05-8G
OCR Text ...g to iec/en 61000-4-2, -3, -4, -5, -6 ? high efficiency (typ. 84%) ? input undervoltage lockout ? inhibit input, adjustable output voltages ...05-8 z, g 5.1 1.2 - - 6.1 14 ? 36 81 24ims7-05-9 z, g 5.1 1.2 - - 6.1 16.8 ? 75 3 81 40imx7-05-8 z, ...
Description IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters

File Size 372.75K  /  15 Page

View it Online

Download Datasheet

    Vishay
Part No. SUM110N08-05
OCR Text ...h e ar 280 mj t c = 25 c 437.5 c maximum power dissipation b t a = 25 c d p d 3.7 w operating junction and storage temperature range t...05 vishay siliconix new product www.vishay.com 2 document number: 71705 s-20417 ? rev. b, 08-apr-0...
Description N-Channel 75-V (D-S) 200C MOSFET

File Size 39.80K  /  5 Page

View it Online

Download Datasheet

    BEL[Bel Fuse Inc.]
Part No. 0559-5999-05
OCR Text ... diameter solderable leads 0.20(5.08) 0.60(15.24) 0.300 (7.62) SCHEMATIC Secondary 1 2 3 Primary 5 7 All dimensions are in in...05 @ 25O C Primary Inductance OCL (mH) Min Pins (5-7) 1.2 Pins (14-12) 1.5 Leakage Inductance ...
Description T1 TRANSFORMER

File Size 55.11K  /  1 Page

View it Online

Download Datasheet

    BAP63-05

NXP Semiconductors
Philips Semiconductors
Part No. BAP63-05
OCR Text ...= 35 V VR = 0; f = 100 MHz VR = 5 V; f = 1 MHz IF = 5 mA; f = 100 MHz; note 1 IF = 10 mA; f = 100 MHz; note 1 when switched from IF = 10 mA ...05 MAX. UNIT 1.2 10 - 0.3 2 - - V A pF pF ns LS Note series inductance 1.4 ...
Description Silicon PIN diode

File Size 72.34K  /  6 Page

View it Online

Download Datasheet

    ICS421-05 ICS421G-05LF ICS421G-05LFT 21G5L ICS42105

Integrated Circuit Syst...
ICST[Integrated Circuit Systems]
Part No. ICS421-05 ICS421G-05LF ICS421G-05LFT 21G5L ICS42105
OCR Text ...N VDD GND 24.576M 1 2 3 4 8 7 6 5 OE_USB 12M VDD 72M OE_USB Operation Table OE_USB Function 0 1 Output tri-state Output running ...05. This includes signal traces just underneath the device, or on layers adjacent to the ground plan...
Description DIGITAL VIDEO CAMERA CLOCK
From old datasheet system

File Size 94.65K  /  5 Page

View it Online

Download Datasheet

    Rhopoint Components Ltd.
Rhopoint Components, Ltd.
Part No. T912-B5K-001-05 T912-B5K-001-10 T912-B5K-002-02 T912-B5K-002-05 T912-B5K-002-10 T912-B5K-005-02 T912-B5K-005-05 T912-B5K-005-10 T912-B5K-001-02 T912-A2K-001-10 T912-A2K-002-02 T912-B2K-001-05 T912-A5K-005-10 T912-A2K-001-02 T912-A5K-001-02 T912-B2K-001-02 T912-A5K-001-10 T912-A5K-002-02 T912-B2K-002-10 T912-B2K-002-02 T912-A5K-002-10 T912-B2K-005-05 T912-A2K-001-05 T912-A5K-005-02 T912-A5K-001-05 T912-A5K-002-05 T912-A5K-005-05 T912-B2K-002-05 T912-B2K-005-02 T912-B2K-001-10 T912-A1K-001-05 T912-A1K-005-10 T912-A1K-005-02 T912-B1K-001-02 T912-B1K-005-10 T912-A1K-001-10 T912-B1K-005-05 T912-A1K-002-05 T912-B1K-002-02 T912-B1K-001-05 T912-A1K-005-05 T912-B1K-002-10 T912-A1K-001-02 T912-B1K-005-02 T912-B1K-001-10 T912-B1K-002-05 T912-A1K-002-02 T912-A1K-002-10 T912-A25K-002-02 T912-A100K-005-05 T912-A200K-005-05 T912-A400K-005-05 T912-B100K-005-05 T912-B200K-005-05 T912-B400K-005-05 T912-A10K-005-05 T912-B10K-005-05 T912-A20K-005-05 T912-A250K-005-05 T912-A500K-005-05 T912-A50K-005-05 T912-A40K-005-05 T912-A25K-002-10 T912-A25K-005-10 T912-A2K-002-10 T912-A2K-005-10 T912-A400K-005-10 T912-A40K-005-10 T912-B400K-005-10 T912-B40K-005-10 T912-A25K-005-05 T912-B250K-005-05 T912-B25K-005-0
OCR Text ...ture coefficient - 10 ppm/ c, 5 ppm/ c or 2 ppm/ c. ? absolute temperature coefficient - 25 ppm/ c. ? ratio stability of resistance at...05% -010 = 0.01% standard resistance values: (r 1 ) 1k 10k 40k ...
Description Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 100 EURO TYPE C PIN BL ASSY ( AMP )
Precision Resistor Network 精密电阻网络

File Size 321.95K  /  1 Page

View it Online

Download Datasheet

    Hamamatsu Photonics
Part No. S6045-05
OCR Text ... s6045-01 0.2 0.03 s6045-02 0.5 0.19 s6045-03 ? /k to-18 1.0 0.78 s6045-04 ? /k 1.5 1.77 s6045-05 ? /k to-5 3.0 7.0 s6045-06 /k to-8 5.0 19.6 -40 to +85 -55 to +125 electrical and optical characteristics (typ. ta=25 c, unless other...
Description Low temperature coefficient type APD for 800 nm band

File Size 226.39K  /  4 Page

View it Online

Download Datasheet

    TY Semiconductor Co., Ltd
Part No. BAP65-05
OCR Text ...0.425 i f =1ma;f=100mhz 1 i f = 5 ma; f = 100 mhz; note 1 0.65 0.95 i f = 10 ma; f = 100 mhz; note 1 0.56 0.9 i f = 100 ma; f = 100 mhz 0.35...05 product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123 ...
Description Two elements in common cathode configuration High voltage, current controlled

File Size 90.30K  /  2 Page

View it Online

Download Datasheet

    MAXWELL[Maxwell Technologies]
Part No. 7672RPFS-05 7672 7672RPDB-05 7672RPDE-05 7672RPDI-05 7672RPDS-05 7672RPFB-05 7672RPFE-05 7672RPFI-05
OCR Text ... SEL > 120 Mev/mg/cm2 - SEUTH > 5.8 Mev/mg/cm2 - SEUSat = -1E-4 cm2/Device * Package: - 24 pin RAD-PAK(R) flat package - 24 pin RAD-PAK(R) DIP * Fast conversion times: - 7672-05: 5 s * Low 110 mW typical power consumption - Corrects all sin...
Description 12-Bit A/D Converter

File Size 244.28K  /  11 Page

View it Online

Download Datasheet

For 50.5 Found Datasheets File :: 175227    Search Time::3.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 50.5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56439304351807