Part Number Hot Search : 
LM5122ZA T46R65 13002 P87C52 V638ME01 740G0BA 2SC4669 DSWT1981
Product Description
Full Text Search
  50-00024 Datasheet PDF File

For 50-00024 Found Datasheets File :: 33    Search Time::4.735ms    
Page :: | <1> | 2 | 3 | 4 |   

    10-00420

Tensility International Corp.
Part No. 10-00420
OCR Text ...yle, brass, nickel plating, p/n 50-00157 overmold (2) inner: pe; outer: 60p, pvc, black wire description (3) 4c, 20 awg, ul2464, 300 v, 80 c, 6.0 mm, shielded, vw-1, pvc, 60p, p/n 30-00024 cable outer diameter ?5.5 mm cable color black cab...
Description Cable, 1830 mm, 4P mini-DIN male 50-00157, to stripped tinned, 20 AWG

File Size 221.12K  /  2 Page

View it Online

Download Datasheet





    T470N

Infineon Technologies AG
Part No. T470N
OCR Text ...e current din iec 60747-6 f = 50 hz, i gm = 1 a, di g /dt = 1 a/s (di t /dt) cr 150 a/s kritische spannungssteilheit critical rate o...00024 0,00459 0,00647 0,0185 0,0162 - - beidseitig two-sided n [s] 0,00013 0,00156 0,01010...
Description Netz-Thyristor Phase Control Thyristor

File Size 238.77K  /  10 Page

View it Online

Download Datasheet

    T430N

Infineon Technologies AG
Part No. T430N
OCR Text ...e current din iec 60747-6 f = 50 hz, i gm = 1 a, di g /dt = 1 a/s (di t /dt) cr 150 a/s kritische spannungssteilheit critical rate o...00024 0,00459 0,00647 0,0185 0,0162 - - beidseitig two-sided n [s] 0,00013 0,00156 0,01010...
Description Netz-Thyristor Phase Control Thyristor

File Size 238.71K  /  10 Page

View it Online

Download Datasheet

    10-01069

Tensility International Corp.
Part No. 10-01069
OCR Text 50-00024 overmold 30p, pvc, black, p/n 24-00003 strain relief 30p, pvc, black, p/n 23-00004 connector description dc jack, 5.5x2.1xl17.4 mm, molding style, p/n 50-00025 overmold 30p, pvc, black, p/n 24-00004 strain relief 30p, pvc, black, ...
Description Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to 5.5x2.1 mm 50-00025 dc jack, 18 AWG, 30-00007 wire

File Size 237.94K  /  2 Page

View it Online

Download Datasheet

    T690N

Infineon Technologies AG
Part No. T690N
OCR Text ...e current din iec 60747-6 f = 50 hz, i gm = 0,6 a, di g /dt = 0,6 a/s (di t /dt) cr 200 a/s kritische spannungssteilheit critical ...00024 0,00459 0,00647 0,0185 0,0162 - - beidseitig two-sided n [s] 0,00013 0,00156 0,01010...
Description Netz-Thyristor Phase Control Thyristor

File Size 240.38K  /  10 Page

View it Online

Download Datasheet

    Panasonic
Part No. GN04073N
OCR Text ... in = 26 . 0 dbm) 0 . 35 0 . 50 db isolation iso ant - gps_rx (p in = 26 . 0 dbm) (correspond of ant - cdma_tx/rx on) 25 . 0 28 . 8 d...00024 aed ? electrical characteristics (continued) ? pcs ( v ctrl(l) = 0 v, v ctrl(h) = ...
Description Gallium Arsenide Devices

File Size 410.62K  /  4 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
ANALOG DEVICES INC
Part No. ADG413BRUZ-500RL7 ADG412BRU-REEL ADG412BR-REEL7 ADG412BNZ ADG411BRZ-REEL7 ADG411BRUZ-REEL7 ADG411BRU-REEL7 ADG411BNZ ADG411BCHIPS ADG411BR-REEL ADG411BR-REEL7 ADG413BRUZ-REEL ADG413BNZ ADG411-15
OCR Text ...ation 68 68 db typ r l = 50 , c l = 5 pf, f = 1 mhz; figure 20 channel-to-channel crosstalk 85 85 db typ r l = 50 , c l =...00024-004 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 in1 d1 s1 v ss gnd s4 d4 in4 in2 d2 s2 v dd v l s3 ...
Description LC2MOS Precision Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
LC2MOS Precision Quad SPST Switches
LC MOS Precision Quad SPST Switches

File Size 212.05K  /  16 Page

View it Online

Download Datasheet

    Eupec
Part No. D348S
OCR Text ... vj = Tvj max, iFM=1200A diF/dt=50 A/s, vR=0V T vj = 25C, vR=VRRM typ 11 tfr typ 4,2 s 1) iR IRM T vj = Tvj max, ...00024 n [s] n [s] n [s] 0,000535 0,00156 0,00952 Rthn [C/W] 0,00024 0,000537 0,00155 ...
Description Fast Diode

File Size 60.47K  /  5 Page

View it Online

Download Datasheet

For 50-00024 Found Datasheets File :: 33    Search Time::4.735ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 50-00024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69283604621887