Part Number Hot Search : 
SA2003 ST7541 ST7541 C1250 HZM68MFA 10040 2SC3331T 110000
Product Description
Full Text Search
  5.5w Datasheet PDF File

For 5.5w Found Datasheets File :: 352    Search Time::0.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PSMN004-55W

NXP SEMICONDUCTORS
Philips Semiconductors
Part No. PSMN004-55W
OCR Text ...gic level compatible PSMN004-55W QUICK REFERENCE DATA SYMBOL d VDSS = 55 V ID = 100 A RDS(ON) 4.2 m (VGS = 10 V) RDS(ON) 4.5 m (VGS = 5 V) g s RDS(ON) 5 m (VGS = 4.5 V) SOT429 (TO247) GENERAL DESCRIPTION SiliconMA...
Description N-channel logic level TrenchMOS transistor

File Size 123.48K  /  8 Page

View it Online

Download Datasheet





    Philips
Part No. PSMN004-55W
OCR Text 55w features symbol quick reference data ? 'trench' technology v dss = 55 v ? very low on-state resistance ? fast switching i d = 100 a ? low thermal resistance ? logic level compatible r ds(on) 4.2 m w (v gs = 10 v) r ds(on) ...
Description N-channel logic level TrenchMOS(tm) transistor

File Size 93.32K  /  8 Page

View it Online

Download Datasheet

    S020-1220120-FB S020-1240120-FB

C&D Technologies
Part No. S020-1220120-FB S020-1240120-FB
OCR Text 55W Features * High output 20A up to 55W max * 12V +5/-10% input * Load Regulation 0.5% * Factory set to 1.2V output with output trim up to 5.0V * High Efficiency to 93% * Power Good and Enable * Short Circuit protection * MTBF 3.0 million...
Description DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W

File Size 176.29K  /  9 Page

View it Online

Download Datasheet

    TMP55 TMP55-D23 TMP55-D24 TMP55-D25 TMP55-S05 TMP55-S06 TMP55-S09 TMP55-S12 TMP55-S15 TMP55-S19 TMP55-S24 TMP55-S30 TMP5

Tumbler Technologies TRUMPower
Part No. TMP55 TMP55-D23 TMP55-D24 TMP55-D25 TMP55-S05 TMP55-S06 TMP55-S09 TMP55-S12 TMP55-S15 TMP55-S19 TMP55-S24 TMP55-S30 TMP55-S36 TMP55-S48 TMP55-T31 TMP55-T32
OCR Text ...aximum Output Power 40W 45W 50W 55W 55W 55W 55W 55W 55W 55W 45W 45W 45W 45W 45W Tol. +12V +15V +24V +12V +15V 5% 5% 5% 5% 5% 10% 10% Notes: (1) (2) The output voltage of a single output model, except TMP55-S48, can be a...
Description 55 WATT MEDICAL POWER ADAPTERS

File Size 144.61K  /  2 Page

View it Online

Download Datasheet

    RA55H4047M-101

Mitsubishi Electric Semiconductor
Part No. RA55H4047M-101
OCR Text ... RoHS COMPLIANCE , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO DESCRIPTION The RA55H4047M is a 55-watt RF MOSFET Amplifier Module for 12.5-volt mobile radios that operate in the 400- to 470-MHz range. The battery can be connect...
Description RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO

File Size 87.71K  /  8 Page

View it Online

Download Datasheet

    RA55H3847M RA55H3847M-101

Mitsubishi Electric Semiconductor
Part No. RA55H3847M RA55H3847M-101
OCR Text ... RoHS COMPLIANCE , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO DESCRIPTION The RA55H3847M is a 55-watt RF MOSFET Amplifier Module for 12.5-volt mobile radios that operate in the 380- to 470-MHz range. The battery can be connect...
Description RF MOSFET MODULE 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO

File Size 109.41K  /  8 Page

View it Online

Download Datasheet

    J104A2C48VDC J104A2C12VDC J104A2C3VDC J104B2C3VDC J104C2C3VDC J104A2C9VDC J104B2C9VDC J104C2C6VDC J104A2C5VDC J104A2C6VD

CIT Relay & Switch
Part No. J104A2C48VDC J104A2C12VDC J104A2C3VDC J104B2C3VDC J104C2C3VDC J104A2C9VDC J104B2C9VDC J104C2C6VDC J104A2C5VDC J104A2C6VDC J104A2C24VDC
OCR Text ...7.6 39.7 49 70.6 282 1129 4518 .55W 16 45 66 140 280 1070 3900 Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 2.25 3.75 4.50 6.75 9.00 18.00 36.00 10% of rated voltage .3 .5 .6 .9 1.2 1.2 4.8 .15 .20 .36 .40 .51 .5...
Description CIT SWITCH

File Size 167.61K  /  2 Page

View it Online

Download Datasheet

    RA55H3340M RA55H3340M-101

Mitsubishi Electric Semiconductor
Part No. RA55H3340M RA55H3340M-101
OCR Text ...0M BLOCK DIAGRAM 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO DESCRIPTION The RA55H3340M is a 55-watt RF MOSFET Amplifier Module for 12.5-volt mobile radios that operate in the 330- to 400-MHz range. The battery can be connect...
Description 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO

File Size 84.72K  /  9 Page

View it Online

Download Datasheet

    RA55H4047M RA55H4047M-101 RA55H4047M11

Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
Part No. RA55H4047M RA55H4047M-101 RA55H4047M11
OCR Text 55w 12.5v, 3 stage amp. for mobile radio description the ra55h4047m is a 55-watt rf mosfet amplifier module for 12.5-volt mobile radios that operate in the 400- to 470-mhz range. the battery can be connected di rectly to the drain...
Description RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Broadband Frequency Range

File Size 245.51K  /  9 Page

View it Online

Download Datasheet

    RA55H3847M RA55H3847M-101 RA55H3847M11

Mitsubishi Electric Semiconductor
Part No. RA55H3847M RA55H3847M-101 RA55H3847M11
OCR Text 55w 12.5v, 3 stage amp. for mobile radio description the ra55h3847m is a 55-watt rf mosfet amplifier module for 12.5-volt mobile radios that operate in the 380- to 470-mhz range. the battery can be connected di rectly to the drain...
Description RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO

File Size 250.79K  /  9 Page

View it Online

Download Datasheet

For 5.5w Found Datasheets File :: 352    Search Time::0.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 5.5w

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.42012000083923