Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
  48-lead Datasheet PDF File

For 48-lead Found Datasheets File :: 46643    Search Time::2.657ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ADN2841ACP-48-RL ADN2841ACP-32-RL7 ADN2841 ADN2841ACP-48 ADN2841ACP-32 ADN2841ACP-32-RL ADN2841ACPZ-32 ADN2841ACP-48-RL7

AD[Analog Devices]
Analog Devices, Inc.
Part No. ADN2841ACP-48-RL ADN2841ACP-32-RL7 ADN2841 ADN2841ACP-48 ADN2841ACP-32 ADN2841ACP-32-RL ADN2841ACPZ-32 ADN2841ACP-48-RL7
OCR Text ...ameter Monitoring 5 V Operation 48-lead LFCSP Package 32-Lead LFCSP Package (Reduced Functionality) APPLICATIONS DWDM Dual MPD Wavelength Fixing SONET OC-1/3/12/48 SDH STM-1/4/16 Fiber Channel Gigabit Ethernet Dual-Loop 50 Mbps-2.7 Gbps ...
Description 7V; dual-loop 50Mbps-2.7Gbps laser diode driver. For DWDM dual MPD wavelength fixing, SONET OC-1/3/12/48, SDH STM-1/4/16, fiber channel, gigabit ethernet
N/A
Circular Connector; No. of Contacts:21; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21
Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC32
Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC48

File Size 264.32K  /  12 Page

View it Online

Download Datasheet





    POWER-ONE[Power-One]
Part No. FCP600-48
OCR Text 48 AC-DC Front End Data Sheet 48V Output, 600 Watts Advance Product Release Features * RoHS lead-free solder and lead-solder-exempted products are available * Wide input voltage range 85-264 VAC * Two outputs (one high current output)...
Description highly-efficient ac-dc power supply

File Size 156.05K  /  6 Page

View it Online

Download Datasheet

    California Micro Devices
Part No. CM3016-48
OCR Text 48 Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator Features * * * * * * * * * * * * * Linear LDO regulator with 4.75V output 500mA...Lead-free version available Product Description The CM3016-48 is a CMOS linear voltage regulator...
Description Micropower 4.75V/500mA Low Noise CMOS LDO Regulator

File Size 234.16K  /  10 Page

View it Online

Download Datasheet

    FCP600-48

Power-One
Part No. FCP600-48
OCR Text 48 ac-dc front end data sheet 48v output, 600 watts applications ? telecommunications equipment advance product release features ? rohs lead-free solder and lead-solder-exempted products are available ? wide inpu...
Description High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel

File Size 156.71K  /  6 Page

View it Online

Download Datasheet

    PB-360-48 PB-360-24 PB-360-12

Mean Well Enterprises Co., Ltd.
Part No. PB-360-48 PB-360-24 PB-360-12
OCR Text ... mil-hdbk-217f (25 ) 253*135*48.5mm(l*w*h) dimension others note packing 1.5kg; 6pcs/10kg/0.95cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are m...
Description 360W Single Output Battery Charger

File Size 289.08K  /  2 Page

View it Online

Download Datasheet

    POWER-ONE[Power-One]
Part No. FXP6000-48-S FXP6000 FXP6000-32-S
OCR Text ...P6000-32-S (NOTE 2) 32V FXP6000-48-S (NOTE 2) 48V 180 to 264 or 342 to 528 180 to 264 or 342 to 528 30.5 to 33.5V 45.6V to 50.4V 17...lead losses. Continuous duty rating. Continuous duty rating. Full rated load (208Vac). 32V Models...
Description Distributed Power Front-End

File Size 355.76K  /  8 Page

View it Online

Download Datasheet

    PB-300-48 PB-300-24

Mean Well Enterprises Co., Ltd.
Part No. PB-300-48 PB-300-24
OCR Text ... mil-hdbk-217f (25 ) 253*135*48.5mm(l*w*h) dimension others note packing 1.45kg; 6pcs/9.7kg/0.95cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are...
Description 300W Single Output Battery Charger

File Size 300.40K  /  2 Page

View it Online

Download Datasheet

    D0220LD-48-4002F

Newhaven Display International, Inc.
Part No. D0220LD-48-4002F
OCR Text 48-4002f vfd- rohs compliant (vacuum fluorescent display module) for product support, contact newhaven display international 2511 technolo...lead pitch l.p. 2.54 mm lead out - sil character size character height c.h...
Description Vacuum Fluorescent Display Specification

File Size 212.73K  /  6 Page

View it Online

Download Datasheet

For 48-lead Found Datasheets File :: 46643    Search Time::2.657ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 48-lead

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66545295715332