Part Number Hot Search : 
KBPC15 MAX39 5KP10 C101M LC75384 22142 C823A RP16104
Product Description
Full Text Search
  46c Datasheet PDF File

For 46c Found Datasheets File :: 343    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RHOPOINT[RHOPOINT COMPONENTS]
Part No. RI-46c RI-46 RI-46A RI-46AA RI-46B
OCR Text ...t sticking). RI-46A; RI-46B; RI-46c Life expectancy: min. 2.5 x 107 operations with a failure rate of less than 10-8 with a confidence level of 90%. End of life criteria: Contact resistance > 2 after 2.5 ms Release time > 2.5 ms (latching ...
Description Can handle up to 40 W load / Excellent life expectancy and reliability

File Size 86.50K  /  2 Page

View it Online

Download Datasheet





    EDS8-46C

Fuji Electric
Part No. EDS8-46c
OCR Text data sheet fxh scope of delivery instrument, fixture note: technical terms are defined by ansis 51.1 and jemis 022-1983. the model fxh optical field indicator displays optical measurement signals from an optical field instrument via an o...
Description OPTICAL FIELD INDICATOR

File Size 59.93K  /  4 Page

View it Online

Download Datasheet

    EDS10-46C

Fuji Electric
Part No. EDS10-46c
OCR Text data sheet pak moving coil type alarming indicator the moving coil type alarming indicator is designed to receive various input signals such as fc series signals. dc voltage or current, and signals from themocouples or resistance bulb...
Description MOVING COIL TYPE ALARMING INDICATOR

File Size 71.52K  /  4 Page

View it Online

Download Datasheet

    DS1921H11

Maxim Integrated Products
Maxim Integrated Produc...
Part No. DS1921H11
OCR Text ... ? fixed range: h: +15 c to +46c; z: - 5 c to +26c common i button features ? digital identif ication and information by momentary contact ? unique, factory - lasered and tested 64 - bit registration number (8 - bit fami...
Description High-Resolution Thermochron iButton

File Size 682.51K  /  45 Page

View it Online

Download Datasheet

    ST93C46A ST93C46AB1013TR ST93C46AB1TR ST93C46AB3013TR ST93C46AB3TR ST93C46AB6013TR ST93C46AB6TR ST93C46AM1013TR ST93C46A

SGS Thomson Microelectronics
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. ST93C46A ST93C46AB1013TR ST93C46AB1TR ST93C46AB3013TR ST93C46AB3TR ST93C46AB6013TR ST93C46AB6TR ST93C46AM1013TR ST93C46AM1TR ST93C46AM3013TR ST93C46AM3TR ST93C46AM6013TR ST93C46AM6TR ST93C46c ST93C46cB1013TR ST93C46cB1TR ST93C46cB3013TR ST93C46cB3TR ST93C46cB6013TR ST93C46cB6TR ST93C46cM1013TR ST93C46cM1TR ST93C46cM3013TR ST93C46cM3TR ST93C46cM6013TR ST93C46cM6TR ST93C46T ST93C46TB1013TR ST93C46TB1TR ST93C46TB3013TR ST93C46TB3TR ST93C46TB6013TR ST93C46TB6TR ST93C46TM1013TR ST93C46TM1TR ST93C46TM3013TR ST93C46TM3TR ST93C46TM6013TR ST93C46TM6TR ST93C47AB1013TR ST93C47AB1TR ST93C47AB3013TR ST93C47AB3TR ST93C47AB6013TR ST93C47AB6TR ST93C47AM1013TR ST93C47AM1TR ST93C47AM3013TR ST93C47AM3TR ST93C47AM6013TR ST93C47AM6TR ST93C47C ST93C47CB1013TR ST93C47CB1TR ST93C47CB3013TR ST93C47CB3TR ST93C47CB6013TR ST93C47CB6TR ST93C47CM1013TR ST93C47CM1TR ST93C47CM3013TR ST93C47CM3TR ST93C47CM6013TR ST93C47CM6TR ST93C47T ST93C47TB1013TR ST93C47TB1TR ST93C47TB3013TR ST93C47TB3TR ST93C47TB6013TR ST93C47TB6TR ST93C47TM1013TR ST93C47TM1TR ST93C47TM3013TR ST93C47TM3TR ST93C47TM6013TR ST93C47TM6TR ST93C46cM1 2442 ST93C46 -ST93C47AB3013TR -ST93C46cM1 -ST93C46cM1013TR
OCR Text 46c,46T ST93C47C,47T 1K (64 x 16 or 128 x 8) SERIAL MICROWIRE EEPROM NOT FOR NEW DESIGN 1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION DUAL ORGANIZATION: 64 x 16 or 128 x 8 BYTE/WORD and ENTIRE MEMORY PROGRAMMING INSTRUCTIO...
Description From old datasheet system
1K (64 x 16 or 128 x 8) SERIAL MICROWIRE EEPROM
MOSFET; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:3.4A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Package/Case:6-TSOP RoHS Compliant: Yes
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-4.5A; On-Resistance, Rds(on):0.04ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:6-TSOP; Leaded Process Compatible:No
MOSFET, P TSOP-6MOSFET, P TSOP-6; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:12V; Case style:TSOP-6; Current, Id cont:4.5A; Current, Idm pulse:20A; Power, Pd:1.1W; Resistance, Rds on:0.04R; SMD:1; Charge, Qrr typ
Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13
Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 1628 × 8 MICROWIRE的串行EEPROM
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 16128 × 8 MICROWIRE的串行EEPROM

File Size 109.99K  /  13 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. DS1921Z-F5 DS1921H
OCR Text ... ? fixed range: h: +15 c to +46c; z: - 5 c to +26c common i button features ? digital identification and information by momentary contact ? unique, factory - lasered and tested 64 - bit reg istration number (8 - bit fami...
Description High Resolution Thermochron iButton Range H: 15&deg;C to 46&deg;C; Z: -5&deg;C to 26&deg;C SPECIALTY ANALOG CIRCUIT, MEDB2
High-Resolution Thermochron iButton

File Size 403.55K  /  45 Page

View it Online

Download Datasheet

    DS1921Z-F5 DS1921H12 DS1921H-F5

Maxim Integrated Products
Part No. DS1921Z-F5 DS1921H12 DS1921H-F5
OCR Text ... ? fixed range: h: +15 c to +46c; z: -5 c to +26c common i button features ? digital identification and information by momentary contact ? unique, factory - lasered and tested 64 - bit registration number (8 - bit famil...
Description High-Resolution Thermochron? iButton? Range H: 15°C to 46°C, Z: -5°C to 26°C

File Size 742.32K  /  45 Page

View it Online

Download Datasheet

    MBF9046BC

OKI electronic componets
Part No. MBF9046BC
OCR Text ...age Type MBF9046BC ANT Rx 46c YXX X Tx 1/11 FEDW9046BC-01 OKI Semiconductor MBF9046BC PIN ASSIGNMENT & DESCRIPTION 9 8 7 10 11 12 6 46c YXXX 1 1 2 2 3 3 5 4 Top view 12 11 10 9 8 7 13 ...
Description SAW Antenna Duplexer (700 to 1000 MHz)

File Size 137.04K  /  11 Page

View it Online

Download Datasheet

    SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. K4B1G1646c-ZCG9 K4B1G0846c-ZCG9 K4B1G0446c-ZCG9
OCR Text 46c information in this document is provided in relation to samsung products, and is subject to change without notice. nothing in this document shall be construed as granting any license, express or implied, by estoppel or otherwise, to ...
Description 1Gb C-die DDR3 SDRAM Specification

File Size 1,257.15K  /  63 Page

View it Online

Download Datasheet

For 46c Found Datasheets File :: 343    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 46c

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2813432216644