Part Number Hot Search : 
D102K ALVCH16 82000 NCP81178 HD6305X0 TN7278 R5F7286 LT1E45A
Product Description
Full Text Search
  45mhz Datasheet PDF File

For 45mhz Found Datasheets File :: 524    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC829 2SC829B 2SC829C

http://
PANASONIC[Panasonic Semiconductor]
Panasonic Corporation
Part No. 2SC829 2SC829B 2SC829C
OCR Text ... (mS) yre=gre+jbre VCE=10V f=0.45mhz 10.7 25 Collector output capacitance Cob (pF) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 3 10 IE=-1mA f=1MHz Ta=25C Input susceptance bie (mS) 10 100 - 0.5 8 58 -1.0 - 0.4mA -1mA -1.5...
Description Silicon NPN epitaxial planer type(For high-frequency amplification)
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 30MA I(C) | TO-92
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay

File Size 54.87K  /  3 Page

View it Online

Download Datasheet





    CXA1665 CXA1665AM CXA1665AM-S

Sony, Corp.
Sony Corporation
Part No. CXA1665 CXA1665AM CXA1665AM-S
OCR Text ...cy (Untuned input) 40 50 fIF = 45mhz VHF UHF CG -- Conversion gain [dB] ICC -- Circuit current [mA] 30 UHF VHF 40 20 10 30 0 8 9 VCC -- Supply voltage [V] 10 0 100 200 300 400 500 600 700 800 900 Reception frequency...
Description Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
All Band TV Tuner IC (VHF-CATV-UHF)

File Size 196.71K  /  10 Page

View it Online

Download Datasheet

    RF MICRO DEVICES INC
Part No. D10040230PL1
OCR Text ...apability, and is operated from 45mhz to 1000mhz. it provides excellent linearity and superior return loss performance with low noise and optimal reliability. output input +vb ? low current ? excellent linearity ? superior return loss pe...
Description 45 MHz - 1000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER

File Size 105.10K  /  4 Page

View it Online

Download Datasheet

    RF MICRO DEVICES INC
Part No. D10040200P1
OCR Text ...apability, and is operated from 45mhz to 1000mhz. it provides excellent linearity and superior return loss performance with low noise and optimal reliability. output input +vb ? excellent linearity ? superior return loss perfor- mance ? ext...
Description 45 MHz - 1000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER

File Size 129.63K  /  4 Page

View it Online

Download Datasheet

    PDSP16515A PDSP16515AA0AC PDSP16515AA0GC PDSP16515AB0AC PDSP16515AB0GC PDSP16515AC0AC PDSP16515AC0GC PDSP16515GCPR PDSP1

MITEL[Mitel Networks Corporation]
Part No. PDSP16515A PDSP16515AA0AC PDSP16515AA0GC PDSP16515AB0AC PDSP16515AB0GC PDSP16515AC0AC PDSP16515AC0GC PDSP16515GCPR PDSP16515MA
OCR Text ...ion times for 1024 points Up to 45mhz sampling rates with multiple devices. Up to 85dB noise rejection A choice of internal window operators with no external ROM provide up to 67dB side lobe attenuation. 84 pin PGA or 132 pin surface mount ...
Description Stand Alone FFT Processor

File Size 288.69K  /  27 Page

View it Online

Download Datasheet

    MAX2605EUT-T

Maxim Integrated Products
Part No. MAX2605EUT-T
OCR Text ...se if oscillators can cover the 45mhz to 650mhz frequency range. applications cellular and pcs mobile phones 2.4ghz ism band 902mhz to 928mhz ism band land mobile radio gps receivers general-purpose if oscillators features small size int...
Description Integrated IF VCOs with Differential Output

File Size 355.39K  /  15 Page

View it Online

Download Datasheet

    ECS INC INTERNATIONAL
Part No. ECS-VXO-11X-A-HC-0-FREQ1
OCR Text ...s type 15 (hc) pf 12.0mhz ~ 45mhz 50(1), 100(2), 150(3), 200(4), custom(0) ppm voltage control range 3 45.1mhz ~ 100mhz 50(1), custom(0) ppm 12.0mhz ~ 45mhz 8 max. nsec. rise and fall time 45.1mhz ~ 100mhz 5 max. nsec...
Description VCXO, CLOCK, 12 MHz - 45 MHz, HCMOS OUTPUT

File Size 157.09K  /  1 Page

View it Online

Download Datasheet

    CXA3095N

Sony Corporation
Part No. CXA3095N
OCR Text ... Cross modulation [dB] fIF = 45mhz, 100kHz 30%AM 80 fUD = fD + 12MHz fUD = fD - 12MHz 30 UHF CG - Conversion gain [dB] 60 20 VHF (Low) VHF (High) 40 20 10 0 0 100 200 300 400 500 600 700 800 900 Receiving fr...
Description All Band TV Tuner IC (VHF-CATV-UHF)

File Size 165.92K  /  11 Page

View it Online

Download Datasheet

    MAX2607EUT MAX2605EUT-T MAX2606EUT-T

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX2607EUT MAX2605EUT-T MAX2606EUT-T
OCR Text ...se if oscillators can cover the 45mhz to 650mhz frequency range. applications cellular and pcs mobile phones 2.4ghz ism band 902mhz to 928mhz ism band land mobile radio gps receivers general-purpose if oscillators features small size int...
Description 45mhz to 650MHz, Integrated IF VCOs with Differential Output

File Size 578.91K  /  15 Page

View it Online

Download Datasheet

For 45mhz Found Datasheets File :: 524    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 45mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0277738571167