Part Number Hot Search : 
SPA560 MMBT390 EL6040 ADFC13 VS9MAUH MAX3580 21100 B3200
Product Description
Full Text Search
  453000 Datasheet PDF File

For 453000 Found Datasheets File :: 31    Search Time::1.437ms    
Page :: | <1> | 2 | 3 | 4 |   

    EWD505 EWD EWD512 EWD1205 EWD1212 EWD1215 EWD515

POWER-ONE[Power-One]
Part No. EWD505 EWD EWD512 EWD1205 EWD1212 EWD1215 EWD515
OCR Text ... 5 g, 10 - 55 Hz UL, CUL, TUV 1.4 oz 1 50 10 20 30 40 50 60 70 80 90 100 LOAD % 4.5 - 9 VDC 9 - 18 VDC 20% Iin Max. 100% I in Max. 90 Efficiency vs. Load (12V Input) 1% 1.0% Vout 1.0% V out 10 % Iout Rated 25% Iout 1% Vout 50...
Description    DUAL OUTPUT, 5 WATT
DUAL OUTPUT/ 5 WATT
DUAL OUTPUT, 5 WATT 双输出,5瓦特

File Size 75.88K  /  3 Page

View it Online

Download Datasheet





    TL-5101

ETC
Part No. TL-5101
OCR Text ... 0.95 Ah 3.6 V 9.2g (0.324 oz) 4.3 cc -55C to +85C Volts 4.0 DISCHARGE CHARACTERISTICS @ +25 C 3.5 3.0 2.5 2.0 1.8 K ~2...53000 SUFFIX- /T SOLDER TABS SUFFIX- /P AXIAL PINS 1.0 1 10 100 1000 10000 100000 Hours SUFFIX...
Description International size reference: 1/2AA, ER14252

File Size 122.63K  /  1 Page

View it Online

Download Datasheet

    AMI[AMI SEMICONDUCTOR]
Part No. AMIS-53000-M AMIS-53000 AMIS-53000-I_A
OCR Text .............................. 5 1.4 Circuit Overview.............................................................................................53000 Overall Block Diagram............................................................................
Description Frequency Agile Transceiver

File Size 2,659.58K  /  99 Page

View it Online

Download Datasheet

    SBA23-11EGWA

Kingbright Corporation
Part No. SBA23-11EGWA
OCR Text ...27 565 625 568 45 30 15 15 8.0 (4.0) 8.8 (4.4) 10.0 (5.0) 10.0 (5.0) 10 (10) Max. Units nm nm nm pF Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz VF [2] Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) ...
Description 56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY

File Size 300.28K  /  6 Page

View it Online

Download Datasheet

    SBC23-11EGWA

Kingbright Corporation
Part No. SBC23-11EGWA
OCR Text ...27 565 625 568 45 30 15 15 8.0 (4.0) 8.8 (4.4) 10.0 (5.0) 10.0 (5.0) 10 (10) Max. Units nm nm nm pF Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz VF [2] Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) ...
Description 56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY

File Size 300.85K  /  6 Page

View it Online

Download Datasheet

    401C233M063EB8 401C423M6R3AK8 401C482M063AK8 401C822M040AK8 401C123M075AC8 401C133M063AB8 401C204M6R3EB8 401C902M100AE8

http://
Cornell Dubilier Electronics
Cornell Dubilier Electronic...
Cornell Dubilier Electr...
Part No. 401C233M063EB8 401C423M6R3AK8 401C482M063AK8 401C822M040AK8 401C123M075AC8 401C133M063AB8 401C204M6R3EB8 401C902M100AE8 401C252M075AK8 401C843M040BD8 401C574M6R3BF8 401C374M6R3BC8 401C374M7R5BC8 401C253M075ED8 401C142M100AK8 401C134M010AC8 401C134M016AF8 401C134M016BB8 401C134M016EJ8 401C134M020BJ8 401C273M075BC8 401C104M020EJ8 401C164M016BJ8 401C173M020AK8 401C313M010AK8 401C363M063BJ8 401C643M020EH8 401C613M020AJ8 401C194M010BB8 401C394M010BE8 401C194M016EE8 401C893M016AC8 401C514M6R3BE8 401C383M040BH8 401C663M063BF8 401C663M6R3AA8 401C572M100AJ8 401C283M040AJ8 401C114M010AJ8 401C352M100AH8 401C792M075EA8 401C204M6R3AD8 401C204M6R3BH8 401C393M063ED8 401C662M075AH8 401C343M063EC8 401C863M040EF8 401C344M010EF8 401C412M100EA8 401C222M100AA8 401C822M075AB8 401C792M100EB8 401C783M016EH8 401C853M020AD8 401C963M020AE8 401C503M020AB8 401C733M020AC8 401C333M020AH8 401C823M020BH8 401C453M020EA8 401C123M100BC8 401C733M040BC8 401C154M010EB8 401C103M075AJ8 401C103M075BA8 401C103M100AF8 401C103M100BB8 401C104M016AD8 401C104M016BH8 401C104M016EB8 401C104M020BB8 401C104M040BE8 401C104M6R3EA8 401C104M7R5EA8 401C113M075EH8 401C123M040AA8 401C123M063EA8 401C123M100BJ8 401C123M100EC8 401C124M010EH8
OCR Text ... F to 570,000 F 20% 1.5 CV A, 4 mA max, 5 minutes -55 C multiple of 25 C Z 3 Ambient Temperature 45 C 1.66 55 C 1.52 65 C 1.37 75 C 1.20...53000 60000 74000 75000 78000 89000 31000 50000 69000 81000 91000 ESR Max. 25 C 120 Hz 20 kHz 7.20 5...
Description Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR

File Size 344.38K  /  7 Page

View it Online

Download Datasheet

    TL-4955

ETC
List of Unclassifed Manufacturers
Part No. TL-4955
OCR Text ...Recognition, MH 12193 Volts 4.0 DISCHARGE CHARACTERISTICS @ +25C 3.5 3.0 2.5 2.0 1.1 K ~3 mA (1.0 Ah) 2.7 K 6.8 K ~1.3 m...53000 SUFFIX- /T SOLDER TABS SUFFIX- /P AXIAL PINS 1.0 1 10 100 1000 10000 100000 Hours SUFFIX...
Description TADIRAN LITHIUM BATTERIES

File Size 121.94K  /  1 Page

View it Online

Download Datasheet

    203909B

Integrated Technology Future
Part No. 203909B
OCR Text ...lloy Pin Configuration 1 2 3 4 5 Input ground Case ground Output Output Input Storage Temperature Range Parameter Unit C ...53000 MHz 3: -2 . 3135 dB -3 . 00000 MHz 4: -54 . 238 dB -4 . 00000 MHz REF=1 Cor 4 CH3 Mar...
Description SAW Bandpass Filter

File Size 161.40K  /  5 Page

View it Online

Download Datasheet

    ECLAMP2410P ECLAMP2410P.TCT

Semtech Corporation
Part No. ECLAMP2410P ECLAMP2410P.TCT
OCR Text ...ontact discharge) per IEC 61000-4-2, level 4. The EClamp2410P is in a 16-pin, RoHS/WEEE compliant, SLP4016P16 package. It measures 4.0 x 1.6...53000 52000 51000 50000 49000 48000 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 Temperature ( C) ...
Description ESD Protecton Device for T-Flash/MicroSD Interfaces
BIDIRECTIONAL, 7 ELEMENT, SILICON, TVS DIODE

File Size 319.43K  /  9 Page

View it Online

Download Datasheet

    1201080027 E11A06002M030 SD-120049-001

Molex Electronics Ltd.
Part No. 1201080027 E11A06002M030 SD-120049-001
OCR Text ...ordset, Straight, Male to Male, 4 Poles, 3.0m (9.84' ) Length, D-Coded Keyway Documents: Drawing (PDF) RoHS Certificate of Compliance ...53000 E 11A 06002M 600 60000 E 11A 06002M 760 76000 E 11A 06002M 800 80000 E 11A 06002M 900 90000 ...
Description Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
MOLEX Connector

File Size 146.86K  /  2 Page

View it Online

Download Datasheet

For 453000 Found Datasheets File :: 31    Search Time::1.437ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 453000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69921517372131