|
|
|
MILL-MAX MFG CORP
|
Part No. |
450-90-224-00-006000 450-10-216-00-006000 450-10-260-00-006000 450-10-250-00-006000 450-90-264-00-006000 499-10-240-10-009000 499-10-244-10-009000 450-40-250-00-006000 450-90-208-00-006000 499-10-222-10-009000 499-13-210-10-003000 410-13-212-41-001000 410-13-214-41-001000 450-90-204-00-006000 450-10-210-00-006000 450-10-220-00-006000
|
Description |
24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
247.70K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol Communications Solutions |
Part No. |
51967-10006000AALF
|
Description |
PwrBlade®, Power Supply Connectors, 60S Vertical Receptacle.
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
51966-10006000ABLF
|
Description |
PwrBlade®, Power Connectors, 60S Right Angle Header, Solder To Board
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Amphenol Communications Solutions |
Part No. |
CE1006000110111
|
Description |
Cool Edge 0.80mm Hybrid Power and Signal Connectors, Storage and Server System, Surface mount, 60 signal pins, Vertical
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
Part No. |
350-Z1-116-00-206 350-10-116-00-206 450-Z1-216-00-106 350-10-116-00-106 350-90-116-00-106 350-90-116-00-206 350-Z1-116-00-106 450-10-216-00-106 450-90-216-00-106
|
Description |
PCB connectors 2.54 mm Single row / double row Surface mount 电路板连接器2.54毫米单列/双列表面贴装 BRT-40X20AM 电路板连接器2.54毫米单列/双列表面贴装 Sensor Retroreflective Tape; Width:25mm; Roll Length:2.5m; For Use With:Photoelectric Sensors 电路板连接器2.54毫米单列/双列表面贴装 External Plug-In Power Supply; Series:FW50; Output Voltage:18V; Output Power Max:50W; Output Current:2.75A; No. of Outputs:1; Input Current:2.75A; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes BRT-32X20AM External Plug-In Power Supply; Series:FW50; Output Voltage:12V; Output Power Max:50W; Output Current:4.15A; No. of Outputs:1; Input Current:4.15A; Leaded Process Compatible:Yes; Size:127 x 33 x 76.2 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
|
File Size |
48.52K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
SiTime |
Part No. |
SiT1579AI-J3-XXE-0000.600000
|
Description |
Ultra-Small, Low-Power, Low-Jitter, 1 Hz to 2.5 MHz Oscillator
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
SiTime |
Part No. |
SiT1569AI-J3-33E-0006.000000
|
Description |
Ultra-Small Low Power, 1 Hz to 462.5 kHz, ±50 ppm Oscillator
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
SiTime |
Part No. |
SiT8008BIA31-33E-100.600000
|
Description |
1 to 110 MHz, Low Power Oscillator
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
SiTime |
Part No. |
SIT1569AI-J3-33E-0060.000000
|
Description |
Ultra-Small Low Power, 1 Hz to 462.5 kHz, ±50 ppm Oscillator
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
Part No. |
451-90-216-00-017 350-10-116-00-001 350-90-116-00-001 351-10-116-00-003 351-10-116-00-004 351-10-116-00-005 351-10-116-00-016 351-10-116-00-017 351-90-116-00-003 351-90-116-00-004 351-90-116-00-005 351-90-116-00-016 351-90-116-00-017 450-10-216-00-001 450-90-216-00-001 451-10-216-00-001 451-10-216-00-003 451-10-216-00-004 451-10-216-00-005 451-10-216-00-016 451-10-216-00-017 451-90-216-00-003 451-90-216-00-004 451-90-216-00-005 451-90-216-00-016
|
Description |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE 电路板连接器2.54毫米单列/双列焊尾 External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes CRIMP SHELLS DB50 FEMALE HOOD DB50 PLASTIC 10 PACK External Plug-In Power Supply; Series:; Output Voltage:9V; Output Power Max:30W; Output Current:3.33A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:81% RoHS Compliant: Yes DB-50 PLASTIC HOOD CRIMP SHELLS, DB50 FEMALE External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No TV CABLE (RG-6); SCREW ON (THREADED) 6FT WHITE TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE
|
File Size |
59.27K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
SiTime |
Part No. |
SiT1569AC-J3-33E-0006.000000
|
Description |
Ultra-Small Low Power, 1 Hz to 462.5 kHz, ±50 ppm Oscillator
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
SiTime |
Part No. |
SIT1576AI-J1-33E-0006.000000
|
Description |
Ultra-Small Low Power, Low-Jitter, 1 Hz to 2.5 MHz TCXO
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
SiTime |
Part No. |
SiT8208AI-3F-33E-50.006000
|
Description |
1 to 80 MHz, ±10 to ±50 ppm Oscillator
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|