Part Number Hot Search : 
NCV2903 UPA672T U16C15 NCP12 0000A 560EVAL EC3581 NCP12
Product Description
Full Text Search
  440LT68 Datasheet PDF File

For 440LT68 Found Datasheets File :: 2+       Page :: | <1> |   

    440LD30-R 440LD32-R 440LD39-R 440LD33-R 440LT33-R 440LD50-R 440LT56-R 440LT68-R 440LD68-R 440LT47-R 440LT22-R 440LQ22-R

Vishay Siliconix
Part No. 440LD30-R 440LD32-R 440LD39-R 440LD33-R 440LT33-R 440LD50-R 440LT56-R 440LT68-R 440LD68-R 440LT47-R 440LT22-R 440LQ22-R 440LT15-R 440LQ15-R 440LQ10-R 440LD55-R 440LD28-R 440LD27-R
Description AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC

File Size 158.48K  /  5 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    Vishay Intertechnology, Inc.
Vishay Intertechnology,Inc.
VISAY[Vishay Siliconix]
Part No. 440LD33 125LD33 25Y 440LT68 125L 125LD10 125LD15 125LD20 125LD22 125LD47 125LD50 125LD68 125LD82 125LS10 125LS15 125LS18 125LS20 125LS22 125LS30 125LS50 20VL 20VLD90 20VLP10 20VLS10 20VLS20 20VLSS10 25YD10 25YD15 25YD20 25YD22 25YD27 25YD28 25YD30 25YD32 25YD33 25YD39 25YD40 25YD47 25YD50 25YD55 25YD56 25YD68 25YD80 30LV 30LVD10 30LVD15 30LVD20 30LVD22 30LVD27 30LVD28 30LVD30 30LVD32 30LVD33 30LVD39 30LVD40 30LVD47 30LVD50 30LVD55 30LVD56 30LVD68 30LVD80 30LVD90 30LVQ10 30LVQ15 30LVQ22 30LVQ33 30LVQ47 30LVQ68 30LVS 30LVS10 30LVS15 30LVSD10 30LVSD15 30LVSD20 30LVSD22 30LVSD27 30LVSD28 30LVSD30 30LVSD32 30LVSD33 30LVSD39 30LVSD40 30LVSD47 30LVSD50 30LVSD55 30LVSD68 30LVSS10 30LVSVD47 30LVSVS10 30LVT10 30LVT15 30LVT22 30LVT33 30LVT47 30LVT56 30LVT68 30LVTD10 30LVTD15 30LVTT68 440L 440LD10 440LD15 440LD20 440LD22 440LD27 440LD28 440LD30 440LD32 440LD39 440LD40 440LD47 440LD50 440LD55 440LD56 440LD68 440LD80 440LD90 440LQ10 440LQ15 440LQ22 440LQ33 440LQ47 440LQ68 440LS10 440LT10 440LT15 440LT22 440LT33 440LT47 440LT56
Description RES 4.7K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 交流线路额定光盘电容
AC Line Rated Disc Capacitors 交流线路等级盘状电容
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:88ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:2; Features:Unshielded; Impedance:40ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes
Rotary Switch; No. of Switch Positions:11; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:11; Switch Features:30 degrees Indexing; Switch Function:SPDT
RES NET BUSSED 56K OHM 8-SIP

File Size 128.57K  /  3 Page

View it Online

Download Datasheet

For 440LT68 Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: 4404
Maker: SI
Pack: SOP8
Stock: 20
Unit price for :
    50: $1.66
  100: $1.58
1000: $1.50

Email: oulindz@gmail.com

Contact us

 
Price & Availability of 440LT68

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.85045313835144