Part Number Hot Search : 
A5800582 1E104 ITR20005 STM1815T 37042 4VHC1G 01901 5RF28
Product Description
Full Text Search
  4.27v Datasheet PDF File

For 4.27v Found Datasheets File :: 2776    Search Time::2.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PSSUU150-108-27V PSSUU150 PSSUU150-104 PSSUU150-105 PSSUU150-106 PSSUU150-107 PSSUU150-108 PSSUU150-109 PSSUU150-110 PSS

Wall Industries,Inc.
Part No. PSSUU150-108-27V PSSUU150 PSSUU150-104 PSSUU150-105 PSSUU150-106 PSSUU150-107 PSSUU150-108 PSSUU150-109 PSSUU150-110 PSSUU150-111
OCR Text ....5 1 150 See Rating Chart 0.5 1 4 16 112 110 132 150 88 90 Io = Full Load, Vin = 230VAC Primary to Secondary Primary to Ground Test Volta...27V PSSUU150-109 PSSUU150-110 PSSUU150-111 Preset Voltage 9 VDC 12 VDC 15 VDC 18 VDC 24 VDC 27 VDC 3...
Description 3-pin Input Connector 150 Watt Single Output AC/DC U-Bracket Power Supply for I.T.E.

File Size 173.52K  /  2 Page

View it Online

Download Datasheet





    Alpha & Omega Semiconductor
Part No. AOZ1210AI
OCR Text ...tions. the aoz1210 works from a 4.5v to 27v input voltage range, and provi des up to 2a of continuous output current on each buck regulator output. the output voltage is adjustable down to 0.8v. features 4.5v to 27v operating input vol...
Description EZBuck DC-DC Buck Regulators Power ICs

File Size 363.99K  /  14 Page

View it Online

Download Datasheet

    79L12G-AB3-T 79L12G-AB3-R 79L12G-T92-R 79L12L-S08-R 79L12L-S08-T 79L12L-T92-T 79L12L-T92-R 79L12L-AB3-T 79L12L-AB3-R 79L

Unisonic Technologies
Part No. 79L12G-AB3-T 79L12G-AB3-R 79L12G-T92-R 79L12L-S08-R 79L12L-S08-T 79L12L-T92-T 79L12L-T92-R 79L12L-AB3-T 79L12L-AB3-R 79L12G-T92-T 79L12G-S08-T 79L12G-S08-R
OCR Text ...v out v in =-10v, i out =40ma -4.8 -5.0 -5.2 v line regulation out in out v ? v ? v v in =-7~-20v, i out =40ma 15 150 mv load regu...27v, i out =40ma 36 250 mv load regulation out out out v i ? ? v v in =-19v, i out =1~100ma ...
Description 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR

File Size 200.49K  /  8 Page

View it Online

Download Datasheet

    LTC4380

Linear Technology
Part No. LTC4380
OCR Text ...d 35v. functionality extends to 4.2v at 25c. all boards are tested to the limits shown in the table above. ** formerly iso-7637-2 t est p...27v or 45v, to suit 12v or 24v/28v sys - tems. dc2178 a-a features the ltc4380-1 which latches off...
Description Low Quiescent Current Surge Stopper

File Size 268.36K  /  6 Page

View it Online

Download Datasheet

    Renesas Electronics Corporation
Part No. ISL8130 ISL8130IAZ ISL8130IRZ
OCR Text 4.00 page 1 of 23 mar 24, 2017 fn7954 rev.4.00 mar 24, 2017 isl8130 advanced single universal pulse-width modulation (pwm) controll er dat...27v c 1 l 1 c 10 0.1f ugate ocset phase boot d 1 q 1 c 7 r 2 r 4 c 12 c 11 c 2 c 6 c 5 r 1 c 9 lga...
Description Advanced Single Universal Pulse-Width Modulation (PWM) Controller

File Size 1,514.72K  /  23 Page

View it Online

Download Datasheet

    Monolithic Power System...
Part No. MP86961 MP86961DU
OCR Text ...a premium. features ? wide 4.5v to 21v operating input range ? 20a output current ? simple logic interface(5.0v) ? operate fro...27v intelli-phase solution integrated hs/ls fets and driver in a 5x5mm qfn mp86961 rev. 1.22 w...
Description 20A, 27V Intelli-PhaseTM Solution (Integrated HS/LS FETs and Driver) in a 5x5mm QFN

File Size 406.55K  /  11 Page

View it Online

Download Datasheet

    NJM78L02UA

New Japan Radio
Part No. NJM78L02UA
OCR Text ...tion 1. out 2. gnd 3. gnd 4. nc 5. nc 6. gnd 7. gnd 8. in njm78l00ua njm78l00a 18 27 36 48 njm78l00ea (5v,9v,12v) 1 3 2 1 3 ...27v, io=40ma ?? 250 mv line regulation2 ? vo ? v in 2v in =16v 27v, io=40ma ?? 200 mv load regula...
Description 3-TERMINAL POSITIVE VOLTAGE REGULATOR

File Size 191.30K  /  9 Page

View it Online

Download Datasheet

    Renesas Electronics Corporation
Part No. ISL97631 ISL97631IHTZ-T7 ISL97631IHTZ-T7A
OCR Text ... other handheld devices 1 2 3 6 4 vout gnd lx vin enab 5fb ordering information part number part marking pcs. tape & reel package (tape and ...27v fb voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3v to +6v e...
Description White LED Boost Regulator With Integrated Schottky Diode

File Size 463.80K  /  8 Page

View it Online

Download Datasheet

    5962-8949003X 5962-8949008X

International Rectifier
Part No. 5962-8949003X 5962-8949008X
OCR Text 4 11 r0 dual positive and negative fixed voltage regulators approved to desc drawing features ? positive and negative regulators in one pack...27v ? 11.64 12.36 v line regulation v rline v in = 14.5v to 27v 18 mv (note 1) ? 50 mv v in = 16v to...
Description Hi-Rel Fixed Voltage Dual Regulator

File Size 21.71K  /  4 Page

View it Online

Download Datasheet

For 4.27v Found Datasheets File :: 2776    Search Time::2.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 4.27v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.586935043335