Part Number Hot Search : 
BB156 PCA9564D MS256 NJM2366 2SD299 AP3971 120M1T 74100310
Product Description
Full Text Search
  4-element Datasheet PDF File

For 4-element Found Datasheets File :: 18488    Search Time::3.468ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IDT54FCT162952CTEB IDT74FCT162952BTPV IDT73720 IDT73720A IDT73720AJ IDT73720APQF IDT73720J IDT73720PQF IDT74FCT16952ETPV

Integrated Device Technology, Inc.
IDT[Integrated Device Technology]
Part No. IDT54FCT162952CTEB IDT74FCT162952BTPV IDT73720 IDT73720A IDT73720AJ IDT73720APQF IDT73720J IDT73720PQF IDT74FCT16952ETPV IDT74FCT16952BTPA IDT74FCT16952BTPV
OCR Text ... Z13 Z12 Z11 Z10 GND 9 8 7 6 5 4 3 2 GND X8 X9 X10 X11 X12 X13 X14 X15 GND VCC PATH OEU LEYX LEZX Y0 Y1 10 11 12 13 14 15 16 17 18 19...element onto the CPU bus, while the first bank is presented with a new data element. Transparent Mod...
Description CAP 6.8UF 20V 20% TANT SMD-6032-15 TR-7-PL SN/PB5% LOWESR-1400 FCT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
16-BIT TRI-PORT BUS EXCHANGER

File Size 74.95K  /  8 Page

View it Online

Download Datasheet





    IRF7807VD1

International Rectifier, Corp.
IRF[International Rectifier]
Part No. IRF7807VD1
OCR Text ...s Drain or Source Current (VGS 4.5V) Pulsed Drain CurrentQ Power DissipationS Schottky and Body Diode Average ForwardCurrentT 25C 70C 25C 7...element of traditional gate-source charge that is included in all MOSFET data sheets. The importance...
Description Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:SP06; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight FETKY⑩MOSFET肖特基二极管
FETKY MOSFET / SCHOTTKY DIODE
FETKY⑩ MOSFET / SCHOTTKY DIODE

File Size 116.12K  /  9 Page

View it Online

Download Datasheet

    IRF7807VD2 IRF7807VD2TR

IRF[International Rectifier]
Part No. IRF7807VD2 IRF7807VD2TR
OCR Text ...s Drain or Source Current (VGS 4.5V) Pulsed Drain CurrentQ Power DissipationS Schottky and Body Diode Average ForwardCurrentT 25C 70C 25C 7...element of traditional gate-source charge that is included in all MOSFET data sheets. The importance...
Description 30V FETKY - MOSFET and Schottky Diode in a SO-8 package
FETKY MOSFET / SCHOTTKY DIODE
FETKY⑩ MOSFET / SCHOTTKY DIODE

File Size 113.54K  /  9 Page

View it Online

Download Datasheet

    IRF7807V

IRF[International Rectifier]
Part No. IRF7807V
OCR Text ... 3.3V and 5V. 2 3 6 4 5 SO-8 T o p V ie w DEVICE CHARACTERISTICS IRF7807V RDS(on) QG Qsw Qoss 17m 9.5nC 3.4nC 12nC ...element of traditional gate-source charge that is included in all MOSFET data sheets. The importance...
Description N Channel Application Specific MOSFET

File Size 126.34K  /  8 Page

View it Online

Download Datasheet

    IRF7807 IRF7807A IRF7807ATR IRF7807TR

IRF[International Rectifier]
Part No. IRF7807 IRF7807A IRF7807ATR IRF7807TR
OCR Text ...ltages, such as 3.3V and 5V. 4 5 SO-8 T o p V ie w Device Features IRF7807 IRF7807A Vds 30V 30V Rds(on) 25m 25m Qg 17nC 17nC ...element of traditional gate-source charge that is included in all MOSFET data sheets. The importance...
Description 8.3 A, 30 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET
Chip-Set for DC-DC Converters
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package

File Size 238.61K  /  8 Page

View it Online

Download Datasheet

    LM723C LM723CD LM723CN LM723N LM723 4553

STMicroelectronics N.V.
意法半导
Part No. LM723C LM723CD LM723CN LM723N LM723 4553
OCR Text ... 6.8 7.15 74 86 150 65 40 37 38 4 o o Max. 0.1 0.5 0.3 0.2 0.6 7.5 Unit % % % % % V dB dB ppm/ oC mA V V V mA %/1000 hrs V V V o/V i Line Regulation Vo /V o Load Regulation V REF SVR Reference Voltage Supply Voltage Rejection ...
Description HIGH PRECISION VOLTAGE REGULATOR 高精度电压调节器
CAP 63V 15UF ELECT AXIAL
From old datasheet system

File Size 133.57K  /  12 Page

View it Online

Download Datasheet

    MC10117 MC10117FN MC10117L MC10117P ON0562

ONSEMI[ON Semiconductor]
Motorola, Inc
Part No. MC10117 MC10117FN MC10117L MC10117P ON0562
OCR Text ...C CASE 775-02 LOGIC DIAGRAM 4 5 3 6 7 9 10 11 12 13 14 15 A1IN A1IN A2IN A2IN VCC1 = PIN 1 VCC2 = PIN 16 VEE = PIN 8 VEE 4 5 6 7 8 13 12 11 10 9 B1IN B1IN B2IN B2IN A2IN, B2IN 2 VCC1 AOUT AOUT 1 2 3 16 15 14 VCC2 BOUT BOUT DIP PIN AS...
Description From old datasheet system
PIN ASSIGNMENT
Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate

File Size 102.28K  /  5 Page

View it Online

Download Datasheet

    MSM6569 MSM5219B MSM6665-01 MSM6665B

OKI electronic components
OKI electronic componets
Part No. MSM6569 MSM5219B MSM6665-01 MSM6665B
OCR Text ...llator X Drive Voltage (VLCD) 4.0 - 7.0 3.0 - 7.0 3.0 - 6.0 Package 60-lead PQFP 80-lead PQFP 100-lead PQFP Figure 1 below shows static...element is deselected, the combined COM and SEG signals negate each other, as shown for the (COM - S...
Description Advanced LCD Controller/Driver Family

File Size 130.04K  /  13 Page

View it Online

Download Datasheet

    MUR1605CT MUR1610CT MUR1620CT

Micro Commercial Compon...
MCC[Micro Commercial Components]
Micro Commercial Components Corp.
Part No. MUR1605CT MUR1610CT MUR1620CT
OCR Text ...10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92 Trr 35ns IF=0.5A, IR=1.0A, Irr=0.25A Measured at 1.0MHz, VR=4.0V INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 --.250 .500 .580 .090 .110 .020 .045 .012 .025 .1...
Description 16 Amp Super Fast Glass Pass ivated Rectifier 50 to 200 Volts

File Size 57.17K  /  2 Page

View it Online

Download Datasheet

For 4-element Found Datasheets File :: 18488    Search Time::3.468ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 4-element

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50499296188354