Part Number Hot Search : 
VS9LARJ P115J BCM5674 BAT64 LF8411 01QQCN INTER R23MF1
Product Description
Full Text Search
  3x2mm Datasheet PDF File

For 3x2mm Found Datasheets File :: 25    Search Time::1.078ms    
Page :: | <1> | 2 | 3 |   

    SML-011 SML-012

http://
List of Unclassifed Manufacturers
ETC[ETC]
Part No. SML-011 SML-012
OCR Text ...ow 3) Rectangular and leadless (3x2mm). 4) Can be mounted by automatic mounting. !External dimensions (Unit : mm) 3.0 2.3 1.3 +0.2 -0.1 0.3 0.5 2.0 1.6 Through hole Cathode mark 2-R0.3 Electrode 1.7 1.6 Tolerances a...
Description Chip LEDs with reflectors

File Size 25.46K  /  3 Page

View it Online

Download Datasheet





    KA-3020 KA-3020EC KA-3020SGC KA-3020IT KA-3020SGT KA-3020SRC KA-3020SYT KA-3020SYC KA-3020YC KA-3020YT

Kingbright Corporation
Part No. KA-3020 KA-3020EC KA-3020SGC KA-3020IT KA-3020SGT KA-3020SRC KA-3020SYT KA-3020SYC KA-3020YC KA-3020YT
OCR Text 3x2mm SINGLE COLOR SURFACE MOUNT LED LAMPS KA-3020 Package Dimensions X 2.0MM, 1.4MM HIGH, ONLY MINIMUM SPACE REQUIRED. lSUITALBE FOR COMPACT OPTOELECTRONIC APPLICATIONS. lLOW POWER CONSUMPTION. lEMBOSSED TAPING. l3.0MM Descripti...
Description 3x2mm SINGLE COLOR SURFACE MOUNT LED LAMPS

File Size 482.42K  /  6 Page

View it Online

Download Datasheet

    CENTRAL[Central Semiconductor Corp]
Part No. CTLSH1-40M832D
OCR Text ... Thermal Efficiency * Small TLM 3x2mm case TLM832D CASE MARKING CODE: CFA APPLICATIONS: * DC/DC Converters * Reverse Battery Protection MAXIMUM RATINGS: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetit...
Description SURFACE MOUNT DUAL, HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODES

File Size 181.69K  /  2 Page

View it Online

Download Datasheet

    CENTRAL[Central Semiconductor Corp]
Part No. CTLSH2-40M832
OCR Text ... Thermal Efficiency * Small TLM 3x2mm case APPLICATIONS: * DC/DC Converters * Reverse Battery Protection MAXIMUM RATINGS: (TA=25C) SYMBOL Peak Repetitive Reverse Voltage Continuous Forward Current Peak Forward Surge Current (tp=8ms) Pow...
Description SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER

File Size 199.22K  /  2 Page

View it Online

Download Datasheet

    ZXMN3AM832 ZXMN3AM832TC ZXMN3AM832TA

Zetex Semiconductors
Part No. ZXMN3AM832 ZXMN3AM832TC ZXMN3AM832TA
OCR Text ...avings Reduced component count 3x2mm Dual Die MLP FEATURES * Low On - Resistance * Fast switching speed * Low threshold * Low gate drive * 3mm x 2mm MLP APPLICATIONS * DC-DC Converters * Power Management Functions * Disconnection s...
Description MPPS Miniature Package Power Solutions DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET

File Size 187.88K  /  7 Page

View it Online

Download Datasheet

    SIPEX[Sipex Corporation]
Part No. SP7686A_07 SP7686AEB SP7686AER SP7686A07
OCR Text ...ode, high VOUT in 2X mode Small 3x2mm 8-Pin DFN Package 2.4MHz Switching Frequency Enables Small Components Integrated Design with Minimal Components. Use with 1 cell Lithium Ion Battery DESCRIPTION The SP7686AEB Evaluation Board is a co...
Description Evaluation Board Manual

File Size 145.03K  /  5 Page

View it Online

Download Datasheet

    SIPEX[Sipex Corporation]
Part No. SP7686ER SP7686EB
OCR Text ...circuit including the SP7686 in 3x2mm DFN and 3 small 0603 capacitors which can provide a stable drive current for a 1W LED such as the AOT White LED, Lumi-LEDs Luxeon I or PWF1 type light sources. The evaluation board is a completely assem...
Description Evaluation Board Manual

File Size 138.63K  /  4 Page

View it Online

Download Datasheet

    ZETEX[Zetex Semiconductors]
Part No. ZXMN2AM832TC ZXMN2AM832 ZXMN2AM832TA
OCR Text ...avings Reduced component count 3x2mm Dual Die MLP FEATURES * Low On - Resistance * Fast switching speed * Low threshold * Low gate drive * 3mm x 2mm MLP APPLICATIONS * DC-DC Converters * Power Management Functions * Disconnection s...
Description DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET

File Size 196.27K  /  7 Page

View it Online

Download Datasheet

    LA9450CL

Sanyo Semicon Device
Part No. LA9450CL
OCR Text ...Small package ECSP3020-10 (size 3x2mm, pin pitch 0.65mm) Function * Laser driver * Two-mode switching functions of DC and pulse luminescence Specifications Maximum Ratings at Ta = 25C Parameter Maximum supply voltage Allowable powe...
Description Bi-CMOS IC For Laser Diode For Laser Diode

File Size 49.99K  /  5 Page

View it Online

Download Datasheet

    CTLM1034-M832D

Central Semiconductor Corp
Part No. CTLM1034-M832D
OCR Text ..., thermally efficient, leadless 3x2mm surface mount case, it is designed for applications where small size, operational efficiency, and low energy consumption are the prime requirements. Due to its leadless package design this device is cap...
Description MULTI DISCRETE MODULE 垄芒 SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
MULTI DISCRETE MODULE ?SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER

File Size 232.86K  /  2 Page

View it Online

Download Datasheet

For 3x2mm Found Datasheets File :: 25    Search Time::1.078ms    
Page :: | <1> | 2 | 3 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3x2mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3162789344788