|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
39861-0505 39860-0712 39860-0509 39860-0708 39860-0512 39860-0510 39860-0705
|
Description |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
File Size |
64.37K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Texas Instruments |
Part No. |
V62/05607-05YA
|
Description |
Enhanced Product Fixed-Point Digital Signal Processor 532-FCBGA -40 to 105
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Molex, Inc.
|
Part No. |
39860-0402
|
Description |
Header; No. of Contacts:2; Pitch Spacing:0.2"; No. of Rows:1; Gender:Plug; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
67.20K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol Communications Solutions |
Part No. |
RJCSE398601
|
Description |
Modular Jack - 8P8C, Right Angle, Surface Mount, Single Port, Shield With Top and Side EMI Tabs and PCB Tabs, With LEDs
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-551MEB
|
Description |
General Purpose Inductor, 0.55uH, 20%, 1 Element, Composite-Core, SMD, 3028, CHIP, 3028, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-562
|
Description |
Power inductor, shielded, 20% tol, SMT, RoHS, halogen-free
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Molex, Inc.
|
Part No. |
39860-0106 39860-0104 39860-0102 39861-0105
|
Description |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
File Size |
153.52K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-562ME
|
Description |
Power inductor, shielded, 20% tol, SMT, RoHS, halogen-free
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-551
|
Description |
Power inductor, shielded, 20% tol, SMT, RoHS, halogen-free
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-551MEC
|
Description |
General Purpose Inductor, 0.55uH, 20%, 1 Element, Composite-Core, SMD, 3028, CHIP, 3028, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-551ME
|
Description |
Power inductor, shielded, 20% tol, SMT, RoHS, halogen-free
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Molex, Inc. MOLEX INC
|
Part No. |
08-65-0129 08-65-0128 08-50-0705
|
Description |
KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, HOOK TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH TIN
|
File Size |
77.33K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-562MEC
|
Description |
General Purpose Inductor, 5.6uH, 20%, 1 Element, Composite-Core, SMD, 3028, CHIP, 3028, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
XAL7070-562MEB
|
Description |
General Purpose Inductor, 5.6uH, 20%, 1 Element, Composite-Core, SMD, 3028, CHIP, 3028, HALOGEN FREE AND ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|