Part Number Hot Search : 
AK4675 MAX6647 TAR8D02K 2SC4759 KF200 E43CA CDRH6D28 AK5355VN
Product Description
Full Text Search
  36DX342F200CC2A Datasheet PDF File

For 36DX342F200CC2A Found Datasheets File :: 2+       Page :: | <1> |   

    36DX122F250BB2A 36DX113G050AF2A 36DX202F450DF2A 36DX931F450CC2A DE243G040BB2A DX103G075BC2A 36D272G025AA2A 36DX342F200CC

Vishay Sprague
Vishay Siliconix
Part No. 36DX122F250BB2A 36DX113G050AF2A 36DX202F450DF2A 36DX931F450CC2A DE243G040BB2A DX103G075BC2A 36D272G025AA2A 36DX342F200CC2A
Description CAP 1200UF 250VDC -10% TO 50% 52.8 X 82.6MM SCRW TERM CAN 10 - Bulk
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 11000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
CAP 930UF 450VDC -10% TO 50% 65.5 X 108MM SCRW TERM CAN 1000 - Bulk
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 40 V, 24000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
Aluminum Capacitors Powerlytic?, Large Can
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2700 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 3400 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT

File Size 87.86K  /  6 Page

View it Online

Download Datasheet