Part Number Hot Search : 
MAX96 AC12F BC308C 40175BDM EMK12 GCM033 LM2029 TSH8009
Product Description
Full Text Search
  35.7k-ohm Datasheet PDF File

For 35.7k-ohm Found Datasheets File :: 342    Search Time::1.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PS21342 PS21342-G

POWEREX[Powerex Power Semiconductors]
POWEREX [Powerex Power Semiconductors]
Part No. PS21342 PS21342-G
OCR Text ... HEATSINK SIDE M E E E F F N 35 34 33 32 31 P 35 B P S AA DEEP (5 PLACES) V X Y Z AB (2 PLACES) W H Q U T TERMINAL CODE...7k ohm 5.1k ohm Description Boot strap supply diode - Ultra fast recovery Boot strap supply reservoi...
Description Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
Intellimod⑩ Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
Intellimod Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
IntellimodModule Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)

File Size 88.27K  /  6 Page

View it Online

Download Datasheet





    PBL38573 PBL385731NS PBL385731SOS

Ericsson Microelectronics
ERICSSON[Ericsson]
http://
Part No. PBL38573 PBL385731NS PBL385731SOS
OCR Text ...A IDC = 0 mA IDC = 2 mA VDC = 2.35 V 0.3 V 2.1 1.95 4 2.35 2.2 0.1 2.6 2.6 V V A Notes 1. Adjustable to both higher and lower values with external components. 2. The dynamic output can be doubled, see applications in...
Description High circuit for constant current feeding systems
Speech Circuit for constant current feeding systems

File Size 322.82K  /  15 Page

View it Online

Download Datasheet

    W83626D W83626F WINBONDW83626F W83626

Winbond Electronics
WINBOND[Winbond]
Part No. W83626D W83626F WINBONDW83626F W83626
OCR Text ... SA[16:0] 54-51 49-46 44-41 35-31 OUT24 SD[15:0] 122-1 21 119-1 14 75-71 69-67 OUT24 System Data. SD[15:0] provide the 16...7K ohm) to enable RTC functions ( RTCCS#,and IRQ8) 98 INt Parallel Interrupt Requested Input 3. M...
Description PCI-to-ISA Bridge. Full ISA bus support except ISA master
LPC-to-ISA Bridge
From old datasheet system

File Size 340.11K  /  34 Page

View it Online

Download Datasheet

    HV9906DB3

Supertex Inc
SUTEX[Supertex, Inc]
Supertex Inc
Part No. HV9906DB3
OCR Text ...4 25 26 27 28 29 30 31 32 33 34 35 36 37 B1 C1 C2 C3 C4 C4A C5 C5A C6 C7 C8 C8A C9 C10 C11 D1 D2 D3 D5 D6 D7 D8 F1 L1 L2 M1 Q1 R1 R2 R3 R4 R...7K ohm, 1% 10.0K Ohm, 1% 0.47 ohm, 5% 10.0M Ohm, 1% 90.9K ohm, 1% 100K ohm, 1% 100K ohm, 1% 14.7K oh...
Description Off-Line PFC Current Source Controller

File Size 198.38K  /  3 Page

View it Online

Download Datasheet

    TSD2932 SD2932

STMICROELECTRONICS[STMicroelectronics]
Part No. TSD2932 SD2932
OCR Text ... Heatsink Thermal Resistance 0.35 0.12 o o C/W C/W Determined using a flat aluminum or copper heatsink with thermal compound applie...7K Ohm MultiTurns Trim Resistor 8.2K Ohm Resistor 3.3K Ohm / 5 W Resistor 6.8 V Zener Diode 20 nH In...
Description RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs

File Size 121.75K  /  13 Page

View it Online

Download Datasheet

    MTD492

ETC
Part No. MTD492
OCR Text ...5 1.5 - MTD492 Max -9.45 -35 -80 +25 45 Itdc -1.62 -0.52 +1500 -3.0 VEE +40 -300 - Unit V mA mA A mA mA V V mV V V mV mV pF k k Notes: 1. Testing is done under the testing load defined in Figure 6. 2. During an idle condition, V...
Description Coaxial Transceiver Interface

File Size 45.62K  /  8 Page

View it Online

Download Datasheet

    PACS1284 PACS1284-02QR PACS1284-02QT PACS1284-04QR PACS1284-04QT

California Micro Devices Corp
Part No. PACS1284 PACS1284-02QR PACS1284-02QT PACS1284-04QR PACS1284-04QT
OCR Text ...4 25 26 27 28 29 30 31 32 33 34 35 36 1284-A 25-pin Dsub S T RO B E Data1 Data2 Data3 Data4 Data5 Data6 Data7 Data8 ACK BUSY PError Select AUTOFD FAULT INIT Selectin Ground Ground Ground Ground Ground Ground Ground Ground 1284-B 36-pin Cham...
Description P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK

File Size 80.21K  /  5 Page

View it Online

Download Datasheet

    SE567D NE567N NE567D SE567FE NE567F NE567 SE567N SE567

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. SE567D NE567N NE567D SE567FE NE567F NE567 SE567N SE567
OCR Text ... 1 1.1R 1C 1 1 1.1R 1C 1 12 -10 35 140 35 60 0 +10 -10 Max Min NE567 Typ 500 35 140 35 60 0 +10 Max kHz ppm/C ppm/C % UNIT Center fO fO ...7k R3 = 20k C1 = 0.10mF C2 = 1.0mF 5V C3 = 2.2mF 6V C4 = 250F 6V 567 1477Hz 567 1336Hz + + ...
Description Tone decoder/phase-locked loop PHASE LOCKED LOOP, CDIP14

File Size 157.60K  /  13 Page

View it Online

Download Datasheet

    MH89790B MH89790BN MH89790BS MT89790B MT89790BS

Mitel Semiconductor
MITEL[Mitel Networks Corporation]
Part No. MH89790B MH89790BN MH89790BS MT89790B MT89790BS
OCR Text ...187 MH89790B 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 NC NC LOS NC NC NC NC VSS NC DSTo NC OUTB NC RxMF TxMF OUTA PAD...7k resistor to +VDD. Data ST-BUS Input: This pin accepts a 2048 kbit/s serial stream which contains ...
Description ST-BUS FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
ST-BUS⑩ FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
0.3-7.0V; 40mA; CEPT PCM 30/CRC-4 framer & interface circuit. For primary rate ISDN network nodes, multiplexing equipment, private network: PBX to PBX links

File Size 488.08K  /  32 Page

View it Online

Download Datasheet

    MJ11013 MJ11015 MJ11014 MJ11016 ON1974 MJ11012

Motorola, Inc.
Motorola Inc
ONSEMI[ON Semiconductor]
Part No. MJ11013 MJ11015 MJ11014 MJ11016 ON1974 MJ11012
OCR Text ...S MIN MAX 39.37 REF --- 26.67 6.35 8.51 0.97 1.09 1.40 1.77 10.92 BSC 5.46 BSC 11.18 12.19 16.89 BSC --- 21.08 3.84 4.19 30.15 BSC 3.33 4.77 STYLE 1: PIN 1. BASE 2. EMITTER CASE: COLLECTOR CASE 1-07 TO-204AA (TO-3) ISSUE Z Motorola...
Description 30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
From old datasheet system
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60-120 VOLTS 200 WATTS

File Size 157.00K  /  4 Page

View it Online

Download Datasheet

For 35.7k-ohm Found Datasheets File :: 342    Search Time::1.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 35.7k-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7514951229095