|
|
|
Linear
|
Part No. |
LT3439
|
OCR Text |
...mperature Protected
The LT(R)3439 is a push-pull DC/DC transformer driver that reduces conducted and radiated electromagnetic interference (EMI). Ultralow noise and EMI are achieved by controlling the output switch voltage and current sl... |
Description |
1A Ultralow Noise Isolated DC/DC Transformer Driver
|
File Size |
189.92K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Solid States Devices, Inc.
|
Part No. |
SFT3439S.22
|
OCR Text |
... sheet smd.22 sft 3439 s .22 1 a / 45 0 volts np n s witching transistor features: switching transistor small f ootprint s ur face m ount d evice with e xcellent t hermal p roperties repl... |
Description |
1 A /450 Volts NPN Switching Transistor
|
File Size |
27.48K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
3M ELECTRONIC PRODUCTS DIVISION
|
Part No. |
3358-0000
|
OCR Text |
...t with pc boards ? keying plug 3439-2 provides polarization and/ or keying ? rohs* compliant ts-0012-12 sheet 1 of 3 date modified: february 20, 2007 ul file no.: e68080
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a ... |
Description |
10 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT
|
File Size |
186.70K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Linear Technology, Corp. Linear Technology Corporation
|
Part No. |
LT3439EFE LT3439 LT3439EFEPBF LT3439EFETRPBF
|
OCR Text |
...mperature Protected
The LT(R)3439 is a push-pull DC/DC transformer driver that reduces conducted and radiated electromagnetic interference (EMI). Ultralow noise and EMI are achieved by controlling the output switch voltage and current sl... |
Description |
Slew Rate Controlled Ultralow Noise 1A Isolated DC/DC Transformer Driver; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1.65 A SWITCHING REGULATOR, 250 kHz SWITCHING FREQ-MAX, PDSO16 Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver Microprocessor Crystal; Frequency:27MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
|
File Size |
184.11K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|