Part Number Hot Search : 
BD3940FP M5291 PA0801NL USB25 PT22002 RM4190 HUN2114 KDS5670
Product Description
Full Text Search
  34-ohm Datasheet PDF File

For 34-ohm Found Datasheets File :: 7362    Search Time::2.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text ... 16 14 5.27 4.10 3.51 2.93 2.34 1.76 1.17 0.59 0.00 12 10 8 6 4 2 0 0.1 1 10 100 f, Frequency (KHz) Fig. 1 - Typical Load Curren...Ohm VGE = 15V VCC = 480V IC = 26A Total Switching Losses (mJ) Total Switching Losses (mJ) I...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet





    FDS6680S

FAIRCHILD[Fairchild Semiconductor]
Part No. FDS6680S
OCR Text ... ID = 1 A, RGEN = 6 10 10 34 14 18 18 55 23 24 ns ns ns ns nC nC nC VDS = 15 V, VGS = 5 V ID = 11.5 A, 17 6.2 5.5 Dr...OHM) 1.8 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE ID = 11.5A VGS = 10V 1.4 ID = 6A 0....
Description 30V N-Channel PowerTrench SyncFET⑩

File Size 220.76K  /  9 Page

View it Online

Download Datasheet

    IRF244 IRF245 IRF246 IRF247

INTERSIL[Intersil Corporation]
Part No. IRF244 IRF245 IRF246 IRF247
OCR Text 34 Ohm, N-Channel Power MOSFETs Description These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the...
Description 14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
14A and 13A/ 275V and 250V/ 0.28 and 0.34 Ohm/ N-Channel Power MOSFETs

File Size 70.04K  /  7 Page

View it Online

Download Datasheet

    BLF2045

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BLF2045
OCR Text ...e 3 metal film resistor 50 50 34.3 50 34.3 23.6 5.6 3.5 31.9 24.9 50 50 26.3 50 50 10 , 0.6 W 13 x 0.9 mm 2 x 0.9 mm 15 x 1.7 mm 37 x 0.9 mm 6 x 1.7 mm 13 x 2.9 mm 6 x 15.8 mm 6 x 26 mm 12 x 1.9 mm 7.4 x 2.7 mm 3 x 0.9 mm 4.1...
Description UHF power LDMOS transistor

File Size 131.69K  /  11 Page

View it Online

Download Datasheet

    HUF76112SK8 FN4834

INTERSIL[Intersil Corporation]
Part No. HUF76112SK8 FN4834
OCR Text ...sing FR-4 board with 0.054 in2 (34.8 mm2) copper pad at 1000 seconds. (Figure 23) Measured using FR-4 board with 0.0115 in2 (7.42 mm2) copper pad at 1000 seconds. (Figure 23) NOTES: 1. TJ = 25oC to 125oC. 2. RJA = 50 oC/W CAUTION: Stres...
Description From old datasheet system
7.5A, 30V, 0.026 Ohm, N-Channel, Logic Level Power MOSFET

File Size 183.81K  /  12 Page

View it Online

Download Datasheet

    ICS951601

ICST[Integrated Circuit Systems]
Integrated Circuit Solution Inc
Part No. ICS951601
OCR Text ...5 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 48MHz GND VDD48 SPREAD VDDA GNDA SEL2B PCI2B_2 PCI2B_1 GND VDD66 PCI2B_0 SEL2A...ohm pull-up to VDD on indicated inputs. Block Diagram PLL2 48MHz X1 X2 XTAL OSC PLL1 Sprea...
Description General Purpose Frequency Timing Generator (P)

File Size 116.48K  /  9 Page

View it Online

Download Datasheet

    ITF86172SK8T

INTERSIL[Intersil Corporation]
Part No. ITF86172SK8T
OCR Text ... (Note 2) Pad Area = 0.054 in2 (34.8 mm2) Figure 20 Pad Area = 0.0115 in2 (7.42 mm2) Figure 20 SWITCHING SPECIFICATIONS (VGS = -4.5V) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time SWITCHING SPECIFICATIONS (VGS = -10V) Turn-On D...
Description 10A/ 30V/ 0.016 Ohm/ P-Channel/ Logic Level/ Power MOSFET
10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
10A 30V 0.016 Ohm P-Channel Logic Level Power MOSFET

File Size 173.61K  /  12 Page

View it Online

Download Datasheet

    ITF86182SK8T

INTERSIL[Intersil Corporation]
Part No. ITF86182SK8T
OCR Text ... (Note 2) Pad Area = 0.054 in2 (34.8 mm2) Figure 20 Pad Area = 0.0115 in2 (7.42 mm2) Figure 20 ITF86182SK8TSWITCHING SPECIFICATIONS (VGS = -4.5V) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time td(ON) tr td(OFF) tf td(ON) tr td(O...
Description 11A/ 30V/ 0.0115 Ohm/ P-Channel/ Logic Level/ Power MOSFET
11A, 30V, 0.0115 Ohm, P-Channel, Logic Level, Power MOSFET

File Size 172.94K  /  12 Page

View it Online

Download Datasheet

    MT8930C-1 MT8930CE MT8930CP

MITEL[Mitel Networks Corporation]
Part No. MT8930C-1 MT8930CE MT8930CP
OCR Text ...0 7 39 8 38 9 37 10 36 11 35 12 34 13 33 14 32 15 31 16 30 29 17 18 19 20 21 22 23 24 25 26 27 28 NC AS/ALE, P/SC CS, DReq IRQ/NDA, DCack VS...ohm line through a 2:1 ratio transformer. See Figures 20 and 21. Bias Voltage: analog ground for Tx ...
Description CMOS ST-BUS⑩ FAMILY Subscriber Network Interface Circuit
CMOS ST-BUS FAMILY Subscriber Network Interface Circuit

File Size 321.91K  /  42 Page

View it Online

Download Datasheet

    MT8930 MT8930C MT8930CC

Mitel Networks Corporation
Part No. MT8930 MT8930C MT8930CC
OCR Text ...0 7 39 8 38 9 37 10 36 11 35 12 34 13 33 14 32 15 31 16 30 29 17 18 19 20 21 22 23 24 25 26 27 28 NC AS/ALE, P/SC CS, DReq IRQ/NDA, DCack VS...ohm line through a 2:1 ratio transformer. See Figures 20 and 21. Bias Voltage: analog ground for Tx ...
Description CMOS ST-BUS FAMILY Subscriber Network Interface Circuit Preliminary Information

File Size 681.41K  /  36 Page

View it Online

Download Datasheet

For 34-ohm Found Datasheets File :: 7362    Search Time::2.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 34-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1304178237915