Part Number Hot Search : 
74155 3331K000 IRFU9110 UTV00 3362X504 C74AC F494B 3003BR
Product Description
Full Text Search
  33v. Datasheet PDF File

For 33v. Found Datasheets File :: 122381    Search Time::2.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S
OCR Text 3.3 Volts @ 30 Amps 100 Watt, DC/DC Converters Features s s s s s s s s s s s s s Regulated 3.3V output @ 30 Amps Input range: 36V-75V Open frame: 2.3" x 2.4" x 0.47" Industry-standard package/pinout Light weight: 2.24 ounces (63.5g)...
Description 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
Single Output UHP Models

File Size 67.86K  /  4 Page

View it Online

Download Datasheet





    SP6641BEK-L-3-3

Exar Corporation
Part No. SP6641BEK-L-3-3
OCR Text ...ingle or dual cell alkaline to 3.3v or 5v output sp6641b provides up to 500ma output current with less than 50mvpp ripple high efficiency: up to 87% sot23-5 package & smt components for small, low profile power su...
Description Easy Evaluation for the SP6641A/6641B Single or Dual Cell Alkaline to 3.3V or 5V Output

File Size 83.59K  /  5 Page

View it Online

Download Datasheet

    SONY
Part No. SLD201U-3/V-3
OCR Text 3/v-3 50mw high power laser diode description the sld201u-3/v-3 is a gain-guided high-power laser diode fabricated by mocvd. features high power laser diode with the excellent general purpose application optical disc, laser printer structur...
Description 50mW High Power Laser Diode

File Size 74.79K  /  4 Page

View it Online

Download Datasheet

    SONY
Part No. SLD202U-3/V-3
OCR Text 3/v-3 50mw high power laser diode description sld202u-3/v-3 is a gain-guided high-power laser diode fabricated by mocvd. features high power laser diode with the excellent general purpose application communications, optical disc structure a...
Description 50mW High Power Laser Diode

File Size 74.79K  /  4 Page

View it Online

Download Datasheet

    SPX2954AU-3-3 SPX2954AU-5-0 SPX2954AM3-5-0 SPX2954M3-5-0

Sipex Corporation
Part No. SPX2954AU-3-3 SPX2954AU-5-0 SPX2954AM3-5-0 SPX2954M3-5-0
OCR Text ...escription features 5.0v and 3.3v versions at 250ma output accurate 0.5% for spx2954a very low quiescent current low dropout: 310mv at 250ma extremely tight load and line regulation very low temperature coefficient current and ther...
Description 250mA Low Dropout Voltage Regulator
   250mA Low Dropout Voltage Regulator

File Size 207.50K  /  17 Page

View it Online

Download Datasheet

    Panasonic
Part No. TXS2SX-LT-3V TXS2SX-L-3V-Z
OCR Text ....591(l) ? .291(w) ? .323(h) 3. high contact reliability high contact reliability is achieved by the use of gold-clad twin crossbar con...3v dc txs2-3v txs2-l-3v txs2-l2-3v txs2-lt-3v 4.5v dc txs2-4.5v txs2-l-4.5v txs2-l2-4.5v txs2-lt-4.5...
Description TX-S RELAYS

File Size 3,726.79K  /  7 Page

View it Online

Download Datasheet

    DE1A1B-L-3V DE1A1BL1.5 DE1A1BL12 DE1A1BL21.5 DE1A1BL212 DE1A1BL224 DE1A1BL23 DE1A1BL24 DE1A1BL24.5 DE1AL4.5 DE1A1BL4.5 D

Panasonic Semiconductor
Part No. DE1A1B-L-3V DE1A1BL1.5 DE1A1BL12 DE1A1BL21.5 DE1A1BL212 DE1A1BL224 DE1A1BL23 DE1A1BL24 DE1A1BL24.5 DE1AL4.5 DE1A1BL4.5 DE2AL4.5 DE1AL24.5 DE2AL24.5 DE2AL248 DE1AL248 DE1AL224 DE2AL224 DE1AL1.5 DE2AL1.5
OCR Text ...ltage between contact and coil* 3 min. 12,000 v (initial) operate time [set time]* 4 max. 10ms (typ. 5ms) [max. 10ms (typ. 4ms)] (at 20 ? ...3v 3 2.1 0.3 45 66.6 200 3.9 de ? -4.5v 4.5 3.15 0.45 101 44.5 200 5.85 de ? -5v 5 3.5 0.5 125 40 2...
Description COMPACT HIGH-INSULATION POLARIZED POWER RELAY
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY

File Size 2,015.25K  /  5 Page

View it Online

Download Datasheet

    CX-3V-SM332.768B CX-3V-SM332.768C CX-3V-SM132.768A CX-3VOT-SM132.768A CX-3VS-SM132.768A CX-3VOT-SM132.768B CX-3VOT-SM132

EUROQUARTZ limited
Part No. CX-3V-SM332.768B CX-3V-SM332.768C CX-3V-SM132.768A CX-3VOT-SM132.768A CX-3VS-SM132.768A CX-3VOT-SM132.768B CX-3VOT-SM132.768C CX-3VOT-SM232.768A CX-3VOT-SM232.768B CX-3VOT-SM232.768C CX-3VOT-SM332.768B CX-3VOT-SM332.768C CX-3VS-SM132.768B CX-3VS-SM132.768C CX-3VS-SM232.768A CX-3VS-SM232.768B CX-3VS-SM232.768C CX-3VS-SM332.768B CX-3VS-SM332.768C CX-3V-SM232.768A CX-3V-SM232.768C CX-3V-SM132.768B CX-3V-SM132.768C CX-3V-SM232.768B CX-3VSOT-SM332.768A CX-3VOT-SM332.768A CX-3VS-SM332.768A CX-3V-SM332.768A CX-3VSOT-SM132.768A CX-3VSOT-SM132.768B CX-3VSOT-SM132.768C CX-3VSOT-SM232.768A CX-3VSOT-SM232.768B CX-3VSOT-SM232.768C CX-3VSOT-SM332.768B CX-3VSOT-SM332.768C
OCR Text ... x typ. See Figure 2 See Figure 3 min. is 0.25 x typ. 1.8pF max. 18-25kHz 0.5W max. 25-600kHz 1.0W max. See Figure 4 -0.035ppm/C 5ppm max. 1...3V-SM Package Dimensions Dimension Typical (mm) Maximum (mm) A B C D E Dimension "C" 6.73 2....
Description CX MINIATURE CRYSTALS

File Size 123.34K  /  2 Page

View it Online

Download Datasheet

    TEC-A1-3V-XX-D TEC-A1-3V-XX-S TEC-A1-5V-XX-D TEC-A1-5V-XX-S TEC-A1LD TEC-A1LD-3V-XX-D TEC-A1LD-3V-XX-S TEC-A1LD-5V-XX-D

List of Unclassifed Manufacturers
ETC
Part No. TEC-A1-3V-XX-D TEC-A1-3V-XX-S TEC-A1-5V-XX-D TEC-A1-5V-XX-S TEC-A1LD TEC-A1LD-3V-XX-D TEC-A1LD-3V-XX-S TEC-A1LD-5V-XX-D TEC-A1LD-5V-XX-S
OCR Text ...djustable from 0V to Vps - 0.2V 3.1V to 3.5V or 4.75V to 5.25V (specify 3.3V or 5V when ordering) 0 to Vps surface mount or through hole complete metal shielding on all 6 sides 15C to 37C @Vps = 3.3V 15C to 50C @Vps = 5V Operating ambient t...
Description HIGH EFFICIENCY TEC CONTROLLER

File Size 293.27K  /  9 Page

View it Online

Download Datasheet

    IL422-3V

Electronic Theatre Controls, Inc.
ETC[ETC]
ANALOGICTECH[Advanced Analogic Technologies]
List of Unclassifed Manufacturers
Part No. IL422-3V
OCR Text 3.3 V Input Supply Compatible * 2500 VRMS Isolation (1 min) * 25 ns Propagation Delay * 25 MBaud Data Rate * 1 ns Pulse Skew (typ) * 60 mA D...3V is a galvanically isolated, high speed differential driver and receiver pair, designed for bidire...
Description Isolated 3Volt RS422/RS485 Interface

File Size 343.03K  /  7 Page

View it Online

Download Datasheet

For 33v. Found Datasheets File :: 122381    Search Time::2.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 33v.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7083251476288