Part Number Hot Search : 
BD159 LM78D05B MAX231 BZV55C13 BDA4601 EMC1201 32M10 DS1557
Product Description
Full Text Search
  33mh Datasheet PDF File

For 33mh Found Datasheets File :: 742    Search Time::3.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5002

SANKEN[Sanken electric]
Part No. 2SC5002
OCR Text ...g 2SC5002 1500 800 6 7(Pulse14) 3.5 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C Application : Display Horizontal Deflection Output, S...3mH -IB2=1A Duty:less than 1% Without Heatsink Natural Cooling 0.5 20 Without Heatsink 1...
Description Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output/ Switching Regulator and General Purpose)

File Size 23.63K  /  1 Page

View it Online

Download Datasheet





    2SC5003

SANKEN[Sanken electric]
Part No. 2SC5003
OCR Text 3.5 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C 2SC5003 (Ta=25C) 2SC5003 100max 1max 1max 6min 8min 4 to 9 5max 1.5max 2.0max 4typ 1...3mH -IB2=1A Duty:less than 1% nk Without Heatsink Natural Cooling 0.5 20 1 100 500...
Description Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output/ Switching Regulator and General Purpose)
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)

File Size 24.73K  /  1 Page

View it Online

Download Datasheet

    2SC5071

SANKEN[Sanken electric]
Part No. 2SC5071
OCR Text ...25C) 2SC5071 Unit A A 19.90.3 V V V MHz pF 4.0 a b o3.20.1 20.0min 4.0max 2 3 1.05 +0.2 -0.1 0.65 +0.2 -0.1 1.4 ...3mH IB2 =1.0A Duty:less than 1% 0.1 5 10 50 100 500 0.1 5 10 50 100 50...
Description Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)

File Size 23.88K  /  1 Page

View it Online

Download Datasheet

    IRF150SMD

SemeLAB
SEME-LAB[Seme LAB]
Part No. IRF150SMD
OCR Text 3 5 ) m in . 3 .7 0 (0 .1 4 6 ) 3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 ) 3 .4 1 (0 .1 3 4 ) 4 .1 4 (0 .1 6 3 ) 3 .8 4 (0 .1 5 1 ) SEME IR...3mH , RG = 25W , Peak IL = 27A , Starting TJ = 25C 3) @ ISD 27A , di/dt 70A/ms , VDD BVDSS , TJ ...
Description N-CHANNEL POWER MOSFET

File Size 22.29K  /  2 Page

View it Online

Download Datasheet

    IRF4905L IRF4905S IRF4B905L IRF4905STRL IRF4905STRL-111 IRF4905STRR

International Rectifier, Corp.
Part No. IRF4905L IRF4905S IRF4B905L IRF4905STRL IRF4905STRL-111 IRF4905STRR
OCR Text ...0 seconds Max. -74 -52 -260 3.8 200 1.3 20 930 -38 20 -5.0 -55 to + 175 300 (1.6mm from case ) Units A W W W/C V mJ A mJ V/ns C ...3mH RG = 25, IAS = -38A. (See Figure 12) TJ 175C ** When mounted on 1" square PCB (FR-4 or G-10...
Description Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.02ohm,身份证\u003d- 74A条)
Power MOSFET(Vdss=-55V/ Rds(on)=0.02ohm/ Id=-74A)
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
-55V Single P-Channel HEXFET Power MOSFET in a TO-262 package

File Size 159.46K  /  10 Page

View it Online

Download Datasheet

    IRF4905 IRF4B905 IRF4905PBF

International Rectifier, Corp.
Part No. IRF4905 IRF4B905 IRF4905PBF
OCR Text ...rew Max. -74 -52 -260 200 1.3 20 930 -38 20 -5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V mJ A mJ V/n...3mH RG = 25, IAS = -38A. (See Figure 12) Pulse width 300s; duty cycle 2%. IRF4905 1000 V...
Description Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.02ohm,身份证\u003d- 74A条)
-55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package

File Size 104.67K  /  8 Page

View it Online

Download Datasheet

    IRF9140

SEMELAB LTD
SEME-LAB[Seme LAB]
Part No. IRF9140
OCR Text ...TURES * HERMETICALLY SEALED TO-3 METAL PACKAGE 1 20.32 (0.800) 18.80 (0.740) dia. 7.87 (0.310) 6.99 (0.275) 1.78 (0.070) 1.52 (0.060)...3mH , RG = 25 , Peak IL = -18A , Starting TJ = 25C 3) @ ISD -18A , di/dt -100A/s , VDD BVDSS , TJ...
Description P-CHANNEL POWER MOSFET

File Size 21.26K  /  2 Page

View it Online

Download Datasheet

    IRF9Z24L IRF9Z24S IRF9Z24STRR IRF9Z24STRL

IRF[International Rectifier]
Part No. IRF9Z24L IRF9Z24S IRF9Z24STRR IRF9Z24STRL
OCR Text ...0 seconds Max. -11 -7.7 -44 3.7 60 0.40 20 240 -11 6.0 -4.5 -55 to + 175 300 (1.6mm from case ) Units A W W W/C V mJ A mJ V/ns C ...3mH RG = 25, IAS = -11A. (See Figure 12) Pulse width 300s; duty cycle 2%. Uses IRF9Z24 data a...
Description -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
Power MOSFET(Vdss=-60V/ Rds(on)=0.28ohm/ Id=-11A)
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)

File Size 307.08K  /  10 Page

View it Online

Download Datasheet

    IRF9Z34L IRF9Z34S IRF9Z34STRL IRF9Z34STRR

IRF[International Rectifier]
Part No. IRF9Z34L IRF9Z34S IRF9Z34STRL IRF9Z34STRR
OCR Text ...10 seconds Max. -18 -13 -72 3.7 88 0.59 20 370 -18 8.8 -4.5 -55 to + 175 300 (1.6mm from case ) Units A W W W/C V mJ A mJ V/ns C ...3mH RG = 25, IAS = -18A. (See Figure 12) Pulse width 300s; duty cycle 2%. Uses IRF9Z34 data a...
Description -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
Power MOSFET(Vdss=-60V/ Rds(on)=0.14ohm/ Id=-18A)
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)

File Size 330.76K  /  10 Page

View it Online

Download Datasheet

    2SC4557

SANKEN[Sanken electric]
Part No. 2SC4557
OCR Text ...0(TO3PF) 0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6 Unit A 23.00.3 V 9.50.2 A a b MHz pF 1.75 2.15 1.05 +0.2 -...3mH IB2=-1.0A Duty:less than 1% nk 0.5 Without Heatsink Natural Cooling 0.5 20 Wit...
Description Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)

File Size 24.62K  /  1 Page

View it Online

Download Datasheet

For 33mh Found Datasheets File :: 742    Search Time::3.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 33mh

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.51463079452515