Part Number Hot Search : 
SO1316 00BZX 141X1L BB510 ZMY3V0 TA7279 M66311P 2SD209
Product Description
Full Text Search
  321 Datasheet PDF File

For 321 Found Datasheets File :: 5475    Search Time::2.454ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Honeywell
Part No. HFE4080-321 HFE218X-521
OCR Text 321 FEATURES * Designed for drive currents between 5 and 15 mA * Optimized for low dependence of electrical properties over temperature www.DataSheet4U.com * High speed 1 GHz The HFE4090-321 is a high-performance 850 nm VCSEL (Vertica...
Description Fiber Optic LAN Components

File Size 2,983.22K  /  130 Page

View it Online

Download Datasheet





    Alpha Industries, Inc.
Alpha Industries Inc
Part No. AS209-321
OCR Text 321 Features Single Broadband Design Covers 802.11a, 802.11b and 3.5 GHz Fixed Wireless Applications Positive Voltage Control (0, +5 V) Low Insertion Loss Thru 6 GHz High Linearity QFN-12 3 x 3 mm Package Low Cost Description The...
Description GaAs IC Reflective SPDT DC-6 GHz 砷化镓集成电路反光单刀双掷DC - 6千兆
GaAs IC Reflective SPDT DC? GHz

File Size 182.26K  /  3 Page

View it Online

Download Datasheet

    Skyworks Solutions
Part No. SKY13247-321
OCR Text 321: PHEMT GaAs IC Ultra-Linear 0.1-2 GHz SP3T Switch Applications CDMA handsets UMTS handsets QFN-12 0.118 (3.00 mm) PIN 1 INDICATOR 0.008 (0.20 mm) SEATING PLANE 0.001 (0.02 mm) 0.118 (3.00 mm) Features Ultra-linear cross mod...
Description PHEMT GaAs IC Ultra-Linear 0.1-2 GHz SP3T Switch

File Size 81.03K  /  3 Page

View it Online

Download Datasheet

    AS218-321 AS218-321LF

Skyworks Solutions Inc.
ETC
Part No. AS218-321 AS218-321LF
OCR Text 321, AS218-321LF: PHEMT GaAs IC High Power Transfer Switch DC-6 GHz Applications QFN-12 0.118 (3.00 mm) 0.008 (0.20 mm) Seating Plane 0.001 (0.02 mm) 0.118 (3.00 mm) Pin 1 Indicator WLAN 802.11a, b, g diversity Features ...
Description PHEMT GaAs IC High Power Transfer Switch DC?6 GHz
PHEMT GaAs IC High Power Transfer Switch DC-6 GHz
PHEMT GaAs IC High Power Transfer Switch DC6 GHz

File Size 185.57K  /  4 Page

View it Online

Download Datasheet

    CXD1133Q-321

ETC
List of Unclassifed Manufacturers
Part No. CXD1133Q-321
OCR Text 321 (1/3) IL08 52 53 54 55 56 57 58 59 60 61 62 63 64 AV DD (+5V) VDD (+5V) A-GND GND 32 31 30 29 28 27 26 25 24 23 22 21 20 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 (AV DD , V DD =+5V) PIN No. 1 2 3 4 5 6 7 8 9 ...
Description CMOS 8 Bit Microcomputer
C-MOS 8-BIT MICROCOMPUTER

File Size 30.14K  /  3 Page

View it Online

Download Datasheet

    ALPHA[Alpha Industries]
Part No. AS202-321
OCR Text 321 Features Positive Low Voltage Control (0/2.75 V Operation) Low Insertion Loss (< 0.6 dB @ 2 GHz) High Isolation (30 dB at 1 and 2 GHz) Excellent Harmonics Performance (65 dBc @ 2.75 V 1 GHz PIN = 34 dBm) Miniature MLP-12 Plastic P...
Description PHEMT GaAs IC High Power SP3T Switch DC-2 GHz

File Size 77.58K  /  2 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. TAN-321
OCR Text 321 2002-02-14 1 audio ic application circuit tan-321 application circuit example of 3-band (fm, mw and lw) 5-v tuner ta2149bn + tc9257f 1. outline the above is an application circuit example of a 3-band (fm, mw and lw)...
Description Audio IC Application Circuit Application Circuit Example of 3-band (FM, MW and LW) 5-V Tuner TA2149BN TC9257F

File Size 136.16K  /  8 Page

View it Online

Download Datasheet

    CXD1133Q-321

ETC
Part No. CXD1133Q-321
OCR Text 321 (1/3) IL08 52 53 54 55 56 57 58 59 60 61 62 63 64 AV DD (+5V) VDD (+5V) A-GND GND 32 31 30 29 28 27 26 25 24 23 22 21 20 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 (AV DD , V DD =+5V) PIN No. 1 2 3 4 5 6 7 8 9 ...
Description C-MOS 8-BIT MICROCOMPUTER

File Size 21.23K  /  3 Page

View it Online

Download Datasheet

    ADC-321

Murata Power Solutions Inc.
Part No. ADC-321
OCR Text 321 OBSOLETE PRODUCT FEATURES Low power dissipation (180mW max.) Input signal bandwith (100MHz) Optional synchronized clamp function Low input capacitance (15pF typ.) +5V or +5V /+3.3V power supply operation Differential nonlinearity (...
Description 8-Bit, 50MHz Video A/D Converter

File Size 300.36K  /  8 Page

View it Online

Download Datasheet

    Skyworks Solutions
Part No. AS236-321
OCR Text ...notice.  mar. 1, 2003 1 as236-321: phemt gaas ic high power 4-ctl dpdt switch dc?6 ghz data sheet features application 802.11a (5.2?5.8 ghz) and 802.11b, (2.4 ghz) diversity operating frequency dc?6 ghz positive low voltage control (0/...
Description PHEMT GaAs IC High Power 4-CTL DPDT Switch DC-6 GHz

File Size 325.09K  /  3 Page

View it Online

Download Datasheet

For 321 Found Datasheets File :: 5475    Search Time::2.454ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73219895362854