Part Number Hot Search : 
XMXXX 3731I PTC60 20CTR S4806CBI LXT914 DTC124 FB38N20
Product Description
Full Text Search
  30vac Datasheet PDF File

For 30vac Found Datasheets File :: 179    Search Time::2.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    84134000 84134001 84134002 84111210 84137310 84137311 84137312 84134911 84134912 84134917 84134918 84060241 84134240 183

ETC
List of Unclassifed Manufacturers
http://
List of Unclassifed Man...
Part No. 84134000 84134001 84134002 84111210 84137310 84137311 84137312 84134911 84134912 84134917 84134918 84060241 84134240 18373112 84134010 84134011 84134012 84134040 84134041 84134042 84134080 84134081 84134082 84060001 84113310 84113311 84113312 84132400 84137142 84116110 84116111 84134380 84134210 84134211 84134212 84130158 84130250 84130251 84064131 84134340 84134341 84134342 84132700 84137330 84137331 84137332 26532740 26532741 26532742 84131910 84025030 84025040 84112210 84112214 84113210 84113212 84113230 84112110 84112111 84112112 84110310 84110311 84110330 84110331 84113110 84113111 84113112 84113130 84113131 84113330 84113331 26532720 26532721 26532730 26532731 26532758 26532760 26532761 26532762 26532764 26532796 26532797 26532798 84061631 84132710 84134850 84067441 84067449 84130110 84130111 84130112 84130113 84130114 84130115 84130116 84130118 84137010 84137200 84137111 84110430 84134870 84130100 84130101 84130102 84130103 84130104 84130105 84130108 84137850 26532801 84134180 84111110 84111111 84137120 84145041 84145042 84145043 84145046 84138000 84138001 84138101 84138201 84130270 84130271 84111212 84113011 84134330 84132200 84134332 84134331 84137231 84110232 84110230 841
OCR Text ...84145061 84145062 24Vac/dc 19.2-30vac/dc 20 mA 30vac/36Vdc 50 mA -25 to 60C -40 to 80C 8 ms 10 ms 10 Hz > 10 x 106 6 x 106 1.23 oz SPDT 84145064 120 95-121Vac/dc 5 mA 30vac/36Vdc 50 mA 84145066 240 195-253Vac/dc 5 mA 30vac/36Vdc 50 mA 84145...
Description SIMM Series Input Modules
   SIMM Series Input Modules

File Size 2,650.64K  /  50 Page

View it Online

Download Datasheet





    Vishay
Part No. MKI1810
OCR Text ...e ac voltages (rms) up to 60hz: 30vac, 63vac, 160vac test voltage: 1.6 x u r for 60 s insulation resistance: measured at + 20 c acc. to iec 60384-20 for c 0.33 f and u r > 100vdc 30 000 m ? minimum value for c 0.33 f and u r ...
Description Box encapsulated capacitor for surface mounting , C-values 1000 pF-10 μF, 50 - 400 VDC, Code sizes 2220, 2824, 4036, 5045, 6560, Tape and Reel packaging

File Size 45.81K  /  6 Page

View it Online

Download Datasheet

    1269

Pomona Electronics
Part No. 1269
OCR Text ...oltage: hand - held testing: 30vac/60vdc max., hands free testing in controlled voltage environments: 500 vrms ma x., operating temperature: +50c (+122f) max. model 1270: bnc (male): body: brass, nickel plated, dielectric: ptfe, ...
Description BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE

File Size 24.44K  /  2 Page

View it Online

Download Datasheet

    SU842770

celduc-relais
Part No. SU842770
OCR Text ...ection . Plage de controle: 18-30vac/DC LED de visualisation sur l'entree de couleur jaune. Control range: 18-30vac/DC. Yellow LED visualization on the input. Protection IP20 avec volets amovibles IP20 protection with flaps Construit en ...
Description Power Solid State Relay

File Size 689.73K  /  7 Page

View it Online

Download Datasheet

    HFD2_012SL2D HFD2 HFD2_012ML1 HFD2_012ML1D HFD2_012ML2 HFD2_012ML2D HFD2_012SL1 HFD2_012SL1D HFD2_012SL2 HFD2/012SL2D HF

List of Unclassifed Manufacturers
ETC[ETC]
Part No. HFD2_012SL2D HFD2 HFD2_012ML1 HFD2_012ML1D HFD2_012ML2 HFD2_012ML2D HFD2_012SL1 HFD2_012SL1D HFD2_012SL2 HFD2/012SL2D HFD2/012ML1D HFD2/012ML2 HFD2/012ML2D HFD2/012SL1 HFD2/012SL1D
OCR Text ...C 30VDC 30VDC 60VDC 60VDC 60VDC 30vac 30vac 30vac 60VAC 60VAC 60VAC 125VAC 125VAC 125VAC Power 50uW 20W 30W 60W 20W 30W 60W 40VA 80VA 120VA 40VA 80VA 120VA 40VA 80VA 125VA Number of operations Resistive Load 5 x 10 7 Inductive L...
Description SUBMINIATURE DIP RELAY

File Size 41.05K  /  3 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. MKT1804
OCR Text ... AC VOLTAGES (RMS) UP TO 60Hz: 30vac, 40VAC, 63VAC, 160VAC, 200VAC COATING: Flame retardant plastic case material (UL-class 94 V-0), color white, epoxy resin sealed TEST VOLTAGE: 1.6 x UR for 60 s CONSTRUCTION: Metallized polye...
Description Box encapsulated capacitor for surface mounting , C-values 1000 pF-10 μF, 50 - 400 VDC, Code sizes 2220, 2824, 4036, 5045, 6560, Tape and Reel packaging
SMD Metallized Polyester Film Capacitor

File Size 53.62K  /  8 Page

View it Online

Download Datasheet

    84134310 84134311 84134312 84067441 84067449 84134900 84134901 84134902 84134907 84134908 84134909 84137280 84062291 841

ETC
Part No. 84134310 84134311 84134312 84067441 84067449 84134900 84134901 84134902 84134907 84134908 84134909 84137280 84062291 84110310 84110311 84137020 84137021 84137022 84134030 84134031 84134032 84064131 84063261 84134850 84065030 84065040 84065131 84134120 84130310 84130311 84130312 84130270 84130271 84130280 84130281 84137120 84060431 84116310 84116311 84145066 84138000 84138001 84138101 84138201 84110330 84134100 84134101 84134102 84134110 84134111 84134112 84134121 84134122 84134130 84134131 84134132 84134140 84134141 84134142 84134180 84134181 84134182 84110232 84111110 84111111 84110430 84137000 84137001 84137002 84137010 84137011 84137012 84137030 84137031 84137032 84137040 84137041 84137042 84137080 84137081 84137082 84137100 84137101 84137102 84137110 84137111 84060941 84137112 84061431 84061433 84145064 84060631 84060633 84145001 84145004 84145005 84145010 84145011 84145015 84145020 84145021 84145024 84145025 84145031 84145041 84145042 84134280 84137300 84137301 84137302 84062381 84137200 84137201 84137202 84134330 84134331 84134332 84137121 84137122 84137130 84137131 84137132 84137140 84137141 84137870 84137330 84137331 84137332 84113430 84132410 84028651 84028653 84028453 841
OCR Text ...84145061 84145062 24Vac/dc 19.2-30vac/dc 20 mA 30vac/36Vdc 50 mA -25 to 60C -40 to 80C 8 ms 10 ms 10 Hz > 10 x 106 6 x 106 1.23 oz SPDT 84145064 120 95-121Vac/dc 5 mA 30vac/36Vdc 50 mA 84145066 240 195-253Vac/dc 5 mA 30vac/36Vdc 50 mA 84145...
Description SIMM Series Input Modules

File Size 2,640.53K  /  50 Page

View it Online

Download Datasheet

    2-1393809-1 2-1393809-3 2-1393809-4 2-1393810-9 2-1393810-0 2-1393810-2 2-1393810-3 2-1393810-5 2-1393818-0 2-1393810-1

Tyco Electronics
TE Connectivity Ltd
Part No. 2-1393809-1 2-1393809-3 2-1393809-4 2-1393810-9 2-1393810-0 2-1393810-2 2-1393810-3 2-1393810-5 2-1393818-0 2-1393810-1 2-1393810-4 2-1393810-6 2-1393810-7 2-1393818-2 2-1393808-8 1419147-6
OCR Text ...c 36vdc 150vdc 125vac 30vac 125vac 30vac 125vac rated current 2a 0.2a 2a 0.2a 5a limiting continuous current at max. ambient temperature 2a 2a 2a 2a 5a breaking capacity max. 35 to 70w 5w, 5va 35 to 7...
Description Cradle N Relay V23154/V23162
Great variety of contact arrangements and materials to meet specific applications

File Size 1,673.19K  /  10 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 896-30-004-90-000000
OCR Text ...ated ul94v-0 ratings: voltage: 30vac (rms) current: 1a max. per contact for 30c temperature rise thru-hole housings rated at 130c for wave soldering smt housing rated at 240c for reflow soldering electrical: contact resistance: 30m max. i...
Description 4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE

File Size 167.38K  /  2 Page

View it Online

Download Datasheet

For 30vac Found Datasheets File :: 179    Search Time::2.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 30vac

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9941389560699