Part Number Hot Search : 
TSM231 2SB1535P DT70N6T ON2778 C847A 600TTS SMCJ10A V285ME10
Product Description
Full Text Search
  308 Datasheet PDF File

For 308 Found Datasheets File :: 3392    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    110-90-308-41-105161 110-90-314-41-105161 110-90-316-41-105161 110-90-318-41-105161 110-90-320-41-105161 110-90-324-41-1

PREDIP[Precid-Dip Durtal SA]
PRECI-DIP SA
Part No. 110-90-308-41-105161 110-90-314-41-105161 110-90-316-41-105161 110-90-318-41-105161 110-90-320-41-105161 110-90-324-41-105161 110-90-328-41-105161 110-90-624-41-105161 110-90-628-41-105161 110-90-632-41-105161 110-90-640-41-105161 110-91-308-41-105161 110-91-314-41-105161 110-91-316-41-105161 110-91-318-41-105161 110-91-320-41-105161 110-91-324-41-105161 110-91-328-41-105161 110-91-624-41-105161 110-91-628-41-105161 110-91-632-41-105161 110-91-640-41-105161 110-Z1-308-41-105161 110-Z1-314-41-105161 110-Z1-316-41-105161 110-Z1-318-41-105161 110-Z1-320-41-105161 110-Z1-324-41-105161 110-Z1-328-41-105161 110-Z1-624-41-105161 110-Z1-628-41-105161 110-Z1-632-41-105161 110-Z1-640-41-105161 150-90-308-00-106161 150-90-314-00-106161 150-90-316-00-106161 150-90-318-00-106161 150-90-324-00-106161 150-90-328-00-106161 150-90-624-00-106161 150-90-628-00-106161 150-90-632-00-106161 150-90-640-00-106161 150-91-308-00-106161 150-91-314-00-106161 150-91-316-00-106161 150-91-318-00-106161 150-91-320-00-106161 150-91-324-00-106161 150-91-328-00-106161 150-91-624-00-106161 150-91-628-00-106161 150-91-632-00-106161 150-91-640-00-106161 150-Z1-308-00-106161 150-Z1-314-00-106161 150-Z1-316-00-106161 150
OCR Text ... 18 20 24 28 24 28 32 40 110-xx-308-41-105161 110-xx-314-41-105161 110-xx-316-41-105161 110-xx-318-41-105161 110-xx-320-41-105161 110-xx-324-41-105161 110-xx-328-41-105161 110-xx-624-41-105161 110-xx-628-41-105161 110-xx-632-41-105161 110-x...
Description    Dual-in-line sockets and headers / open frame / surface mount pick and place
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:18.5pF/ft; Conductor Material:Copper RoHS Compliant: Yes
CAT 6A BLADE SERVER PATCH CABLE 5 WHT
CAT 6A BLADE SERVER PATCH CABLE 10 WHT
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:21.9pF/ft; Conductor Material:Copper RoHS Compliant: Yes
CAT 6A BLADE SERVER PATCH CABLE 7 WHT
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E; Capacitance:30.7pF/ft RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes
OTTA 25 M6 PH3
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes
Dual-in-line sockets and headers / open frame / surface mount pick and place 双列直插式插座和开架式/表面贴装贴装
Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 双列直插式插座和开架式/表面贴装贴装
CONNECTOR ACCESSORY 双列直插式插座和开架式/表面贴装贴装
Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 双列直插式插座和开架式/表面贴装贴装
HDFK 25 MIT,SCHRAUBE SIX LOBE 双列直插式插座和开架式/表面贴装贴装
OSC 3.3V SMT 7X5 PECL 双列直插式插座和开架式/表面贴装贴装
CAT 6A BLADE SERVER PATCH CABLE 5 WHT 双列直插式插座和开架式/表面贴装贴装
HDFK 95-VP 双列直插式插座和开架式/表面贴装贴装

File Size 32.59K  /  1 Page

View it Online

Download Datasheet





    DS-308 DS-308N DS-308SMA DS-308BNC DS-117PIN

M/A-COM Technology Solutions, Inc.
Part No. DS-308 DS-308N DS-308SMA DS-308BNC DS-117PIN
OCR Text 308 Three-Way Power Divider, 1 - 300 MHz Features * * * * * * Low Loss: 0.5 dB Typical Impedance: 50 Ohms Nominal Power Rating: 1W Max. Internal Load Dissipation: 0.05 W Max. Flatpack and Connectorized Packages MIL-STD-202 Screening Avai...
Description Three-Way Power Divider, 1 - 300 MHz

File Size 67.30K  /  3 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. TDXLF-308
OCR Text ...hs compliant standard tdxlf-308 features best suited for portable devices with low current consumption ?m????yO for a clock source in digital equipments m?aO r? standard specifications ?? 2 ...
Description Tuning Fork Crystal Units

File Size 335.94K  /  5 Page

View it Online

Download Datasheet

For 308 Found Datasheets File :: 3392    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55057001113892